Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD237G-T6S-K Datasheet(PDF) 1 Page - Unisonic Technologies

Part # BD237G-T6S-K
Description  80V, NPN TRANSISTORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BD237G-T6S-K Datasheet(HTML) 1 Page - Unisonic Technologies

  BD237G-T6S-K Datasheet HTML 1Page - Unisonic Technologies BD237G-T6S-K Datasheet HTML 2Page - Unisonic Technologies BD237G-T6S-K Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNISONIC TECHNOLOGIES CO., LTD
BD237
NPN EPITAXIAL SILICON TRANSISTOR
www.unisonic.com.tw
1 of 3
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R226-001, B
80V, NPN TRANSISTORS
DESCRIPTION
The UTC BD237 is an NPN transistor. it uses UTC’s advanced
technology
to
provide
customers
with
high
collector-emitter
breakdown voltage, etc.
FEATURES
* Complement to UTC BD238 respectively
* High collector-emitter breakdown voltage
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
BD237L-T6S-K
BD237G-T6S-K
TO-126S
E
C
B
Bulk


Similar Part No. - BD237G-T6S-K

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BD237G ONSEMI-BD237G Datasheet
68Kb / 4P
   Plastic Medium Power Bipolar Transistors
November, 2005 ??Rev. 14
BD237G ONSEMI-BD237G Datasheet
93Kb / 5P
   Plastic Medium Power Bipolar Transistors
December, 2013 ??Rev. 17
More results

Similar Description - BD237G-T6S-K

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
BD237 UTC-BD237_15 Datasheet
122Kb / 3P
   80V, NPN TRANSISTORS
logo
Diodes Incorporated
BCX5616Q DIODES-BCX5616Q_15 Datasheet
505Kb / 7P
   80V NPN MEDIUM POWER TRANSISTORS IN SOT89
BCX5616Q DIODES-BCX5616Q Datasheet
426Kb / 7P
   80V NPN MEDIUM POWER TRANSISTORS IN SOT89
November 2020
logo
Nexperia B.V. All right...
BC54PAS NEXPERIA-BC54PAS Datasheet
1Mb / 14P
   45V/60V/80V, 1A NPN medium power transistors
BC54PAS_SER NEXPERIA-BC54PAS_SER Datasheet
1Mb / 14P
   45V/60V/80V, 1A NPN medium power transistors
Rev. 1 - 11 November 2014
logo
Rohm
2SAR554P ROHM-2SAR554P_09 Datasheet
244Kb / 5P
   Midium Power Transistors (-80V / -1.5A)
2SAR514R ROHM-2SAR514R Datasheet
372Kb / 6P
   Midium Power Transistors (-80V / -0.7A)
2SCR514R ROHM-2SCR514R Datasheet
347Kb / 6P
   Midium Power Transistors (80V / 0.7A)
2SCR554R ROHM-2SCR554R Datasheet
442Kb / 6P
   Midium Power Transistors (80V / 1.5A)
2SAR544D ROHM-2SAR544D Datasheet
408Kb / 6P
   Midium Power Transistors (-80V / -2.5A)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com