Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N2063 Datasheet(PDF) 1 Page - Digitron Semiconductors

Part # 1N2063
Description  HIGH POWER RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

1N2063 Datasheet(HTML) 1 Page - Digitron Semiconductors

  1N2063 Datasheet HTML 1Page - Digitron Semiconductors 1N2063 Datasheet HTML 2Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
1N2054-1N2068
HIGH POWER RECTIFIER
MAXIMUM RATINGS
1N
Part number
2054
2055
2056
2057
2058
2059
2060
2061
2062
2063
2064
2065
2066
2067
2068
Unit
Peak inverse voltage
50
100
150
200
250
300
350
400
450
500
600
700
800
900
1000
V
ELECTRICAL CHARACTERISTICS
Characteristics
Symbol
Value
Test Conditions
Average forward current
IF(AV)
250 Amps
TC = 135°C, square wave, RθJC = 0.18°C/W
Maximum surge current
IFSM
5000 Amps
8.3ms, half sine, TJ = 190°C
Maximum I2t for fusing
I2t
104125 A2s
8.3ms
Maximum peak forward voltage
VFM
1.3 Volts
IFM = 300A, TJ = 25°C*
Maximum peak reverse current
IRM
10 mA
VRRM, TJ = 150°C
Maximum reverse current
IRM
75 µA
VRRM, TJ = 25°C
*Pulse test: Pulse width 300µs. Duty cycle 2%.
THERMAL CHARACTERISTICS
Characteristics
Symbol
Value
Storage temperature range
Tstg
-65 to +190°C
Operating junction temperature range
TJ
-65 to +190°C
Maximum thermal resistance
R
θJC
0.18°C/W junction to case
Typical thermal resistance (greased)
R
θCS
0.08°C/W case to sink
Mounting torque
300-325 inch pounds
Weight
8.5 ounces (240 grams) typical
MECHANICAL CHARACTERISTICS
Case
DO-9(R)
Marking
Alpha-numeric
Normal polarity
Cathode is stud
Reverse polarity
Anode is stud (add “R” suffix)
DO-9(R)
Inches
Millimeters
Min
Max
Min
Max
A
5.300
5.900
134.60
149.90
B
-
2.100
-
53.340
C
-
1.120
-
28.450
D
-
0.749
-
19.020
F
0.793
0.828
20.140
21.030
G
0.310
0.360
7.870
9.140
H
-
1.100
-
27.940
J
-
0.125
-
3.180
K
-
0.755
-
19.180
L
0.423
0.453
10.740
11.510
M
-
0.170
-
4.320
N
0.470
0.530
11.940
13.460
P
0.338
0.350
8.580
8.890
Q
1.218
1.250
30.940
31.750
sales@digitroncorp.com
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20100218


Similar Part No. - 1N2063

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N2063 MICROSEMI-1N2063 Datasheet
135Kb / 2P
   SILICON POWER RECTIFIER
1N2063 MICROSEMI-1N2063 Datasheet
142Kb / 2P
   SILICON POWER RECTIFIER
More results

Similar Description - 1N2063

ManufacturerPart #DatasheetDescription
logo
Digitron Semiconductors
1N3288 DIGITRON-1N3288 Datasheet
156Kb / 3P
   HIGH POWER RECTIFIER
A180 DIGITRON-A180 Datasheet
426Kb / 2P
   HIGH POWER RECTIFIER
logo
Sensitron
SRS1150HE SENSITRON-SRS1150HE Datasheet
40Kb / 2P
   HIGH EFFICIENCY POWER RECTIFIER
SRS3120HE SENSITRON-SRS3120HE Datasheet
40Kb / 2P
   HIGH EFFICIENCY POWER RECTIFIER
SRS3140HE SENSITRON-SRS3140HE Datasheet
40Kb / 2P
   HIGH EFFICIENCY POWER RECTIFIER
logo
America Semiconductor, ...
MBR8045 AMERICASEMI-MBR8045 Datasheet
569Kb / 2P
   HIGH POWER-SCHOTTKY RECTIFIER
MBR8020 AMERICASEMI-MBR8020 Datasheet
569Kb / 2P
   HIGH POWER-SCHOTTKY RECTIFIER
logo
Sensitron
SRS3150HE SENSITRON-SRS3150HE Datasheet
40Kb / 2P
   HIGH EFFICIENCY POWER RECTIFIER
SRS3130HE SENSITRON-SRS3130HE Datasheet
40Kb / 2P
   HIGH EFFICIENCY POWER RECTIFIER
SRS1140HE SENSITRON-SRS1140HE Datasheet
40Kb / 2P
   HIGH EFFICIENCY POWER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com