Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N3744 Datasheet(PDF) 1 Page - Digitron Semiconductors

Part # 1N3744
Description  HIGH POWER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

1N3744 Datasheet(HTML) 1 Page - Digitron Semiconductors

  1N3744 Datasheet HTML 1Page - Digitron Semiconductors 1N3744 Datasheet HTML 2Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
1N3735-1N3744
HIGH POWER RECTIFIERS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Value
Unit
Average Forward Current
IF(AV)
275 Amps
TC = 120°C, square wave,
RθJC = 0.18°C/W
Maximum Surge Current
IFSM
5000 Amps
8.3ms, half sine, TJ = 190°C
Max. I2t for fusing
I2t
104125 A2s
8.3ms
Max. Peak Forward Voltage
VFM
1.3 Volts
IFM = 300A: TJ = 25°C*
Max. Peak Reverse Current
IRM
10mA
VRRM, TJ = 150°C
Max. Reverse Current
IRM
75µA
VRRM, TJ = 25°C
*Pulse test: Pulse width 300µsec. Duty cycle 2%
VOLTAGE RATINGS
Part Number
PIV
1N3735
100 V
1N3736
200 V
1N3737
300 V
1N3738
400 V
1N3739
500 V
1N3740
600 V
1N3741
800 V
1N3742
1000 V
1N3743
1200 V
1N3744
1400 V
THERMAL CHARACTERISTICS
Characteristic
Symbol
Value
Storage Temperature Range
Tstg
-65 to +190°C
Operating Junction Temperature Range
TJ
-65 to +190°C
Maximum Thermal Resistance
RθJC
0.18°C/W junction to case
Typical Thermal Resistance
RθCS
.08°C/W case to sink
Mounting Torque
300-325 inch pounds
sales@digitroncorp.com
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20121214


Similar Part No. - 1N3744

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N3744 MICROSEMI-1N3744 Datasheet
142Kb / 2P
   SILICON POWER RECTIFIER
logo
List of Unclassifed Man...
1N3744 ETC2-1N3744 Datasheet
538Kb / 6P
   High Power Silicon Rectifier
More results

Similar Description - 1N3744

ManufacturerPart #DatasheetDescription
logo
Digitron Semiconductors
1N4044 DIGITRON-1N4044 Datasheet
107Kb / 2P
   HIGH POWER RECTIFIERS
1N3085 DIGITRON-1N3085 Datasheet
172Kb / 3P
   HIGH POWER RECTIFIERS
logo
America Semiconductor, ...
MBR60045CT AMERICASEMI-MBR60045CT Datasheet
599Kb / 2P
   HIGH POWER -SCHOTTKY RECTIFIERS
MBR40020CT AMERICASEMI-MBR40020CT Datasheet
325Kb / 2P
   HIGH POWER -SCHOTTKY RECTIFIERS
MBRT60045 AMERICASEMI-MBRT60045 Datasheet
654Kb / 2P
   HIGH POWER-SCHOTTKY RECTIFIERS
MBRT30020 AMERICASEMI-MBRT30020 Datasheet
636Kb / 2P
   HIGH POWER-SCHOTTKY RECTIFIERS
MBRT20020 AMERICASEMI-MBRT20020 Datasheet
643Kb / 2P
   HIGH POWER-SCHOTTKY RECTIFIERS
MBRH12045 AMERICASEMI-MBRH12045 Datasheet
635Kb / 2P
   HIGH POWER -SCHOTTKY RECTIFIERS
MBRH12020 AMERICASEMI-MBRH12020 Datasheet
634Kb / 2P
   HIGH POWER -SCHOTTKY RECTIFIERS
MBR50020CT AMERICASEMI-MBR50020CT Datasheet
597Kb / 2P
   HIGH POWER -SCHOTTKY RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com