Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N3881 Datasheet(PDF) 1 Page - Digitron Semiconductors

Part # 1N3881
Description  FAST RECOVERY RECTIIFER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

1N3881 Datasheet(HTML) 1 Page - Digitron Semiconductors

  1N3881 Datasheet HTML 1Page - Digitron Semiconductors 1N3881 Datasheet HTML 2Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
1N3879-1N3883
FAST RECOVERY RECTIIFER
MAXIMUM RATINGS
Parameters
Symbol
1N3879
1N3880
1N3881
1N3882
1N3883
Working peak reverse voltage
VRWM
50V
100V
200V
300V
400V
Peak repetitive reverse voltage
VRRM
50V
100V
200V
300V
400V
Operating temperature range
TJ
-65 to +150°C
Storage temperature range
Tstg
-65 to +175°C
Maximum thermal resistance
R
θJC
2.0°C/W junction to case
Mounting torque
12-15 inch pounds
Weight
.16 ounces (5.0 grams) typical
Add “R” to part numbers for reverse polarity.
ELECTRICAL CHARACTERISTICS
Parameters
Symbol
Value
Test Condition
Average forward current
IF(AV)
6 Amps
TC = 100°C, square wave, RθJC = 2.0°C/W
Maximum surge current
IFSM
200 Amps
8.3ms, half-sine, TC = 100°C
Maximum peak forward voltage
VFM
1.40 Volts
IFM = 20A: TJ = 25°C*
Maximum peak reverse current
IRM
15 µA
VRRM, TJ = 25°C
Maximum peak reverse current
IRM
3.0 mA
VRRM, TJ = 150°C
Maximum reverse recovery time
tRR
200nS
IF = 1A dc, VR = 30V, di/dt = 25A/µs, TC = 55°C
Typical junction capacitance
CJ
115pF
VR = 10V, f = 1MHz, TJ = 25°C
Pulse test: pulse width 300µsec. Duty cycle 2%
MECHANICAL CHARACTERISTICS
Case
DO-4(R)
Marking
Alpha numeric
Normal polarity
Cathode is stud
Reverse polarity
Anode is stud (add “R” suffix)
DO-4
Inches
Millimeters
Min
Max
Min
Max
A
-
0.078
-
1.981
B
0.422
0.453
10.719
11.506
C
-
0.405
-
10.287
D
-
0.800
-
20.320
E
0.420
0.440
10.668
11.176
F
-
0.250
-
6.350
G
-
0.424
-
10.770
H
0.066
-
1.676
-
Available Non-RoHS (standard) or RoHS compliant (add PBF suffix).
Available as “HR” (high reliability) screened per MIL-PRF-19500, JANTX level. Add “HR” suffix to base part number.
sales@digitroncorp.com
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20121127


Similar Part No. - 1N3881

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N3881 MICROSEMI-1N3881 Datasheet
110Kb / 2P
   Fast Recovery Rectifier
logo
Vishay Siliconix
1N3881 VISHAY-1N3881 Datasheet
147Kb / 8P
   Fast Recovery Diodes (Stud Version), 6 A, 12 A
Revision: 11-Jan-18
logo
International Rectifier
1N3881 IRF-1N3881 Datasheet
315Kb / 8P
   6A, 12A AND 16A FAST RECOVERY RECTIFIERS
logo
Vishay Siliconix
1N3881 VISHAY-1N3881 Datasheet
2Mb / 11P
   Fast Recovery Diodes(Stud Version)
Revision: 26-Sep-08
logo
Solid States Devices, I...
1N3881 SSDI-1N3881 Datasheet
201Kb / 2P
   6 AMPS 50-400 VOLTS 120 nsec FAST RECOVERY RECTIFIER
More results

Similar Description - 1N3881

ManufacturerPart #DatasheetDescription
logo
Digitron Semiconductors
1N3899 DIGITRON-1N3899 Datasheet
118Kb / 2P
   FAST RECOVERY RECTIIFER
1N3889 DIGITRON-1N3889 Datasheet
110Kb / 2P
   FAST RECOVERY RECTIIFER
logo
Powersem GmbH
PSEI2X30-0406 POWERSEM-PSEI2X30-0406 Datasheet
152Kb / 2P
   Fast Recovery Fast Recovery
PSEI2X61-10 POWERSEM-PSEI2X61-10 Datasheet
137Kb / 2P
   Fast Recovery Fast Recovery
logo
EIC discrete Semiconduc...
FR201 EIC-FR201_05 Datasheet
55Kb / 2P
   FAST RECOVERY
FR301 EIC-FR301_05 Datasheet
54Kb / 2P
   FAST RECOVERY
FR501 EIC-FR501_05 Datasheet
56Kb / 2P
   FAST RECOVERY
logo
Yea Shin Technology Co....
FG1001FCT YEASHIN-FG1001FCT Datasheet
435Kb / 3P
   FAST RECOVERY
FG2001FCT YEASHIN-FG2001FCT Datasheet
648Kb / 3P
   FAST RECOVERY
FG1207FCT YEASHIN-FG1207FCT Datasheet
438Kb / 3P
   FAST RECOVERY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com