Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N3913 Datasheet(PDF) 1 Page - Digitron Semiconductors

Part # 1N3913
Description  FAST RECOVERY RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

1N3913 Datasheet(HTML) 1 Page - Digitron Semiconductors

  1N3913 Datasheet HTML 1Page - Digitron Semiconductors 1N3913 Datasheet HTML 2Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
1N3909-1N3913
FAST RECOVERY RECTIFIER
MAXIMUM RATINGS
Parameter
Symbol
1N3909
1N3910
1N3911
1N3912
1N3913
Working peak reverse voltage
VRM
50V
100V
200V
300V
400V
Operating temperature range
TJ
-65 to +150°C
Storage temperature range
Tstg
-65 to +175°C
Maximum thermal resistance
R
θJC
0.8°C/W junction to case
Mounting torque
25-30 inch pounds
Weight
.54 ounces (15.3 grams) typical
Add “R” to part numbers for reverse polarity.
ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Value
Test Conditions
Average forward current
IF(AV)
30 Amps
TC = 100°C, square wave, RθJC = 0.8°C/W
Maximum surge current
IFSM
300 Amps
8.3ms, half-sine, TC = 100°C
Maximum peak forward voltage
VFM
1.40 Volts
IFM = 50A: TJ = 25°C*
Maximum peak reverse current
IRM
15 µA
VRRM, TJ = 25°C
Maximum peak reverse current
IRM
6.0 mA
VRRM, TJ = 150°C
Maximum reverse recovery time
tRR
200ns
IF = 1A dc, VR = 30V, di/dt = 25A/µs
Typical junction capacitance
CJ
130pF
VR = 10V, f = 1Mhz, TJ = 25°C
Pulse test: pulse width 300µsec. Duty cycle 2%
MECHANICAL CHARACTERISTICS
Case
DO-5(R)
Marking
Alpha-numeric
Normal polarity
Cathode is stud
Reverse polarity
Anode is stud (add “R” suffix)
DO-5(R)
Inches
Millimeters
Min
Max
Min
Max
A
¼-28 UNF2A threads
B
0.669
0.688
16.990
17.480
C
-
0.794
-
20.160
D
-
1.000
-
25.400
E
0.422
0.453
10.720
11.510
F
0115
0.200
2.920
5.080
G
-
0.450
-
11.430
H
0.220
0.249
5.580
6.320
J
0.250
0.375
6.350
9.530
K
0.156
-
3.960
-
M
-
0.667
-
16.940
N
0.030
0.080
0.760
2.030
P
0.140
0.175
3.560
4.450
Available Non-RoHS (standard) or RoHS compliant (add PBF suffix).
Available as “HR” (high reliability) screened per MIL-PRF-19500, JANTX level. Add “HR” suffix to base part number.
sales@digitroncorp.com
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20121119


Similar Part No. - 1N3913

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N3913 MICROSEMI-1N3913 Datasheet
94Kb / 2P
   Military Fast Recovery Rectifier
1N3913 MICROSEMI-1N3913 Datasheet
111Kb / 2P
   Fast Recovery Rectifier
logo
Solid States Devices, I...
1N3913 SSDI-1N3913 Datasheet
101Kb / 2P
   30A, 200nsec, 50-400 V Fast Recovery Rectifier
logo
Microsemi Corporation
1N3913 MICROSEMI-1N3913 Datasheet
78Kb / 3P
   HIGH RELIABILITY FAST RECOVERY RECTIFIER
logo
New Jersey Semi-Conduct...
1N3913 NJSEMI-1N3913 Datasheet
105Kb / 1P
   Fast Rectifiers, 20A < I(0)/I(F) s 50A
More results

Similar Description - 1N3913

ManufacturerPart #DatasheetDescription
logo
Diotech Company.
FR301 DIOTECH-FR301 Datasheet
679Kb / 2P
   FAST RECOVERY RECTIFIER
logo
Shenzhen Ping Sheng Ele...
1F1 PFS-1F1 Datasheet
161Kb / 2P
   FAST RECOVERY RECTIFIER
logo
EIC discrete Semiconduc...
RGP15A EIC-RGP15A Datasheet
115Kb / 2P
   FAST RECOVERY RECTIFIER
logo
Microsemi Corporation
1N3879 MICROSEMI-1N3879_07 Datasheet
119Kb / 2P
   Fast Recovery Rectifier
1N3890A MICROSEMI-1N3890A_07 Datasheet
121Kb / 2P
   Fast Recovery Rectifier
logo
TRANSYS Electronics Lim...
16FL5S02 TEL-16FL5S02 Datasheet
170Kb / 1P
   Fast Recovery Rectifier
logo
Galaxy Semi-Conductor H...
FR101 BILIN-FR101 Datasheet
65Kb / 2P
   FAST RECOVERY RECTIFIER
RGP10A BILIN-RGP10A Datasheet
63Kb / 2P
   FAST RECOVERY RECTIFIER
PG101 BILIN-PG101 Datasheet
62Kb / 2P
   FAST RECOVERY RECTIFIER
PR1001 BILIN-PR1001 Datasheet
54Kb / 2P
   FAST RECOVERY RECTIFIER
3JH45 BILIN-3JH45 Datasheet
57Kb / 2P
   FAST RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com