Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTB9435J3 Datasheet(PDF) 4 Page - Cystech Electonics Corp.

Part # BTB9435J3
Description  Low Vcesat PNP Epitaxial Planar Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

BTB9435J3 Datasheet(HTML) 4 Page - Cystech Electonics Corp.

  BTB9435J3 Datasheet HTML 1Page - Cystech Electonics Corp. BTB9435J3 Datasheet HTML 2Page - Cystech Electonics Corp. BTB9435J3 Datasheet HTML 3Page - Cystech Electonics Corp. BTB9435J3 Datasheet HTML 4Page - Cystech Electonics Corp. BTB9435J3 Datasheet HTML 5Page - Cystech Electonics Corp. BTB9435J3 Datasheet HTML 6Page - Cystech Electonics Corp. BTB9435J3 Datasheet HTML 7Page - Cystech Electonics Corp. BTB9435J3 Datasheet HTML 8Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
CYStech Electronics Corp.
Spec. No. : C809J3
Issued Date : 2008.06.12
Revised Date: 2014.03.25
Page:4/8
BTB9435J3
CYStek Product Specification
Typical Characteristics(Cont.)
Saturation Voltage vs Collector Current
100
1000
10000
1
10
100
1000
10000
Collector Current---IC(mA)
VBESAT@IC=10IB
On Voltage vs Collector Current
100
1000
10000
1
10
100
1000
10000
Collector Current---IC(mA)
VBEON@VCE=2V
Capacitance vs Reverse-biased Voltage
10
100
1000
0.1
1
10
100
Reverse-biased Voltage---VR(V)
Cib
Cob
Transition Frequency vs Collector Current
10
100
1000
1
10
100
1000
Collector Current---IC(mA)
VCE=5V
Power Derating Curve
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
0
50
100
150
200
Ambient Temperature---TA(℃)
Power Derating Curve
0
2
4
6
8
10
12
0
50
100
150
200
Case Temperature---TC(℃)


Similar Part No. - BTB9435J3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
BTB9435L3 CYSTEKEC-BTB9435L3 Datasheet
266Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
More results

Similar Description - BTB9435J3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
BTB1205I3 CYSTEKEC-BTB1205I3_09 Datasheet
227Kb / 6P
   Low Vcesat PNP Epitaxial Planar Transistor
BTA1952E3 CYSTEKEC-BTA1952E3 Datasheet
149Kb / 4P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1326I3 CYSTEKEC-BTB1326I3 Datasheet
138Kb / 4P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1188AM3 CYSTEKEC-BTB1188AM3 Datasheet
252Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1188M3R CYSTEKEC-BTB1188M3R Datasheet
253Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
BTPA92T3 CYSTEKEC-BTPA92T3 Datasheet
311Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB772D3 CYSTEKEC-BTB772D3 Datasheet
307Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB772AT3 CYSTEKEC-BTB772AT3 Datasheet
268Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1205I3 CYSTEKEC-BTB1205I3 Datasheet
157Kb / 5P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1184J3 CYSTEKEC-BTB1184J3 Datasheet
169Kb / 5P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1412J3 CYSTEKEC-BTB1412J3_09 Datasheet
246Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com