Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTB4511J3 Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # BTB4511J3
Description  PNP Epitaxial Planar High Current (High Performance) Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

BTB4511J3 Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  BTB4511J3 Datasheet HTML 1Page - Cystech Electonics Corp. BTB4511J3 Datasheet HTML 2Page - Cystech Electonics Corp. BTB4511J3 Datasheet HTML 3Page - Cystech Electonics Corp. BTB4511J3 Datasheet HTML 4Page - Cystech Electonics Corp. BTB4511J3 Datasheet HTML 5Page - Cystech Electonics Corp. BTB4511J3 Datasheet HTML 6Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
CYStech Electronics Corp.
Spec. No. : C662J3
Issued Date : 2010.10.26
Revised Date : 2010.12.08
Page No. : 2/6
BTB4511J3
CYStek Product Specification
Thermal Data
Parameter
Symbol
Value
Unit
Thermal Resistance, Junction-to-case, max
Rth,j-c
6.25
°C/W
Thermal Resistance, Junction-to-ambient, max
Rth,j-a
83.3
°C/W
Characteristics (Ta=25°C, unless otherwise specified)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
-140
-170
-
V
IC=-100μA
BVCER
-140
-170
-
V
IC=-1μA, RBE1kΩ
BVCEO
-100
-120
-
V
IC=-10mA
BVEBO
-6
-8
-
V
IE=-100μA
ICBO
-
-
-50
nA
VCB=-100V
ICER
-
-
-50
nA
VCE=-100V, RBE1kΩ
IEBO
-
-
-10
nA
VEB=-5V
*VCE(sat)1
-
-18
-50
mV
IC=-100mA, IB=-10mA
*VCE(sat)2
-
-85
-115
mV
IC=-1A, IB=-100mA
*VCE(sat)3
-
-155
-220
mV
IC=-2A, IB=-200mA
*VCE(sat)4
-
-280
-420
mV
IC=-4A, IB=-400mA
*VBE(sat)
-
-990
-1170
mV
IC=-4A, IB=-400mA
*VBE(on)
-
-910
-1160
mV
VCE=-1V, IC=-4A
hFE1
100
200
-
-
VCE=-1V, IC=-10mA
hFE2
100
200
300
-
VCE=-1V, IC=-1A
*hFE3
50
90
320
-
VCE=-1V, IC=-3A
*hFE4
30
50
-
-
VCE=-1V, IC=-4A
*hFE5
-
15
-
-
VCE=-1V, IC=-10A
fT
-
125
-
MHz
VCE=-10V, IC=-100mA, f=50MHz
Cob
-
65
-
pF
VCB=-10V, f=1MHz
ton
110
ns
toff
460
ns
IC=-2A, IB1=-200mA, IB2=200mA,
VCC=-10V
*Pulse Test: Pulse Width
≤300μs, Duty Cycle≤2%
Ordering Information
Device
Package
Shipping
BTB4511J3-0-T3-G
TO-252
(Pb-free lead plating and halogen-free package)
2500 pcs / Tape & Reel


Similar Part No. - BTB4511J3

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
BTB40 UTC-BTB40 Datasheet
163Kb / 3P
   40A STANDARD TRIAC
logo
STMicroelectronics
BTB40-600B STMICROELECTRONICS-BTB40-600B Datasheet
85Kb / 7P
   40A TRIACs
BTB40-600B STMICROELECTRONICS-BTB40-600B Datasheet
108Kb / 9P
   40 A standard TRIACs
BTB40-600B STMICROELECTRONICS-BTB40-600B Datasheet
95Kb / 7P
   40A TRIACS
BTB40-600BRG STMICROELECTRONICS-BTB40-600BRG Datasheet
85Kb / 7P
   40A TRIACs
More results

Similar Description - BTB4511J3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
BTB1216J3 CYSTEKEC-BTB1216J3 Datasheet
257Kb / 7P
   PNP Epitaxial Planar High Current (High Performance) Transistor
BTP955E3 CYSTEKEC-BTP955E3 Datasheet
316Kb / 5P
   PNP Epitaxial Planar High Current (High Performance) Transistor
BTP953L3 CYSTEKEC-BTP953L3 Datasheet
204Kb / 6P
   PNP Epitaxial Planar High Current (High Performance) Transistor
BTP955L3 CYSTEKEC-BTP955L3 Datasheet
209Kb / 6P
   PNP Epitaxial Planar High Current (High Performance) Transistor
BTP2014L3 CYSTEKEC-BTP2014L3 Datasheet
292Kb / 8P
   PNP Epitaxial Planar High Current (High Performance) Transistor
BTP955J3 CYSTEKEC-BTP955J3 Datasheet
184Kb / 5P
   PNP Epitaxial Planar High Current (High Performance) Transistor
BTP1955L3 CYSTEKEC-BTP1955L3 Datasheet
264Kb / 6P
   PNP Epitaxial Planar High Current (High Performance) Transistor
BTP955M3 CYSTEKEC-BTP955M3 Datasheet
251Kb / 6P
   PNP Epitaxial Planar High Current (High Performance) Transistor
logo
KEC(Korea Electronics)
KTA1282 KEC-KTA1282 Datasheet
68Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (HIGH CURRENT)
KTA1283 KEC-KTA1283 Datasheet
68Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (HIGH CURRENT)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com