Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTB4110D3 Datasheet(PDF) 5 Page - Cystech Electonics Corp.

Part # BTB4110D3
Description  Low Vcesat PNP Epitaxial Planar Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

BTB4110D3 Datasheet(HTML) 5 Page - Cystech Electonics Corp.

  BTB4110D3 Datasheet HTML 1Page - Cystech Electonics Corp. BTB4110D3 Datasheet HTML 2Page - Cystech Electonics Corp. BTB4110D3 Datasheet HTML 3Page - Cystech Electonics Corp. BTB4110D3 Datasheet HTML 4Page - Cystech Electonics Corp. BTB4110D3 Datasheet HTML 5Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
CYStech Electronics Corp.
Spec. No. : C815D3
Issued Date : 2011.03.25
Revised Date :
Page No. : 5/5
BTB4110D3
CYStek Product Specification
TO-126ML Dimension
*: Typical
Inches
Millimeters
Inches
Millimeters
DIM
Min.
Max.
Min.
Max.
DIM
Min.
Max.
Min.
Max.
A
0.118
0.134
3.000
3.400
e
*0.090
*2.28
A1
0.071
0.087
1.800
2.200
e1
0.176
0.183
4.460
4.660
b
0.026
0.034
0.660
0.860
L
0.594
0.610
15.100
15.500
b1
0.046
0.054
1.170
1.370
L1
0.051
0.059
1.300
1.500
c
0.018
0.024
0.450
0.600
P
0.159
0.167
4.040
4.240
D
0.307
0.323
7.800
8.200
Φ1
0.118
0.126
3.000
3.200
E
0.425
0.441
10.800
11.200
Φ2
0.122
0.130
3.100
3.300
Notes: 1.Controlling dimension: millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material.
3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material:
• Lead: Pure tin plated.
• Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0.
Important Notice:
• All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek.
• CYStek reserves the right to make changes to its products without notice.
• CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems.
• CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
Marking:
B4110
□□□□
Device
Name
Date
Code
Style: Pin 1.Emitter 2.Collector 3.Base
3-Lead TO-126ML Plastic Package
CYStek Package Code: D3


Similar Part No. - BTB4110D3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTB41 STMICROELECTRONICS-BTB41 Datasheet
85Kb / 7P
   40A TRIACs
logo
Sirectifier Semiconduct...
BTB41 SIRECTIFIER-BTB41 Datasheet
163Kb / 4P
   Discrete Triacs(Non-Isolated/Isolated)
logo
Sirectifier Global Corp...
BTB41 SIRECT-BTB41 Datasheet
306Kb / 4P
   Discrete Triacs(Non-Isolated/Isolated)
logo
STMicroelectronics
BTB41 STMICROELECTRONICS-BTB41 Datasheet
108Kb / 9P
   40 A standard TRIACs
logo
Inchange Semiconductor ...
BTB41 ISC-BTB41 Datasheet
207Kb / 1P
   isc Triacs
More results

Similar Description - BTB4110D3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
BTB1205I3 CYSTEKEC-BTB1205I3_09 Datasheet
227Kb / 6P
   Low Vcesat PNP Epitaxial Planar Transistor
BTA1952E3 CYSTEKEC-BTA1952E3 Datasheet
149Kb / 4P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1326I3 CYSTEKEC-BTB1326I3 Datasheet
138Kb / 4P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1188AM3 CYSTEKEC-BTB1188AM3 Datasheet
252Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1188M3R CYSTEKEC-BTB1188M3R Datasheet
253Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
BTPA92T3 CYSTEKEC-BTPA92T3 Datasheet
311Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB772D3 CYSTEKEC-BTB772D3 Datasheet
307Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB772AT3 CYSTEKEC-BTB772AT3 Datasheet
268Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1205I3 CYSTEKEC-BTB1205I3 Datasheet
157Kb / 5P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1184J3 CYSTEKEC-BTB1184J3 Datasheet
169Kb / 5P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1412J3 CYSTEKEC-BTB1412J3_09 Datasheet
246Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com