Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTB1580L3 Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # BTB1580L3
Description  PNP Epitaxial Planar Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

BTB1580L3 Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  BTB1580L3 Datasheet HTML 1Page - Cystech Electonics Corp. BTB1580L3 Datasheet HTML 2Page - Cystech Electonics Corp. BTB1580L3 Datasheet HTML 3Page - Cystech Electonics Corp. BTB1580L3 Datasheet HTML 4Page - Cystech Electonics Corp. BTB1580L3 Datasheet HTML 5Page - Cystech Electonics Corp. BTB1580L3 Datasheet HTML 6Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
CYStech Electronics Corp.
Spec. No. : C655L3
Issued Date : 2011.07.14
Revised Date :
Page No. : 2/6
BTB1580L3
CYStek Product Specification
Characteristics (Ta=25
°C)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCEO
-120
-
-
V
IC=-1mA, IB=0
BVCBO
-120
-
-
V
IC=-100μA, IE=0
ICBO
-
-
-1
mA
VCB=-100V, IE=0
ICEO
-
-
-2
mA
VCE=-50V, IB=0
IEBO
-
-
-2
mA
VEB=-5V, IC=0
*VCE(sat)
-
-
-2
V
IC=-2A, IB=-2mA
*VBE(on)
-2.8
V
VCE=-4V, IC=-2A
*hFE1
1000
-
-
-
VCE=-4V, IC=-1A
*hFE2
500
-
-
-
VCE=-4V, IC=-2A
Cob
-
200
pF
VCB=-10V, IE=0A, f=1MHz
*Pulse Test : Pulse Width
≤380μs, Duty Cycle≤2%
Ordering Information
Device
Package
Shipping
Marking
BTD1580L3
SOT-223
(Pb-free)
2500 pcs / Tape & Reel
B1580


Similar Part No. - BTB1580L3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
BTB1580J3 CYSTEKEC-BTB1580J3 Datasheet
245Kb / 6P
   PNP Epitaxial Planar Transistor
BTB1580M3 CYSTEKEC-BTB1580M3 Datasheet
168Kb / 4P
   PNP Epitaxial Planar Transistor
BTB1580M3 CYSTEKEC-BTB1580M3 Datasheet
158Kb / 5P
   PNP Epitaxial Planar Transistor
BTB1580M3 CYSTEKEC-BTB1580M3_06 Datasheet
158Kb / 5P
   PNP Epitaxial Planar Transistor
BTB1580SM3 CYSTEKEC-BTB1580SM3 Datasheet
314Kb / 8P
   PNP Epitaxial Planar Transistor
More results

Similar Description - BTB1580L3

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HI350 HSMC-HI350 Datasheet
25Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HI42C HSMC-HI42C Datasheet
32Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ2584 HSMC-HJ2584 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ350 HSMC-HJ350 Datasheet
23Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ649A HSMC-HJ649A Datasheet
27Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM1426 HSMC-HM1426 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM2907A HSMC-HM2907A Datasheet
31Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM3906 HSMC-HM3906 Datasheet
31Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM64 HSMC-HM64 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM772 HSMC-HM772 Datasheet
46Kb / 5P
   PNP EPITAXIAL PLANAR TRANSISTOR
HA8550 HSMC-HA8550 Datasheet
36Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com