Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTB1238AL3 Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # BTB1238AL3
Description  Silicon PNP Epitaxial Planar Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

BTB1238AL3 Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  BTB1238AL3 Datasheet HTML 1Page - Cystech Electonics Corp. BTB1238AL3 Datasheet HTML 2Page - Cystech Electonics Corp. BTB1238AL3 Datasheet HTML 3Page - Cystech Electonics Corp. BTB1238AL3 Datasheet HTML 4Page - Cystech Electonics Corp. BTB1238AL3 Datasheet HTML 5Page - Cystech Electonics Corp. BTB1238AL3 Datasheet HTML 6Page - Cystech Electonics Corp. BTB1238AL3 Datasheet HTML 7Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
CYStech Electronics Corp.
Spec. No. : C849L3
Issued Date : 2012.08.28
Revised Date :
Page No. : 2/7
BTB1238AL3
CYStek Product Specification
Characteristics (Ta=25
°C, unless otherwise specified)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
-240
-
-
V
IC=-50µA, IE=0
BVCEO
-240
-
-
V
IC=-1mA, IB=0
BVEBO
-7
-
-
V
IE=-50µA, IC=0
ICBO
-
-
-100
nA
VCB=-240V, IE=0
IEBO
-
-
-100
nA
VEB=-7V, IC=0
*VCE(sat)
-
-
-0.3
V
IC=-500mA, IB=-50mA
*VCE(sat)
-
-
-3
V
IC=-1A, IB=-100mA
*VBE(sat)
-
-
-1.1
V
IC=-1A, IB=-100mA
*VBE(on)
-
-
-0.9
V
VCE=-5V, IC=-150mA
hFE1
120
-
400
-
VCE=-5V, IC=-100mA
hFE2
60
-
-
-
VCE=-5V, IC=-500mA
fT
-
140
-
MHz
VCE=-5V, IC=-150mA
Cob
-
27
-
pF
VCB=-10V, IE=0, f=1MHz
*Pulse Test: Pulse Width
≤380µs, Duty Cycle≤2%
Ordering Information
Device
Package
Shipping
BTB1238AL3-0-T3-G
SOT-223
(Pb-free lead plating and halogen-free package)
2500 pcs / Tape & Reel
Recommended soldering footprint


Similar Part No. - BTB1238AL3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
BTB1238AM3 CYSTEKEC-BTB1238AM3 Datasheet
250Kb / 7P
   Silicon PNP Epitaxial Planar Transistor
More results

Similar Description - BTB1238AL3

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BCPA94 SECOS-BCPA94 Datasheet
224Kb / 2P
   PNP Silicon Epitaxial Planar Transistor
logo
KODENSHI_AUK CORP.
SUR502EF KODENSHI-SUR502EF Datasheet
254Kb / 5P
   Epitaxial planar PNP silicon transistor
logo
Sanken electric
2SB1259 SANKEN-2SB1259_07 Datasheet
36Kb / 1P
   Silicon PNP Epitaxial Planar Transistor
2SB1382 SANKEN-2SB1382_07 Datasheet
35Kb / 1P
   Silicon PNP Epitaxial Planar Transistor
logo
Sanyo Semicon Device
FX513 SANYO-FX513 Datasheet
44Kb / 4P
   PNP EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Hi-Sincerity Mocroelect...
HSB649T HSMC-HSB649T Datasheet
43Kb / 4P
   SILICON PNP EPITAXIAL PLANAR TRANSISTOR
logo
Galaxy Semi-Conductor H...
KTA2015W BILIN-KTA2015W Datasheet
171Kb / 4P
   PNP Silicon Epitaxial Planar Transistor
MMSTA92 BILIN-MMSTA92 Datasheet
131Kb / 2P
   PNP Silicon Epitaxial Planar Transistor
logo
Guangdong Kexin Industr...
2SA1772 KEXIN-2SA1772 Datasheet
44Kb / 2P
   PNP Epitaxial Planar Silicon Transistor
logo
SEMTECH ELECTRONICS LTD...
ST2N5086 SEMTECH_ELEC-ST2N5086 Datasheet
359Kb / 5P
   PNP Silicon Epitaxial Planar Transistor
ST2SA928 SEMTECH_ELEC-ST2SA928 Datasheet
129Kb / 2P
   PNP Silicon Epitaxial Planar Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com