Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTB772ST3 Datasheet(PDF) 1 Page - Cystech Electonics Corp.

Part # BTB772ST3
Description  Low Vcesat PNP Epitaxial Planar Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

BTB772ST3 Datasheet(HTML) 1 Page - Cystech Electonics Corp.

  BTB772ST3 Datasheet HTML 1Page - Cystech Electonics Corp. BTB772ST3 Datasheet HTML 2Page - Cystech Electonics Corp. BTB772ST3 Datasheet HTML 3Page - Cystech Electonics Corp. BTB772ST3 Datasheet HTML 4Page - Cystech Electonics Corp. BTB772ST3 Datasheet HTML 5Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
CYStech Electronics Corp.
Spec. No. : C809T3
Issued Date : 2008.08.01
Revised Date:
Page:1/5
BTB772ST3
CYStek Product Specification
Low Vcesat PNP Epitaxial Planar Transistor
BTB772ST3
Features
• Low VCE(sat), typically -0.45 V at IC / IB = -2A / -0.2A
• Excellent current gain characteristics
• Pb-free package
Symbol
Outline
BTB772ST3
TO-126
E C B
B:Base
C:Collector
E:Emitter
Absolute Maximum Ratings (Ta=25
°C)
Parameter
Symbol
Limit
Unit
Collector-Base Voltage
VCBO
-40
V
Collector-Emitter Voltage
VCEO
-30
V
Emitter-Base Voltage
VEBO
-5
V
IC(DC)
-2
A
Collector Current
IC(pulse)
-5
*1
A
Pd(Ta=25 )
1
Power Dissipation
Pd(Tc=25 )
10
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
-55~+150
°C
Note : *1. Single Pulse Pw 3
00μs, Duty 2%
.


Similar Part No. - BTB772ST3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
BTB772SA3 CYSTEKEC-BTB772SA3 Datasheet
147Kb / 4P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB772SA3 CYSTEKEC-BTB772SA3 Datasheet
147Kb / 4P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB772SA3 CYSTEKEC-BTB772SA3_06 Datasheet
147Kb / 4P
   Low Vcesat PNP Epitaxial Planar Transistor
More results

Similar Description - BTB772ST3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
BTB1205I3 CYSTEKEC-BTB1205I3_09 Datasheet
227Kb / 6P
   Low Vcesat PNP Epitaxial Planar Transistor
BTA1952E3 CYSTEKEC-BTA1952E3 Datasheet
149Kb / 4P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1326I3 CYSTEKEC-BTB1326I3 Datasheet
138Kb / 4P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1188AM3 CYSTEKEC-BTB1188AM3 Datasheet
252Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1188M3R CYSTEKEC-BTB1188M3R Datasheet
253Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
BTPA92T3 CYSTEKEC-BTPA92T3 Datasheet
311Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB772D3 CYSTEKEC-BTB772D3 Datasheet
307Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB772AT3 CYSTEKEC-BTB772AT3 Datasheet
268Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1205I3 CYSTEKEC-BTB1205I3 Datasheet
157Kb / 5P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1184J3 CYSTEKEC-BTB1184J3 Datasheet
169Kb / 5P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1412J3 CYSTEKEC-BTB1412J3_09 Datasheet
246Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com