Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTB772AJ3 Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # BTB772AJ3
Description  Low Vcesat PNP Epitaxial Planar Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

BTB772AJ3 Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  BTB772AJ3 Datasheet HTML 1Page - Cystech Electonics Corp. BTB772AJ3 Datasheet HTML 2Page - Cystech Electonics Corp. BTB772AJ3 Datasheet HTML 3Page - Cystech Electonics Corp. BTB772AJ3 Datasheet HTML 4Page - Cystech Electonics Corp. BTB772AJ3 Datasheet HTML 5Page - Cystech Electonics Corp. BTB772AJ3 Datasheet HTML 6Page - Cystech Electonics Corp. BTB772AJ3 Datasheet HTML 7Page - Cystech Electonics Corp. BTB772AJ3 Datasheet HTML 8Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
CYStech Electronics Corp.
Spec. No. : C240M3
Issued Date : 2013.02.19
Revised Date :
Page No. : 2/8
BTB772AJ3
CYStek Product Specification
Thermal Data
Parameter
Symbol
Value
Unit
Thermal Resistance, Junction-to-case, max
Rth,j-c
8.33
°C/W
Thermal Resistance, Junction-to-ambient, max
Rth,j-a
125
°C/W
Note
: 1. Single Pulse , Pw=10ms
Characteristics (Ta=25°C)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
-50
-
-
V
IC=-50μA, IE=0
BVCEO
-30
-
-
V
IC=-1mA, IB=0
BVEBO
-7
-
-
V
IE=-50μA, IC=0
ICBO
-
-
-100
nA
VCB=-50V, IE=0
IEBO
-
-
-100
nA
VEB=-7V, IC=0
*VCE(sat)
-
-0.05
-0.2
V
IC=-400mA, IB=-20mA
*VCE(sat)
-
-0.2
-0.3
V
IC=-2A, IB=-100mA
*RCE(sat)
-
0.1
0.15
Ω
IC=-2A, IB=-100mA
*VBE(sat)
-
-1
-1.2
V
IC=-2A, IB=-200mA
*hFE 1
160
-
-
-
VCE=-2V, IC=-100mA
*hFE 2
180
-
390
-
VCE=-2V, IC=-500mA
*hFE 3
150
-
-
-
VCE=-2V, IC=-1A
fT
-
190
-
MHz
VCE=-10V, IC=-0.5A, f=100MHz
Cob
-
33
-
pF
VCB=-10V, f =1MHz
*Pulse Test : Pulse Width
≤380μs, Duty Cycle≤2%
Ordering Information
Device
Package
Shipping
BTB772AJ3-0-T3-G
TO-252AA
(Pb-free lead plating and halogen-free package)
2500 pcs / Tape & Reel


Similar Part No. - BTB772AJ3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
BTB772AM3 CYSTEKEC-BTB772AM3 Datasheet
188Kb / 5P
   Low VCE(sat) PNP Epitaxial Planar Transistor
BTB772AT3 CYSTEKEC-BTB772AT3 Datasheet
268Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB772AT3-0-BL-X CYSTEKEC-BTB772AT3-0-BL-X Datasheet
268Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB772AT3-0-UC-X CYSTEKEC-BTB772AT3-0-UC-X Datasheet
268Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
More results

Similar Description - BTB772AJ3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
BTB1205I3 CYSTEKEC-BTB1205I3_09 Datasheet
227Kb / 6P
   Low Vcesat PNP Epitaxial Planar Transistor
BTA1952E3 CYSTEKEC-BTA1952E3 Datasheet
149Kb / 4P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1326I3 CYSTEKEC-BTB1326I3 Datasheet
138Kb / 4P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1188AM3 CYSTEKEC-BTB1188AM3 Datasheet
252Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1188M3R CYSTEKEC-BTB1188M3R Datasheet
253Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
BTPA92T3 CYSTEKEC-BTPA92T3 Datasheet
311Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB772D3 CYSTEKEC-BTB772D3 Datasheet
307Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB772AT3 CYSTEKEC-BTB772AT3 Datasheet
268Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1205I3 CYSTEKEC-BTB1205I3 Datasheet
157Kb / 5P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1184J3 CYSTEKEC-BTB1184J3 Datasheet
169Kb / 5P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1412J3 CYSTEKEC-BTB1412J3_09 Datasheet
246Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com