Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MDP1 Datasheet(PDF) 1 Page - Grayhill, Inc

Part # MDP1
Description  SERIES 34C Sub-Miniature Toggle Switches
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRAYHILL [Grayhill, Inc]
Direct Link  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

MDP1 Datasheet(HTML) 1 Page - Grayhill, Inc

  MDP1 Datasheet HTML 1Page - Grayhill, Inc MDP1 Datasheet HTML 2Page - Grayhill, Inc MDP1 Datasheet HTML 3Page - Grayhill, Inc MDP1 Datasheet HTML 4Page - Grayhill, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois 60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com
NONE
OFF
OFF
OFF
NONE
OPEN
SWITCH POSITION
MODEL NO.
MSP5
MSP4
MSP3
MSP2
MSP1
ON
(ON)
2-3
ON
ON
ON
2-1
(ON)
(ON)
ON
(ON)
ON
TERM. COMM.
NONE
OFF
OFF
OFF
NONE
OPEN
SWITCH POSITION
MODEL NO.
MDP5
MDP4
MDP3
MDP2
MDP1
ON
(ON)
2-3,
ON
ON
ON
2-1,
(ON)
(ON)
ON
(ON)
ON
TERM. COMM.
5-6
5-4
()=MOMENTARY
()=MOMENTARY
SCHEMATIC
02COMM.
1
3
SCHEMATIC
02COMM.
1
3
05COMM.
4
6
3
2
1
3
2
1
4
5
6
.200
(5.08)
.320
(8.13)
.220
(5.59)
.340
(8.64)
.110
(2.79)
.160
(4.06)
.100
(2.54)
.020
(0.51)
.060
(1.52)
.360
(9.14)
.320
(8.13)
Ø.236
(Ø6.00)
.220
(5.59)
.340
(8.64)
.110
(2.79)
.160
(4.06)
.100
(2.54)
.020
(0.51)
.060
(1.52)
.160
(4.06)
Ø.236
(Ø6.00)
.173
(4.39)
.370
(9.40)
Ø.100
(Ø2.54)
.173
(4.39)
.370
(9.40)
Ø.100
(Ø2.54)
.370
(9.40)
Ø.100
(Ø2.54)
.210
(5.33)
Ø.100
(Ø2.54)
Ø.100
(Ø2.54)
.290
(7.37)
Ø.100
(Ø2.54)
.410
(10.41)
.220
(5.59)
Ø.100
(Ø2.54)
SERIES 34C
Sub-Miniature Toggle Switches
FEATURES
• Save Space and Weight
• SPDT and DPDT Circuitry
• Choice of Actuators, Bushings, and
Terminations
• UL Recoginized
MODELS In inches (and millimeters)
SPDT
DPDT
ACTUATOR OPTIONS In inches (and millimeters)
12
3
4
5
Series 34C: Sub-Miniature Toggle Switches
Actuator options 1, 2 and 3 shown with B1 to B4 bushing, subtract 0.90 (2.29) for bushing B5,
subtract 0.40 (1,02) for B7 bushing.
Actuators 4 and 5 shown with B5 and B6 bushing, add 0.90 (2.29) for bushing B1 to B3,
add 0.50 (1,27) for B7 bushing.
Toggle
14


Similar Part No. - MDP1

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
MDP100 MSYSTEM-MDP100 Datasheet
119Kb / 4P
   Lightning Surge Protectors for Electronics Equipment M-RESTER
MDP100T MSYSTEM-MDP100T Datasheet
119Kb / 4P
   Lightning Surge Protectors for Electronics Equipment M-RESTER
logo
MagnaChip Semiconductor...
MDP10N027 MGCHIP-MDP10N027 Datasheet
930Kb / 6P
   Single N-channel Trench MOSFET 100V, 120A, 2.8m(ohm)
MDP10N027TH MGCHIP-MDP10N027TH Datasheet
930Kb / 6P
   Single N-channel Trench MOSFET 100V, 120A, 2.8m(ohm)
MDP10N055 MGCHIP-MDP10N055 Datasheet
1Mb / 6P
   Single N-channel Trench MOSFET 100V, 120A, 5.5m(ohm)
More results

Similar Description - MDP1

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
200A E-SWITCH-200A Datasheet
414Kb / 4P
   TOGGLE SWITCHES - SUB-MINIATURE
logo
Grayhill, Inc
34CWSP12B4M2RT GRAYHILL-34CWSP12B4M2RT Datasheet
201Kb / 4P
   Sub-Miniature Toggle Switches
logo
E-SWITCH
200 E-SWITCH-200 Datasheet
718Kb / 5P
   TOGGLE SWITCHES - SUB MINIATURE
logo
List of Unclassifed Man...
2MS1T1B2M2RE ETC2-2MS1T1B2M2RE Datasheet
315Kb / 5P
   Toggle Switches Sub-Miniature
logo
Grayhill, Inc
34DWMSP12B4M2RT GRAYHILL-34DWMSP12B4M2RT Datasheet
134Kb / 3P
   Sealed Sub-Miniature Toggle Switches
logo
DB Lectro Inc
ES40-T DBLECTRO-ES40-T Datasheet
466Kb / 5P
   Sealed Sub-Miniature Toggle Switches
logo
GREATECS
TK31 GREATECS-TK31 Datasheet
536Kb / 3P
   Sub-Miniature SPDT Toggle Switches
logo
DB Lectro Inc
ES30-T DBLECTRO-ES30-T Datasheet
180Kb / 3P
   Sub-Miniature Toggle Switches (washable)
logo
E-SWITCH
200B E-SWITCH-200B_1 Datasheet
155Kb / 1P
   TOGGLE SWITCHES - SMT SUB-MINIATURE
logo
C&K Components
7101MD9AV2BE CK-COMPONENTS-7101MD9AV2BE Datasheet
1Mb / 14P
   Miniature Toggle Switches
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com