Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1590WNFLBK Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 1590WNFLBK
Description  P.C. Card Guide (1590 Series)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

1590WNFLBK Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  1590WNFLBK Datasheet HTML 1Page - List of Unclassifed Manufacturers 1590WNFLBK Datasheet HTML 2Page - List of Unclassifed Manufacturers 1590WNFLBK Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
57
www
.ham
mondm
fg.com
©
CANADA
Guelph, Ontario (519) 822-2960
St. Laurent, Quebec (514) 343-9010
USA
Cheektowaga, NY (716) 651-0086
EUROPE
Basingstoke, UK +44 1256 812812
AUSTRALASIA
Queenstown, SA, Australia +61 8 8240 2244
P.C. Card Guide (1590 Series)
Flanged Version
KEY FEATURES
Same as previous page.
Factory installed flanges.
Lid screws are exposed for easy enclosure
access.
Designed to meet IP54.
r
e
b
m
u
N
t
r
a
P
s
t
i
n
U
s
n
o
i
s
n
e
m
i
D
.
x
p
A
t
f
a
r
D
w
e
r
c
S
d
a
e
r
h
T
r
e
b
m
u
N
t
r
a
P
d
e
t
n
i
a
p
n
U
k
c
a
l
B
d
e
g
n
a
l
F
)
d
e
t
n
i
a
p
n
U
(
d
i
L
d
e
g
n
a
l
F
)
d
e
t
n
i
a
p
n
U
(
A
B
C
o
N
(
)
d
i
L
t
n
e
m
e
c
a
l
p
e
R
)
0
0
1
.
g
k
P
(
s
w
e
r
c
S
L
0
9
5
1K
B
L
0
9
5
1F
L
0
9
5
1-
h
c
n
i6
9
.
38
9
.
13
8
.
°
2m
m
0
1
x
5
.
0
-
3
M
0
0
1
S
M
1
9
5
1
m
m1
0
10
51
2
M
0
9
5
1K
B
M
0
9
5
1F
M
0
9
5
1-
h
c
n
i8
4
.
49
4
.
26
0
.
1
°
2m
m
0
1
x
5
.
0
-
3
M
0
0
1
S
M
1
9
5
1
m
m4
1
13
67
2
N
0
9
5
1K
B
N
0
9
5
1F
N
0
9
5
1L
F
N
0
9
5
1
h
c
n
i5
7
.
41
6
.
22
4
.
1
°
2"
2
/
1
x
2
3
-
6
0
0
1
S
M
0
9
5
1
m
m1
2
16
66
3
P
0
9
5
1K
B
P
0
9
5
1F
P
0
9
5
1L
F
P
0
9
5
1
h
c
n
i1
0
.
64
2
.
31
8
.
1
°
2"
2
/
1
x
2
3
-
6
0
0
1
S
M
0
9
5
1
m
m3
5
12
86
4
R
0
9
5
1K
B
R
0
9
5
1F
R
0
9
5
1-
h
c
n
i5
5
.
78
3
.
44
2
.
2
°
2"
2
/
1
x
2
3
-
6
0
0
1
S
M
0
9
5
1
m
m2
9
11
1
17
5
Flanged Lid Version
KEY FEATURES
Same as previous page.
Lid screws are hidden against wall or shelf for
extra security.
Designed to meet IP54.
Notes:
Assembled height = dimension “C” + .16” (4.0 mm). Wall & lid thickness is roughly .08” (2 mm) and varies with draft due to part
being cast. For detailed drawings, CAD files or color photos visit our website at: www.hammondmfg.com


Similar Part No. - 1590WNFLBK

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
1590WN1 HAMMOND-1590WN1 Datasheet
215Kb / 1P
   Enclosures Box
1590WN1BK HAMMOND-1590WN1BK Datasheet
215Kb / 1P
   Enclosures Box
More results

Similar Description - 1590WNFLBK

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
201-010-6142G WINCHESTER-201-010-6142G Datasheet
50Kb / 1P
   RDM P.C Receptacle
logo
Hammond Manufacturing L...
108L HAMMOND-108L Datasheet
258Kb / 1P
   P.C. Board Mount (107-109 Series)
logo
Murata Manufacturing Co...
SF2252E MURATA-SF2252E Datasheet
204Kb / 5P
   1590 MHz SAW Filter
logo
Johanson Technology Inc...
1575CH15A0030 JOHANSON-1575CH15A0030 Datasheet
313Kb / 3P
   Splitter; 1560 - 1590 MHz
logo
Amphenol Corporation
222131 AMPHENOL-222131 Datasheet
44Kb / 1P
   F SERIES R/A P.C. MOUNT RECEPTACLE_
logo
Vicor Corporation
01828 VICOR-01828 Datasheet
22Kb / 1P
   0108 P.C. PIN SOCKET
logo
Winchester Electronics ...
SDKC-79-238-M06 WINCHESTER-SDKC-79-238-M06 Datasheet
697Kb / 2P
   BNC BULKHEAD RECEPTACLE (P.C)
logo
Hammond Manufacturing L...
183F16 HAMMOND-183F16 Datasheet
287Kb / 2P
   Low Voltage - P.C. Board Mount (183 Series)
logo
Winchester Electronics ...
SD451-060-0046H WINCHESTER-SD451-060-0046H Datasheet
94Kb / 1P
   P.C MOUNT MCX JACK
SDKC-79-237-M06 WINCHESTER-SDKC-79-237-M06 Datasheet
79Kb / 1P
   BNC ANGLE, P.C. RECEPTACLE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com