Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS5201-1 Datasheet(PDF) 7 Page - Cherry Semiconductor Corporation

Part # CS5201-1
Description  1A Adjustable Linear Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS5201-1 Datasheet(HTML) 7 Page - Cherry Semiconductor Corporation

  CS5201-1 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS5201-1 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS5201-1 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS5201-1 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS5201-1 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS5201-1 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS5201-1 Datasheet HTML 7Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Part Number
Type
Description
CS5201-1GT3
1A, adj. output 3 L TO-220 Straight
CS5201-1GDP3
1A, adj. output 3 L D2PAK
CS5201-1GDPR3 1A, adj. output 3 L D2PAK (tape & reel)
CS5201-1GST3
1A, adj. output 3 L SOT-223
CS5201-1GSTR3 1A, adj. output 3 L SOT-223 (tape & reel)
7
Ordering Information
Rev. 2/16/98
Cherry Semiconductor Corporation reserves the right to
make changes to the specifications without notice. Please
contact Cherry Semiconductor Corporation for the latest
available information.
Package Specification
3L
3L
3L
Thermal Data
TO-220
D2PAK
SOT-223
RQJC
typ
3.5
3.5
15
ûC/W
RQJA
typ
50
10 - 50*
156
ûC/W
*Depending on thermal properties of substrate. RQJA = RQJC + RQCA
PACKAGE THERMAL DATA
© 1999 Cherry Semiconductor Corporation
PACKAGE DIMENSIONS IN mm (INCHES)
3 Lead D2PAK (DP)
2.54 (.100) REF
10.31 (.406)
10.05 (.396)
8.53 (.336)
8.28 (.326)
0.91 (.036)
0.66 (.026)
1.40 (.055)
1.14 (.045)
4.57 (.180)
4.31 (.170)
1.68 (.066)
1.40 (.055)
2.74(.108)
2.49(.098)
1.40 (.055)
1.14 (.045)
0.10 (.004)
0.00 (.000)
.254 (.010) REF
15.75 (.620)
14.73 (.580)
2.79 (.110)
2.29 (.090)
3 Lead TO-220 (T) Straight
5.33 (.210)
4.83 (.190)
2.79 (.110)
2.29 (.090)
1.02 (.040)
0.63 (.025)
0.56 (.022)
0.38 (.014)
1.40 (.055)
1.14 (.045)
4.83 (.190)
4.06 (.160)
6.17 (.243) REF
1.14 (.045)
1.52 (.060)
1.14 (.045)
1.40 (.055)
2.87 (.113)
2.62 (.103)
6.55 (.258)
5.94 (.234)
14.22 (.560)
13.72 (.540)
2.92 (.115)
2.29 (.090)
9.78 (.385)
10.54 (.415)
3.71 (.146)
3.96 (.156)
14.99 (.590)
14.22 (.560)
3 Lead SOT-223 (ST)
10
° MAX
1.30 (.051)
1.10 (.043)
4.60 (.181)
2.30 (.090)
1.05 (.041)
0.85 (.033)
7.30 (.287)
6.70 (.264)
3.30 (.130)
3.70 (.146)
3.15 (.124)
2.95 (.116)
6.70 (.264)
6.30 (.248)
1.70 (.067)
1.50 (.060)
0.10 (.004)
0.02 (.001)
0.85 (.033)
0.65 (.026)
0.35 (.014)
0.25 (.010)


Similar Part No. - CS5201-1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS5201-1 ONSEMI-CS5201-1 Datasheet
213Kb / 9P
   1.0 A Adjustable Linear Regulator
September, 2006 ??Rev. 8
CS5201-1GDP3 ONSEMI-CS5201-1GDP3 Datasheet
213Kb / 9P
   1.0 A Adjustable Linear Regulator
September, 2006 ??Rev. 8
CS5201-1GDPR3 ONSEMI-CS5201-1GDPR3 Datasheet
213Kb / 9P
   1.0 A Adjustable Linear Regulator
September, 2006 ??Rev. 8
CS5201-1GST3 ONSEMI-CS5201-1GST3 Datasheet
213Kb / 9P
   1.0 A Adjustable Linear Regulator
September, 2006 ??Rev. 8
CS5201-1GSTR3 ONSEMI-CS5201-1GSTR3 Datasheet
213Kb / 9P
   1.0 A Adjustable Linear Regulator
September, 2006 ??Rev. 8
More results

Similar Description - CS5201-1

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G9117 GMT-G9117 Datasheet
59Kb / 1P
   1A Adjustable Low-Dropout Linear Regulator
G1117 GMT-G1117_15 Datasheet
93Kb / 1P
   1A Adjustable Low-Dropout Linear Regulator
G1117 GMT-G1117 Datasheet
293Kb / 9P
   1A Adjustable Low-Dropout Linear Regulator
logo
Fairchild Semiconductor
RC1117 FAIRCHILD-RC1117 Datasheet
48Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
logo
Advanced Monolithic Sys...
AMS1117 AMS-AMS1117 Datasheet
894Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
logo
Leshan Radio Company
LR1117A LRC-LR1117A Datasheet
148Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
logo
E-CMOS Corporation
EC8811 E-CMOS-EC8811 Datasheet
687Kb / 16P
   1A Adjustable & Fixed Voltage LDO Linear Regulator
logo
AiT Semiconductor Inc.
A317 AITSEMI-A317 Datasheet
239Kb / 7P
   BIPOLAR LINEAR REGULATOR 1A 40V ADJUSTABLE VOLTAGE
REV1.8
logo
Fairchild Semiconductor
FAN1117A FAIRCHILD-FAN1117A Datasheet
49Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
logo
List of Unclassifed Man...
L1117XG ETC1-L1117XG Datasheet
242Kb / 13P
   1A Fixed and Adjustable Low Dropout Linear Regulator (LDO)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com