Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP4CGX150 Datasheet(PDF) 11 Page - Altera Corporation

Part # EP4CGX150
Description  1. Cyclone IV FPGA Device Family Overview
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP4CGX150 Datasheet(HTML) 11 Page - Altera Corporation

Back Button EP4CGX150 Datasheet HTML 6Page - Altera Corporation EP4CGX150 Datasheet HTML 7Page - Altera Corporation EP4CGX150 Datasheet HTML 8Page - Altera Corporation EP4CGX150 Datasheet HTML 9Page - Altera Corporation EP4CGX150 Datasheet HTML 10Page - Altera Corporation EP4CGX150 Datasheet HTML 11Page - Altera Corporation EP4CGX150 Datasheet HTML 12Page - Altera Corporation EP4CGX150 Datasheet HTML 13Page - Altera Corporation EP4CGX150 Datasheet HTML 14Page - Altera Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Chapter 1: Cyclone IV FPGA Device Family Overview
1–11
Cyclone IV Device Family Architecture
February 2013
Altera Corporation
Cyclone IV Device Handbook,
Volume 1
Figure 1–1 shows the structure of the Cyclone IV GX transceiver.
f For more information, refer to the Cyclone IV Transceivers Architecture chapter.
Hard IP for PCI Express (Cyclone IV GX Devices Only)
Cyclone IV GX devices incorporate a single hard IP block for ×1, ×2, or ×4 PCIe (PIPE)
in each device. This hard IP block is a complete PCIe (PIPE) protocol solution that
implements the PHY-MAC layer, Data Link Layer, and Transaction Layer
functionality. The hard IP for the PCIe (PIPE) block supports root-port and end-point
configurations. This pre-verified hard IP block reduces risk, design time, timing
closure, and verification. You can configure the block with the Quartus II software’s
PCI Express Compiler, which guides you through the process step by step.
f For more information, refer to the PCI Express Compiler User Guide.
Figure 1–1. Transceiver Channel for the Cyclone IV GX Device
TX Phase
Compensation
FIFO
Byte Serializer
8B10B Encoder
Receiver Channel PCS
Receiver Channel
PMA
Transmitter Channel PCS
Transceiver Channel
PMA
FPGA
Fabric


Similar Part No. - EP4CGX150

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP4CGX150 ALTERA-EP4CGX150 Datasheet
698Kb / 42P
   Cyclone IV Device Datasheet
EP4CGX150 ALTERA-EP4CGX150 Datasheet
698Kb / 42P
   1. Cyclone IV Device Datasheet
EP4CGX150 ALTERA-EP4CGX150 Datasheet
372Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CGX150 ALTERA-EP4CGX150 Datasheet
678Kb / 42P
   Cyclone IV Device Datasheet
EP4CGX150 ALTERA-EP4CGX150 Datasheet
1Mb / 54P
   Cyclone IV Device Handbook
December 2016
More results

Similar Description - EP4CGX150

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP4CGX150CF23C8N ALTERA-EP4CGX150CF23C8N Datasheet
395Kb / 14P
   1. Cyclone IV FPGA Device Family Overview
EP4CE55F23I7N ALTERA-EP4CE55F23I7N Datasheet
372Kb / 14P
   1. Cyclone IV FPGA Device Family Overview
EP4CE10U14I7N ALTERA-EP4CE10U14I7N Datasheet
372Kb / 14P
   1. Cyclone IV FPGA Device Family Overview
EP4CE6E22I7 ALTERA-EP4CE6E22I7 Datasheet
372Kb / 14P
   1. Cyclone IV FPGA Device Family Overview
EP4CE10E22C8N ALTERA-EP4CE10E22C8N Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CE6E22I7N ALTERA-EP4CE6E22I7N Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CE6E22C8 ALTERA-EP4CE6E22C8 Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CE55F29I7 ALTERA-EP4CE55F29I7 Datasheet
372Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CE115F23C8N ALTERA-EP4CE115F23C8N Datasheet
383Kb / 14P
   Cyclone IV FPGA Device Faily Overview
EP4CE115F29I7N ALTERA-EP4CE115F29I7N Datasheet
372Kb / 14P
   Cyclone IV FPGA Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com