Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

12N25L-TA3-T Datasheet(PDF) 5 Page - Unisonic Technologies

Part # 12N25L-TA3-T
Description  12A, 250V N-CHANNEL POWER MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

12N25L-TA3-T Datasheet(HTML) 5 Page - Unisonic Technologies

  12N25L-TA3-T Datasheet HTML 1Page - Unisonic Technologies 12N25L-TA3-T Datasheet HTML 2Page - Unisonic Technologies 12N25L-TA3-T Datasheet HTML 3Page - Unisonic Technologies 12N25L-TA3-T Datasheet HTML 4Page - Unisonic Technologies 12N25L-TA3-T Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
12N25
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
5 of 5
www.unisonic.com.tw
QW-R502-757.C
TYPICAL CHARACTERISTICS
Drain Current vs. Drain-Source
Breakdown Voltage
Drain-Source Breakdown Voltage, BVDSS (V)
0.5
0
Drain Current vs. Gate Threshold Voltage
Gate Threshold Voltage, VTH (V)
1.5
2
3
12.5
0
50
100
150
200
250
300
0
75
225
300
375
150
0
50
100
150
200
250
300
3.5
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Similar Part No. - 12N25L-TA3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
12N25V UTC-12N25V Datasheet
204Kb / 5P
   12A, 250V N-CHANNEL POWER MOSFET
12N25VG-TA3-T UTC-12N25VG-TA3-T Datasheet
204Kb / 5P
   12A, 250V N-CHANNEL POWER MOSFET
12N25VL-TA3-T UTC-12N25VL-TA3-T Datasheet
204Kb / 5P
   12A, 250V N-CHANNEL POWER MOSFET
More results

Similar Description - 12N25L-TA3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
12N25V UTC-12N25V Datasheet
204Kb / 5P
   12A, 250V N-CHANNEL POWER MOSFET
logo
Rohm
RCJ120N25 ROHM-RCJ120N25 Datasheet
726Kb / 14P
   Nch 250V 12A Power MOSFET
logo
Taiwan Semiconductor Co...
TSM600N25E TSC-TSM600N25E Datasheet
456Kb / 7P
   250V N-Channel Power MOSFET
logo
Intersil Corporation
FRM244D INTERSIL-FRM244D Datasheet
47Kb / 6P
   12A, 250V, 0.400 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
logo
Unisonic Technologies
12N65 UTC-12N65 Datasheet
374Kb / 7P
   12A, 650V N-CHANNEL POWER MOSFET
UT3055 UTC-UT3055 Datasheet
158Kb / 2P
   12A, 25V N-CHANNEL POWER MOSFET
logo
Hi-Sincerity Mocroelect...
H12N65 HSMC-H12N65 Datasheet
206Kb / 6P
   N-Channel Power MOSFET (650V,12A)
logo
Unisonic Technologies
12N60 UTC-12N60_12 Datasheet
371Kb / 7P
   12A, 600V N-CHANNEL POWER MOSFET
logo
Hi-Sincerity Mocroelect...
H12N60 HSMC-H12N60 Datasheet
156Kb / 4P
   N-Channel Power MOSFET (600V,12A)
logo
Unisonic Technologies
12N06Z UTC-12N06Z Datasheet
194Kb / 3P
   12A, 60V N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com