Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1TW101-2 Datasheet(PDF) 2 Page - Honeywell Accelerometers

Part # 1TW101-2
Description  Interactive Catalog Supplements Catalog PDFs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL-ACC [Honeywell Accelerometers]
Direct Link  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

1TW101-2 Datasheet(HTML) 2 Page - Honeywell Accelerometers

  1TW101-2 Datasheet HTML 1Page - Honeywell Accelerometers 1TW101-2 Datasheet HTML 2Page - Honeywell Accelerometers 1TW101-2 Datasheet HTML 3Page - Honeywell Accelerometers 1TW101-2 Datasheet HTML 4Page - Honeywell Accelerometers 1TW101-2 Datasheet HTML 5Page - Honeywell Accelerometers 1TW101-2 Datasheet HTML 6Page - Honeywell Accelerometers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Manual Switches
TW Series
Miniature Toggle Switches
116
Honeywell MICRO SWITCH Sensing and Control 1-800-537-6945 USA
1-815-235-6847 International 1-800-737-3360 Canada
1TW Standard unsealed toggle lever
2TW101 Standard sealed toggle lever
1/4 bushing
1/4 bushing
11TW Standard toggle lever
12TW Pull-to-unlock toggle lever
15/32 bushing
15/32 bushing
Qualified to MIL-S-83781
Save space and weight
SPDT and DPDT circuitry
Choice of 14 or 1532 bushings
15
32 bushing has lever seal
Pull-to-unlock option on 1532 bushing
UL Recognized
Temperature range: −85°Fto
+160°F(−65°Cto +71°C)
Sealed bushing versions
Molded-in terminals are plated for solder-
ing. There is positive return on momen-
tary versions. All switches come with a
lockwasher, a keying washer, and two
hexnuts. Special ‘‘on-on-on’’ circuitries,
similar to those shown for TL, are also
available for TW.
CIRCUITRY
11 Single Pole Double Throw
21 Two Single Pole
Double Throw Circuits
1
Refer to order guides.
ELECTRICAL RATING
Amperes
Volts
Resistive
Inductive
Lamp
30 VDC
5
2
1
115 VAC
5
2
1
UL Code 117
5 amps @ 125 VAC
TERMINAL CIRCUIT
IDENTIFICATIONS
Terminal identifications are referred to in
the Ordering Charts to indicate which cir-
cuits are made in each toggle position
(i.e., ‘‘1-2’’ reference indicates circuit clo-
sure through terminals 1 and 2).


Similar Description - 1TW101-2

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
XCX15DNC HONEYWELL-XCX15DNC Datasheet
433Kb / 9P
   Interactive Catalog Supplements Catalog PDFs
VF443A HONEYWELL-VF443A Datasheet
433Kb / 9P
   Interactive Catalog Supplements Catalog PDFs
logo
Honeywell Accelerometer...
BZLN-RH HONEYWELL-ACC-BZLN-RH Datasheet
268Kb / 2P
   Interactive Catalog Supplements Catalog PDFs
logo
Honeywell Solid State E...
L192 HONEYWELL-L192 Datasheet
444Kb / 9P
   Interactive Catalog Supplements Catalog PDFs
18CX10 HONEYWELL-18CX10 Datasheet
451Kb / 5P
   Interactive Catalog Supplements Catalog PDFs
BA-2R HONEYWELL-BA-2R Datasheet
433Kb / 9P
   Interactive Catalog Supplements Catalog PDFs
DUXL01D HONEYWELL-DUXL01D Datasheet
433Kb / 9P
   Interactive Catalog Supplements Catalog PDFs
V7-3S17D8 HONEYWELL-V7-3S17D8 Datasheet
433Kb / 9P
   Interactive Catalog Supplements Catalog PDFs
logo
Honeywell Accelerometer...
24PCEFJ6G HONEYWELL-ACC-24PCEFJ6G Datasheet
199Kb / 3P
   Interactive Catalog Supplements Catalog PDFs
AML21EBA2AA HONEYWELL-ACC-AML21EBA2AA Datasheet
704Kb / 9P
   Interactive Catalog Supplements Catalog PDFs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com