Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3-1376386-4 Datasheet(PDF) 90 Page - Tyco Electronics

Part # 3-1376386-4
Description  5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

3-1376386-4 Datasheet(HTML) 90 Page - Tyco Electronics

Back Button 3-1376386-4 Datasheet HTML 86Page - Tyco Electronics 3-1376386-4 Datasheet HTML 87Page - Tyco Electronics 3-1376386-4 Datasheet HTML 88Page - Tyco Electronics 3-1376386-4 Datasheet HTML 89Page - Tyco Electronics 3-1376386-4 Datasheet HTML 90Page - Tyco Electronics 3-1376386-4 Datasheet HTML 91Page - Tyco Electronics 3-1376386-4 Datasheet HTML 92Page - Tyco Electronics 3-1376386-4 Datasheet HTML 93Page - Tyco Electronics 3-1376386-4 Datasheet HTML 94Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 98 page
background image
770973
85, 91, 105, 107
770974
85, 91, 105, 107
770983
53, 55
770985
85, 96
770986
85, 96
770987
85, 96
770988
85, 96
770994
185
770997
154, 162
794000
106, 205
794001
112
794012
153, 158
794015
146
794016
55
794017
55
794018
55
794019
55
794036
154, 163
794040
85, 90, 103, 107
794046
55, 211
794058
86
794059
86
794061
167
794065
85, 90, 103, 107
794066
85, 90, 103, 107
794067
85, 90, 103, 107
794068
85, 90, 103, 107
794069
85, 90, 103, 107
794070
85, 90, 103, 107
794071
85, 90, 103, 107
794072
85, 90, 103, 107
794073
85, 90, 103, 107
794074
85, 90, 103, 107
794075
85, 90, 103, 107
794076
85, 90, 103, 107
794077
85, 90, 103, 107
794078
85, 90, 103, 107
794079
85, 90, 103, 107
794096
171, 174
794103
55, 211
794105
85, 91, 105, 107
794106
85, 91, 105, 107
794107
85, 91, 105, 107
794108
85, 91, 105, 107
794116
214
794117
214
794118
214
794120
153, 163
794132
154, 157
794138
126, 212
794139
126, 212
794140
126, 212
794141
126
794142
126
794143
126
794184
90, 92, 101, 103,
105, 107
794185
101, 107
794186
90, 92, 101, 103,
105, 107
794187
101, 107
794188 90-92, 99, 101-102, 107
Part No.
Page
770426
56
770427
56
770428
56
770429
56
770433
56
770441
56
770442
56
770443
56
770450
145, 149
770451
145, 149
770452
145, 149
770453
145, 149
770512
192
770526
154
770529
145, 212
770530
145, 212
770579
85, 88, 90-93, 103-106
770580
85, 88, 90-93, 103-106
770581 85, 88, 90, 92, 103, 105
770582 85, 88, 90, 92, 103, 105
770583 85, 88, 90, 92, 103, 105
770584 85, 88, 90, 92, 103, 105
770585 85, 88, 90, 92, 103, 105
770586 85, 88, 90, 92, 103, 105
770587 85, 88, 90, 92, 103, 105
770621
85, 90, 103, 107
770672
172
770673
172
770743
85, 90, 103, 107
770771
148
770782
146
770783
149
770784
149
770785
149
770810
149
770827
154, 157, 163
770829
154, 162-163
770834
85, 211
770835
85, 211
770842
146
770843
146
770846
154, 163
770858
85, 90, 103, 107
770859
85, 90, 103, 107
770872
85, 90, 103, 107
770872
97
770873
85, 90, 103, 107
770874
85, 90, 103, 107
770875
85, 90, 103, 107
770876
85, 90, 103, 107
770892
146
770901
86, 96, 211
770902
86, 96, 211
770903
86, 96, 211
770904
86, 96, 211
770966
85, 91, 105, 107
770967
85, 91, 105, 107
770968
85, 91, 105, 107
770969
85, 91, 105, 107
770970
85, 91, 105, 107
770971
85, 91, 105, 107
770972
85, 91, 105, 107
Part No.
Page
794189
101, 107
794190 90-92, 99, 101-102, 107
794191
101, 107
794192 90-91, 100-101, 105, 107
794193
101, 107
794194
90-91, 100-102, 107
794195
101, 107
794196
90-91, 100-105, 107
794197
101, 107
794198
90, 92, 100-101,
105, 107
794199
101, 107
794200
90-91, 100-102, 107
794201
101, 107
794202
90, 92, 100-101,
105, 107
794203
101, 107
794204
90-91, 100-102, 107
794205
101, 107
794206
90, 92, 100-101,
105, 107
794207
101, 107
794208
90, 92, 100-101,
105, 107
794209
101, 107
794210
90, 92, 100-101,
105, 107
794211
101, 107
794212
90, 92, 100-101,
105, 107
794213
101, 107
794214
90, 92, 100-101,
105, 107
794215
101, 107
794216
100, 211
794217
100, 211
794218
100, 211
794219
100, 211
794220
100, 211
794221
100, 211
794222
100, 211
794223
100, 211
794224
100
794225
100
794226
100
794227
100
794228
100
794229
100
794230
100
794231
100
794236
154, 161
794237
101, 107
794238
101, 107
794239
101, 107
794240
101, 107
794241
101, 107
794242
101, 107
794243
101, 107
794244
101, 107
794245
101, 107
794246
101, 107
794247
101, 107
794248
101, 107
794249
101, 107
Part No.
Page
794250
101, 107
794251
101, 107
794252
101, 107
794253
101, 107
794254
101, 107
794255
101, 107
794256
101, 107
794257
101, 107
794258
101, 107
794259
101, 107
794260
101, 107
794261
101, 107
794262
101, 107
794263
101, 107
794264
101, 107
794265
101, 107
794266
101, 107
794267
101, 107
794268
101, 107
794269
179
794270
179
794271
179
794272
179
794273
179
794274
179
794275
179
794276
179
794277
179
794278
179
794279
179
794280
179
794281
179
794282
179
794285
162
794287
154, 162
794302
128
794303
128
794304
128
794305
129
794306
129
794307
130
794308
130
794309
131
794310
131
794311
132
794312
132
794313
133
794325
85, 90, 104, 107
794326
85, 90, 104, 107
794327
85, 90, 104, 107
794328
85, 90, 104, 107
794329
85, 90, 104, 107
794330
85, 90, 104, 107
794349
128
794350
128
794351
128
794352
129
794353
129
794354
130
794355
130
794356
131
794357
131
Part No.
Page
224
Catalog 82181
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 4-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Part Number Index (Continued)
AMP
Soft Shell
Pin and Socket Connectors


Similar Part No. - 3-1376386-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
3-1376386-4 MACOM-3-1376386-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
3-1376386-4 MACOM-3-1376386-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
More results

Similar Description - 3-1376386-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1604254-1 MACOM-1604254-1 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
List of Unclassifed Man...
1-480318-0 ETC2-1-480318-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
Tyco Electronics
3-1376390-4 MACOM-3-1376390-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
350714-1 MACOM-350714-1 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
1-380999-0 MACOM-1-380999-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
Lumberg
3602 LUMBERG-3602_18 Datasheet
466Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3614 LUMBERG-3614 Datasheet
569Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3618-2 LUMBERG-3618-2 Datasheet
545Kb / 3P
   RAST 5 connectors, pitch 5.0 mm
3627 LUMBERG-3627 Datasheet
222Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3676 LUMBERG-3676_18 Datasheet
516Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com