Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3-1376386-4 Datasheet(PDF) 89 Page - Tyco Electronics

Part # 3-1376386-4
Description  5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

3-1376386-4 Datasheet(HTML) 89 Page - Tyco Electronics

Back Button 3-1376386-4 Datasheet HTML 85Page - Tyco Electronics 3-1376386-4 Datasheet HTML 86Page - Tyco Electronics 3-1376386-4 Datasheet HTML 87Page - Tyco Electronics 3-1376386-4 Datasheet HTML 88Page - Tyco Electronics 3-1376386-4 Datasheet HTML 89Page - Tyco Electronics 3-1376386-4 Datasheet HTML 90Page - Tyco Electronics 3-1376386-4 Datasheet HTML 91Page - Tyco Electronics 3-1376386-4 Datasheet HTML 92Page - Tyco Electronics 3-1376386-4 Datasheet HTML 93Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 98 page
background image
640714
180, 196
640715
180, 196
640716
180, 196
640717
180, 196
640718
180, 196
640719
176
640720
176
640721
176
640722
176
640723
176
640724
176
640900
171, 182, 191, 197
640901
171, 183, 191, 198
641083
171
641294
106, 205
641300
112
641737
154, 163
641763
176
641775
176
641776
180, 196
641777
176
641778
176
641825
171, 182
641828
171, 182
641831
171, 182
641832
171, 182
641945
180, 196
641963
171, 182
641964
171, 182, 191, 197
641965
171, 182
641966
171, 182, 191, 197
641967
171, 182
641968
171, 182, 191, 197
641969
171, 182
641970
171, 182, 191, 197
641971
171, 182
641972
171, 182, 191, 197
641973
171, 182
641974
171, 182, 191, 197
641975
171, 182
641976
171, 182, 191, 197
643030
180, 196
643182
176
643226
171, 183, 191, 200
643228
171, 183, 191, 200
643230
171, 183, 191, 200
643232
171, 183, 191, 200
643234
171, 185
643235
185
643236
171, 185
643237
185
643313
176
643314
176
643405
171, 182
643406
171, 182, 191, 197
643407
171, 182
643408
171, 182
643410
171, 182
643411
171, 183
643412
171, 183, 191, 198
643413
171, 183
643414
171, 183, 191, 198
Part No.
Page
643415
171, 183
643416
171, 183, 191, 198
643423
171, 183
643424
171, 183, 191, 198
643425
171, 183
643426
171, 183, 191, 198
643428
171, 183, 191, 198
643429
171, 183
643430
171, 183, 191, 198
643488
153, 163
643585
176
643749
182
770003
192, 213
770004
192, 213
770005
192, 213
770006
192, 213
770007
192, 213
770008
192, 213
770009
192, 213
770010
192, 213
770011
192, 213
770012
192, 213
770016
194-195, 185, 191,
193, 195, 197-198
770017
194-195, 191, 193,
195, 197-201
770018
194-195, 191, 193,
195, 197-201
770019
194-195, 191, 193,
195, 197-1201
770020
194-195, 191, 194-195,
197-198, 201
770021
194-195, 191, 194-195,
197-198, 201
770022
194-195, 191, 194-195,
197-198, 201
770023
194-195, 191, 194-195,
197-198, 201
770024
191, 193, 195, 201
770025
191, 193, 195, 201
770026
191, 193, 195, 201
770027
191, 194-195, 201
770028
191, 194-195, 201
770029
191, 194-195, 201
770030
191, 194-195, 201
770031
195
770032
195
770033
195
770034
195
770035
195
770036
195
770037
195
770038
195
770039
195
770040
195
770041
195
770042
195
770043
195
770044
195
770045
195
770046
195
770047
195
770048
195
770049
195
Part No.
Page
770050
195
770051
195
770052
195
770053
195
770054
195
770055
195
770056
195
770057
195
770058
195
770063
146
770064
146
770065
146
770066
146
770068
146
770069
146
770070
146
770071
146
770073
146
770074
146
770075
146
770076
146
770077
146
770078
146
770083
146
770084
146
770085
146
770086
146
770087
146
770088
146
770089
146
770090
146
770091
146
770092
146
770093
146
770094
146
770095
146
770096
146
770097
146
770098
146
770099
146
770100
146
770101
146
770102
146
770103
146
770105
146
770106
146
770107
146
770108
146
770143
171, 182
770144
145
770145
145
770146
145
770147
145
770156
154, 163
770166
85, 90, 103, 107
770170
85, 90, 103, 107
770174
85, 90, 103, 107
770178
85, 90, 103, 107
770182
85, 90, 103, 107
770186
85, 90, 103, 107
770190
85, 90, 103, 107
770193
192, 213
Part No.
Page
770194
192, 213
770210
173, 213
770232
163
770233
163
770234
173, 213
770246
192
770247
192
770248
192
770249
192
770250
192
770251
192
770252
192
770253
192
770254
192
770255
192
770262
171, 183
770264
146
770266
146
770269
148
770272
182
770274
56
770275
56
770276
148
770277
56
770278
56
770319
195
770320
195
770326
56
770329
148
770330
148
770331
56
770332
56
770333
56
770334
56
770335
56
770336
148
770337
148
770338
148
770339
148
770340
56
770341
56
770342
56
770343
56
770351
182
770353
56
770354
56
770355
56
770356
56
770360
148
770361
148
770364
145, 149
770365
145, 149
770372
148
770373
148
770377
180, 196
770383
145, 212
770385
145, 212
770416
192
770419
56
770421
171, 174
770424
149
770425
149
Part No.
Page
223
Catalog 82181
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 4-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Part Number Index (Continued)
AMP
Soft Shell
Pin and Socket Connectors


Similar Part No. - 3-1376386-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
3-1376386-4 MACOM-3-1376386-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
3-1376386-4 MACOM-3-1376386-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
More results

Similar Description - 3-1376386-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1604254-1 MACOM-1604254-1 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
List of Unclassifed Man...
1-480318-0 ETC2-1-480318-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
Tyco Electronics
3-1376390-4 MACOM-3-1376390-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
350714-1 MACOM-350714-1 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
1-380999-0 MACOM-1-380999-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
Lumberg
3602 LUMBERG-3602_18 Datasheet
466Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3614 LUMBERG-3614 Datasheet
569Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3618-2 LUMBERG-3618-2 Datasheet
545Kb / 3P
   RAST 5 connectors, pitch 5.0 mm
3627 LUMBERG-3627 Datasheet
222Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3676 LUMBERG-3676_18 Datasheet
516Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com