Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3-1376386-4 Datasheet(PDF) 67 Page - Tyco Electronics

Part # 3-1376386-4
Description  5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

3-1376386-4 Datasheet(HTML) 67 Page - Tyco Electronics

Back Button 3-1376386-4 Datasheet HTML 63Page - Tyco Electronics 3-1376386-4 Datasheet HTML 64Page - Tyco Electronics 3-1376386-4 Datasheet HTML 65Page - Tyco Electronics 3-1376386-4 Datasheet HTML 66Page - Tyco Electronics 3-1376386-4 Datasheet HTML 67Page - Tyco Electronics 3-1376386-4 Datasheet HTML 68Page - Tyco Electronics 3-1376386-4 Datasheet HTML 69Page - Tyco Electronics 3-1376386-4 Datasheet HTML 70Page - Tyco Electronics 3-1376386-4 Datasheet HTML 71Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 98 page
background image
201
Catalog 82181
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 4-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Universal MATE-N-LOK Headers for UMNL II Connectors (Continued)
AMP
Soft Shell
Pin and Socket Connectors
High Current Contacts
The Louvertac bands have the versatility
of being designed into contact dimen-
sions used in existing AMP connectors.
Universal MATE-N-LOK II High Current
contacts have been designed to fit into
an existing Universal MATE-N-LOK II
housing. An initial T-Rise test of a
fully energized 4 circuit connector with
10 gage wires has shown a 31 amp
capability per line with a 30° T-rise.
Cable-to-Cable
Material
Body — Copper Alloy
Louvertac Band — Beryllium Copper
Finish — Silver
Contact Extraction Tool No. 318851-1
Latch Disengaging Tool No. 58382-1
I
Recognized under the
Component Program of
Underwriters
Laboratories Inc.,
File No. E28476
I
Certified by Canadian
Standards
Association,
File No. LR7189
I
Passed test by VDE under
their Registration Number
3980/Continuous
Surveillance
Design Objective —108-1583
Application Specification—
114-16021
R
R
Connector Housings
No. of
Kit Part Numbers
CircuIts
Plug
Cap
2
770017-1
770024-1
3
770018-1
770025-1
4
770019-1
770026-1
5
770016-1
6
770020-1
770027-1
9
770021-1
770028-1
12
770022-1
770029-1
15
770023-1
770030-1
Cable-to-Right-Angle Board
Material
Housing — UL 94V-0 Nylon
Contact Body — Copper Alloy
Louvertac Band — Beryllium Copper
Finish — Silver
I
Recognized under the
Component Program of
Underwriters
Laboratories Inc.,
File No. E28476
I
Certified by Canadian
Standards
Association,
File No. LR7189
I
Passed test by VDE under
their Registration Number
3980/Continuous
Surveillance
Design Objective —108-1594
R
R
Connector Housings
No. of
Part Numbers
CircuIts
Socket Header
Mates with Plug Housing
2
193839-1
770017-1
3
193839-2
770018-1
4
193839-3
770019-1
5
193839-4
770016-1
Notes: 1. High Current contacts with Louvertac bands are not intermateable with any other contact.
2. Additional information on connectors is available in AMP High Current Products Catalog 65141.
3. Additional information on contacts is available in AMP Precision Pin and Socket Contacts
Catalog 65910.
Standard
MATE-N-LOK II Pin
Standard
MATE-N-LOK II
Socket
High Current Socket
Part No. 193797-1
High Current Pin
Part No. 193796-1
Plug
Part No. 770020-1
Cap
Part No. 770027-1
Plug
Part No. 770019-1
Right-Angle Receptacle
Part No. 193839-3
Contacts
Wire Size
Contact Part Numbers
Crimp Tools
AWG
Pin
Socket
10
193796-1
193797-1
Daniels
Hand Tool #M310 or AMP P/N 356114-1
12-14
193841-1
193842-1
Positioner #TP1013 or AMP P/N 356337-1
Note: High Current contacts are not intermateable with any other Universal MATE-N-LOK contact.
Note: All part numbers are RoHS Compliant.


Similar Part No. - 3-1376386-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
3-1376386-4 MACOM-3-1376386-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
3-1376386-4 MACOM-3-1376386-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
More results

Similar Description - 3-1376386-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1604254-1 MACOM-1604254-1 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
List of Unclassifed Man...
1-480318-0 ETC2-1-480318-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
Tyco Electronics
3-1376390-4 MACOM-3-1376390-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
350714-1 MACOM-350714-1 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
1-380999-0 MACOM-1-380999-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
Lumberg
3602 LUMBERG-3602_18 Datasheet
466Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3614 LUMBERG-3614 Datasheet
569Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3618-2 LUMBERG-3618-2 Datasheet
545Kb / 3P
   RAST 5 connectors, pitch 5.0 mm
3627 LUMBERG-3627 Datasheet
222Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3676 LUMBERG-3676_18 Datasheet
516Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com