Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PL16K-WCW32 Datasheet(PDF) 6 Page - P-tec Corporation

Part # PL16K-WCW32
Description  Round Thru-Hole LED Lamp
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-TEC [P-tec Corporation]
Direct Link  http://www.p-tec.net
Logo P-TEC - P-tec Corporation

PL16K-WCW32 Datasheet(HTML) 6 Page - P-tec Corporation

  PL16K-WCW32 Datasheet HTML 1Page - P-tec Corporation PL16K-WCW32 Datasheet HTML 2Page - P-tec Corporation PL16K-WCW32 Datasheet HTML 3Page - P-tec Corporation PL16K-WCW32 Datasheet HTML 4Page - P-tec Corporation PL16K-WCW32 Datasheet HTML 5Page - P-tec Corporation PL16K-WCW32 Datasheet HTML 6Page - P-tec Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
 
www.p-tec.net
111413 Rev0 MS
Page 6 of 6
Packing Dimensions


Similar Part No. - PL16K-WCW32

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PL16K-WCW32 P-TEC-PL16K-WCW32_14 Datasheet
1Mb / 6P
   Low power consumption
More results

Similar Description - PL16K-WCW32

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PL03F-WCW24 P-TEC-PL03F-WCW24_14 Datasheet
1Mb / 6P
   3mm Round Thru-Hole LED
logo
TT Electronics.
OVLBB4C7 TTELEC-OVLBB4C7 Datasheet
215Kb / 9P
   Round Through-Hole LED Lamp
OVLFB3C7 TTELEC-OVLFB3C7 Datasheet
712Kb / 8P
   Round Through-Hole LED Lamp
logo
P-tec Corporation
PLC5C-WCW01 P-TEC-PLC5C-WCW01 Datasheet
753Kb / 6P
   5mm (T1 3/4) Round Thru-Hole LED
PLC5C-WCW01 P-TEC-PLC5C-WCW01_14 Datasheet
753Kb / 6P
   5mm (T1 3/4) Round Thru-Hole LED
PL1010TR-WCCW P-TEC-PL1010TR-WCCW Datasheet
32Kb / 1P
   Round Lens High Power White Thru-Hole LED
logo
Marktech Corporate
MT3101N-UR-A MARKTECH-MT3101N-UR-A Datasheet
195Kb / 5P
   ROUND LED LAMP
MT3118-Y-A MARKTECH-MT3118-Y-A Datasheet
249Kb / 5P
   ROUND LED LAMP
MT3301N-UY-A MARKTECH-MT3301N-UY-A Datasheet
275Kb / 5P
   ROUND LED LAMP
MT4118-HR-A MARKTECH-MT4118-HR-A Datasheet
136Kb / 6P
   ROUND LED LAMP
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com