Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


3-1376384-4 Datasheet(PDF) 2 Page - Tyco Electronics

Part No. 3-1376384-4
Description  5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
Download  98 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

 
 2 page
background image
136
Catalog 82181
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 4-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board) (Continued)
AMP
Soft Shell
Pin and Socket Connectors
Quick Reference Chart for Mating Part Numbers
Applicable
No. of Pos.
Double Lock Plate
Mating Header Assy.
Type of Keying/Color
Part Number
Part Number
Part Number
Type A/Natural
1376388-1
1376394-1
1376382-1
2
Type B/Red
1-1376388-2
1376394-1
1-1376382-2
Type C/Blue
2-1376388-3
1376294-1
2-1376382-3
Type D/Yellow
3-1376388-4
1376394-1
3-1376382-4
Type A/Natural
1376389-1
1376395-1
1376383-1
1376421-1
3
Type B/Red
1-1376389-2
1376395-1
1-1376383-2
1-1376421-2
Type C/Blue
2-1376389-3
1376395-1
2-1376383-3
2-1376421-3
Type D/Yellow
3-1376389-4
1376395-1
3-1376383-4
3-1376421-4
Type A/Natural
1376390-1
1376396-1
1376384-1
4
Type B/Red
1-1376390-2
1376396-1
1-1376384-2
Type C/Blue
2-1376390-3
1376396-1
2-1376384-3
Type D/Yellow
3-1376390-4
1376396-1
3-1376384-4
Type A/Natural
1376391-1
1376397-1
1376385-1
6
Type B/Red
1-1376391-2
1376397-1
1-1376385-2
Type C/Blue
2-1376391-3
1376397-1
2-1376385-3
Type D/Yellow
3-1376391-4
1376397-1
3-1376385-4
2 Row
Type A/Natural
1376392-1
1376394-1
1376386-1
4
Type B/Red
1-1376392-2
1376394-1
1-1376386-2
Type C/Blue
2-1376392-3
1376394-1
2-1376386-3
Type D/Yellow
3-1376392-4
1376394-1
3-1376386-4
Type A/Natural
1376393-1
1376395-1
1376387-1
6
Type B/Red
1-1376393-2
1376395-1
1-1376387-2
Type C/Blue
2-1376393-3
1376395-1
2-1376387-3
Type D/Yellow
3-1376393-4
1376395-1
3-1376387-4
*Included in Header Assy. line are Tube Stick version. Refer to the appropriate description in the catalog.
Note: All part numbers are RoHS Compliant.
Plug Housing
Note: Dimensions shown are metric.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl