Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


3-1376384-4 Datasheet(PDF) 1 Page - Tyco Electronics

Part No. 3-1376384-4
Description  5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
Download  98 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

 
 1 page
background image
135
Catalog 82181
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 4-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
AMP
Soft Shell
Pin and Socket Connectors
Product Facts
I
Compact design with
19.4 mm mated height
I
Power circuit connector with
5.0 mm contact centerline
I
Wire-to-board connectors
consisting of plug housings
for wires and PCB header
assemblies
I
With a clear clicking sound,
contact insertions can be
made easier. The double
lock plate provides for
complete loading of contacts
I
Locking levers are
surrounded by walls, which
protect levers and prevent
tangling with wires
I
Connector is designed to
release bubbles created
by the process of potting
(PC board coating)
I
Housing lances also help
prevent tangling of wired
contacts
I
Recognized under the
Component Program
of Underwriters
Laboratories Inc.,
File No. E28476
I
Certified by Canadian
Standards Association,
File No. LR7189
5.0 mm Power Key
Connectors are for power
circuits of home appliances,
especially targeting gas
appliances. The connector
features four kinds of keying
per housing.
Only color-coding of hous-
ings limited the efficiency
of blind mating where you
could not see connectors.
However, the new keying
mechanism not only
improves assembly
efficiency but also helps
prevent mismating.
Part numbers involved
can be reduced so that
purchasing and stock
level control can be
made simpler.
Performance Characteristics
Voltage Rating—300 VAC1
Current Rating—10A max.2
Operating Temperature—
-30°C ~ +105˚C
Applicable Wire—24-16 AWG
Applicable PC Board Thickness—
1.6 mm
1 Excludes header tyne round
space. Usable for 150 VAC
applications when the round
dimensions are 3 mm or less.
2 Specified values vary according to
the number of contacts and the
wire used. The 10 A maximum
value applies to 16 AWG wire
used with 2 contacts.
Technical Documents
Product Specification
108-5699
Application Specification
114-5292
R
R




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl