Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3-1376382-4 Datasheet(PDF) 23 Page - Tyco Electronics

Part # 3-1376382-4
Description  5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

3-1376382-4 Datasheet(HTML) 23 Page - Tyco Electronics

Back Button 3-1376382-4 Datasheet HTML 19Page - Tyco Electronics 3-1376382-4 Datasheet HTML 20Page - Tyco Electronics 3-1376382-4 Datasheet HTML 21Page - Tyco Electronics 3-1376382-4 Datasheet HTML 22Page - Tyco Electronics 3-1376382-4 Datasheet HTML 23Page - Tyco Electronics 3-1376382-4 Datasheet HTML 24Page - Tyco Electronics 3-1376382-4 Datasheet HTML 25Page - Tyco Electronics 3-1376382-4 Datasheet HTML 26Page - Tyco Electronics 3-1376382-4 Datasheet HTML 27Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 98 page
background image
157
Catalog 82181
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 4-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Commercial MATE-N-LOK Connectors (Continued)
AMP
Soft Shell
Pin and Socket Connectors
Housings
Free-Hanging
.200 [5.08] Centerline spacing
Material
Housing —Nylon, natural color
Flammability Rating —UL94V-2
Related Product Data
Product Specification
108-1000 Commercial MATE-N-LOK
Connectors
Performance Characteristics—
pages 151-152
Contacts—pages 155-156
Commoning Tabs—page 155
Keying Plug—page 156
Technical Documents—pages 151
and 205-206
Mating Pin Headers—pages 161-164
Mating Socket Headers—page 162
Mating IDC—page 163
1 Circuit
Pin Housing (Cap)
Pin Housing (Cap) Positive Lock
Socket Housing (Plug)
Number of
Dimensions
Part Numbers
Circuits
AB
C
DE
F
Pin Housing (Cap)
Socket Housing (Plug)
.300
1.200
.260
.870
1-480350-01
1-480349-0
7.62
30.48
6.60
22.10
1
.300
1.240
.260
.870
1-480351-02
1-480349-0
7.62
31.49
6.60
22.10
.300
1.325
.260
.995
1-480401-01,3
1-480400-03
7.62
33.65
6.60
25.27
.610
.930
.330
.530
.860
.295
1-480319-01,5
1-480318-05
15.49
23.62
8.38
13.46
21.84
7.49
2
.610
.930
.330
.530
.860
.295
1-480498-11,3,5
1-480393-13,5
15.49
23.62
8.38
13.46
21.84
7.49
.810
.930
.325
.825
.850
.290
1-480305-01,5
1-480303-05
20.57
23.62
8.25
20.95
21.60
7.37
3
.810
.930
.325
.825
.850
.290
1-480387-01,3,5
1-480388-03,5
20.57
23.62
8.25
20.95
21.60
7.37
1.010
.930
.330
1.030
.850
.310
1-480426-01,5,6
1-480424-05,6
4
25.65
23.62
8.38
26.16
21.60
7.88
——
1.030
.850
.310
794132-14,5,6
770827-14,5,6
26.16
21.60
7.88
1
Detent lock
2
Positive lock
3
UV Stable black color
4
Housing Material UL94V-0 rated
5
Housing accepts double wire applications where individual insulation diameters do not exceed .115 [2.92].
6
Used by the disk drive industry.
Pin Housing (Cap) Detent Lock
Socket Housing (Plug)
2, 3 and 4 Circuit,
In-Line
B
C
A
B
E
D
F
B
A
A
E
D
.200
[5.08]
Note: All part numbers are RoHS Compliant.


Similar Part No. - 3-1376382-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
3-1376382-4 MACOM-3-1376382-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
3-1376382-4 MACOM-3-1376382-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
More results

Similar Description - 3-1376382-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1604254-1 MACOM-1604254-1 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
List of Unclassifed Man...
1-480318-0 ETC2-1-480318-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
Tyco Electronics
3-1376390-4 MACOM-3-1376390-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
350714-1 MACOM-350714-1 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
1-380999-0 MACOM-1-380999-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
Lumberg
3602 LUMBERG-3602_18 Datasheet
466Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3614 LUMBERG-3614 Datasheet
569Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3618-2 LUMBERG-3618-2 Datasheet
545Kb / 3P
   RAST 5 connectors, pitch 5.0 mm
3627 LUMBERG-3627 Datasheet
222Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3676 LUMBERG-3676_18 Datasheet
516Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com