Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3-1376382-4 Datasheet(PDF) 13 Page - Tyco Electronics

Part # 3-1376382-4
Description  5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

3-1376382-4 Datasheet(HTML) 13 Page - Tyco Electronics

Back Button 3-1376382-4 Datasheet HTML 9Page - Tyco Electronics 3-1376382-4 Datasheet HTML 10Page - Tyco Electronics 3-1376382-4 Datasheet HTML 11Page - Tyco Electronics 3-1376382-4 Datasheet HTML 12Page - Tyco Electronics 3-1376382-4 Datasheet HTML 13Page - Tyco Electronics 3-1376382-4 Datasheet HTML 14Page - Tyco Electronics 3-1376382-4 Datasheet HTML 15Page - Tyco Electronics 3-1376382-4 Datasheet HTML 16Page - Tyco Electronics 3-1376382-4 Datasheet HTML 17Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 98 page
background image
147
Catalog 82181
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 4-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
.093 [2.36] Commercial Pin and Socket Connectors (Continued)
AMP
Soft Shell
Pin and Socket Connectors
Housings
Free-Hanging or Panel Mount
.198 [5.03] Centerline spacing
Material
Housing —Nylon, natural color
Flammability Rating —
UL94V-2
Related Product Data
Contacts —page 145
Product Specification —108-1038
Receptacle (Free-Hanging)
Plug (Free-Hanging)
4, 6, 9, 12, and 15 Circuit, Matrix
Receptacle
Plug
Panel Cutout Dimensions
No. of
Receptacle
Plug
Circuits
AB
AB
.312
.725
.375
.800
2
7.92
18.42
9.53
20.32
.312
.840
.375
.933
3
7.92
21.34
9.53
23.70
4
.312
1.038
.375
1.131
(In-Line)
7.92
26.37
9.53
28.73
.600
.718
.695
.750
6
15.24
18.24
17.65
19.05
.725
.828
.660
.937
9
18.42
21.03
16.76
23.80
.725
1.050
.760
1.155
12
18.42
26.67
19.30
29.34
.655
1.240
.760
1.343
15
16.64
31.50
19.30
34.11
Note: The panel should be punched so that the housing enters in the same
direction as the punch.
Recommended
Panel Cutouts
Maximum panel thickness is
.090 [2.29].
.198
[5.03]
.430
[10.92]
.630
[16.0]
.198
[5.03]
.198
[5.03]
.198
[5.03]
.735 ± .010
[18.67 ± 0.25]
.535 ± .010
[13.59 ± 0.25]
.340
[8.64]
1.170
[29.72]
.198
[5.03]
Typ.
1.095
[27.81]
.240
[6.10]
1.070
[27.18]
.198
[5.03]
Typ.
1.125
[28.58]
B
A
5 Circuit, In-Line
1.000 ± .010
[25.4 ± 0.25]
.970 ± .010
[24.64 ± 0.25]


Similar Part No. - 3-1376382-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
3-1376382-4 MACOM-3-1376382-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
3-1376382-4 MACOM-3-1376382-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
More results

Similar Description - 3-1376382-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1604254-1 MACOM-1604254-1 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
List of Unclassifed Man...
1-480318-0 ETC2-1-480318-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
Tyco Electronics
3-1376390-4 MACOM-3-1376390-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
350714-1 MACOM-350714-1 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
1-380999-0 MACOM-1-380999-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
Lumberg
3602 LUMBERG-3602_18 Datasheet
466Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3614 LUMBERG-3614 Datasheet
569Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3618-2 LUMBERG-3618-2 Datasheet
545Kb / 3P
   RAST 5 connectors, pitch 5.0 mm
3627 LUMBERG-3627 Datasheet
222Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3676 LUMBERG-3676_18 Datasheet
516Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com