Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3-1376382-4 Datasheet(PDF) 80 Page - Tyco Electronics

Part # 3-1376382-4
Description  5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

3-1376382-4 Datasheet(HTML) 80 Page - Tyco Electronics

Back Button 3-1376382-4 Datasheet HTML 76Page - Tyco Electronics 3-1376382-4 Datasheet HTML 77Page - Tyco Electronics 3-1376382-4 Datasheet HTML 78Page - Tyco Electronics 3-1376382-4 Datasheet HTML 79Page - Tyco Electronics 3-1376382-4 Datasheet HTML 80Page - Tyco Electronics 3-1376382-4 Datasheet HTML 81Page - Tyco Electronics 3-1376382-4 Datasheet HTML 82Page - Tyco Electronics 3-1376382-4 Datasheet HTML 83Page - Tyco Electronics 3-1376382-4 Datasheet HTML 84Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 98 page
background image
214
Catalog 82181
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 4-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Product Feature Comparisons
AMP
Soft Shell
Pin and Socket Connectors
2.5 mm
Micro
Grace
.062
Power
Mini-
Sealed
Mini-
(MR)
VAL-U-LOK
High Density
Signal
MATE-N-LOK
Inertia
Commercial
Double
Universal
Mini-
Universal
Miniature
Connector
AMP-
Double
3 mm
Connectors
Pin &
Lock
MATE-N-LOK
Universal
MATE-N-LOK 2
Rectangular
System
DUAC
Lock (SDL)
(GIC) 3.5
Socket
(PDL)
MATE-N-LOK
Wire AWG—
Maximum
20
20
18
18
16
16
18
16
18
18
18
Minimum
26
30
26
30
26
30
26
30
26
26
26
Current Rating —
10 AWG Wire
——
14 AWG Wire
——
——
16 AWG Wire
——
14
——
18 AWG Wire
**
7
17
—9
9
10.5
69
9
20 AWG Wire
3—
Max. Operating Voltage
50
250
300
250
300
600
600
600
250
600
600
(AC or DC)
Flammability Rating —
UL 94V-0
Yes
Yes
Yes
No
Yes
Yes
Yes
Yes
Yes
Yes
Yes
UL 94V-2
No
No
No
Yes
No
Yes*
No
Yes
No
Yes
Yes
Approvals —
UL
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Submitted
Yes
Yes
Yes
CSA
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Submitted
Yes
Yes
Yes
VDE
Yes
Yes
No
Yes
Yes
Yes
Submitted
No
No
Contact Material —
Brass
No
Yes
Yes
Yes
Yes
Yes
Yes
Yes
No
Yes
Phos. Bronze
Yes
Yes
No
Yes
No
Yes
Yes
No
Yes
Yes
Yes
Plating Finish —
Tin Plating
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Gold Plating
No
Yes
No
Yes
No
Yes
Yes
Yes
Yes
Yes
Yes
.156 [3.96]
Centerline Spacing —
.098
.118
.137
.145
256 [6.50]
.163
.163
.163
.165
.165
.165
[2.50]
[3.00]
[3.50]
[3.68]
.312 [7.92]
[4.14]
[4.14]
[4.14]
[4.20]
[4.20]
[4.20]
.512 [13.00]
Housings —
Panel Mount
No
Yes
No
Yes
Yes
Yes
Yes
No
Yes
Yes
Yes
Free-Hanging
Yes
Yes
Yes
Yes
Yes
Yes
No
Yes
Yes
Yes
Yes
Secondary Locking Latches Yes
No
Yes
No
Yes
No
No
Yes
No
Yes
Yes
Contact Position Control
Yes
No
No
No
No
No
No
Yes
No
No
Yes
In-Line Config.
Yes
Yes
Yes
Yes
Yes
Yes
No
Yes
Yes
Yes
Yes
Dual Row Config.
No
Yes
Yes
No
Yes
Yes
Yes
Yes
No
Yes
Yes
Matrix Config.
No
No
No
Yes
Yes
Yes
No
Yes
Yes
No
No
Accessories —
Strain Relief
No
No
Yes
No
Yes
Yes
No
No
Yes
No
Yes
Keying Plug
No
No
No
No
No
Yes
Yes
Yes
Yes
No
No
Seals
No
No
No
No
No
Yes
Yes
No
No
No
No
Headers —
Vertical
Yes
Yes
No
No
Yes
Yes
Yes
Mini-Universal
Yes
Yes
Yes
MATE-N-LOK
Blindmate
No
No
No
No
No
Yes
Yes
Mini-Universal
No
Yes
No
MATE-N-LOK
Right-Angle
Planned
Yes
No
No
No
Yes
Yes
Mini-Universal
No
Yes
Yes
MATE-N-LOK
Positions —
Minimum
2
2
21
1
12
2
2
2
2
Maximum
13
24
69
12
24
10
24
36
24
24
* Wire-to-Wire Only.
** 5 A on 20 AWG*


Similar Part No. - 3-1376382-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
3-1376382-4 MACOM-3-1376382-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
3-1376382-4 MACOM-3-1376382-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
More results

Similar Description - 3-1376382-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1604254-1 MACOM-1604254-1 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
List of Unclassifed Man...
1-480318-0 ETC2-1-480318-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
Tyco Electronics
3-1376390-4 MACOM-3-1376390-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
350714-1 MACOM-350714-1 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
1-380999-0 MACOM-1-380999-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
Lumberg
3602 LUMBERG-3602_18 Datasheet
466Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3614 LUMBERG-3614 Datasheet
569Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3618-2 LUMBERG-3618-2 Datasheet
545Kb / 3P
   RAST 5 connectors, pitch 5.0 mm
3627 LUMBERG-3627 Datasheet
222Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3676 LUMBERG-3676_18 Datasheet
516Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com