Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS5150H Datasheet(PDF) 9 Page - Cherry Semiconductor Corporation

Part # CS5150H
Description  CPU 4-Bit Synchronous Buck Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS5150H Datasheet(HTML) 9 Page - Cherry Semiconductor Corporation

Back Button CS5150H Datasheet HTML 5Page - Cherry Semiconductor Corporation CS5150H Datasheet HTML 6Page - Cherry Semiconductor Corporation CS5150H Datasheet HTML 7Page - Cherry Semiconductor Corporation CS5150H Datasheet HTML 8Page - Cherry Semiconductor Corporation CS5150H Datasheet HTML 9Page - Cherry Semiconductor Corporation CS5150H Datasheet HTML 10Page - Cherry Semiconductor Corporation CS5150H Datasheet HTML 11Page - Cherry Semiconductor Corporation CS5150H Datasheet HTML 12Page - Cherry Semiconductor Corporation CS5150H Datasheet HTML 13Page - Cherry Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Applications Information: continued
9
This protection feature results in less stress to the regulator
components, input power supply, and PC board traces
than occurs with constant current limit protection (see
Figures 10 and 11).
If the short circuit condition is removed, output voltage
will rise above the 1V level, preventing the FAULT latch
from being set, allowing normal operation to resume.
Figure 10: CS5150H demonstration board hiccup mode short circuit pro-
tection. Gate pulses are delivered while the soft start capacitor charges,
and cease during discharge.
Figure 11: Startup with regulator output shorted.
Overvoltage Protection
Overvoltage protection (OVP) is provided as result of the
normal operation of the V2™ control topology and requires
no additional external components. The control loop
responds to an overvoltage condition within 100ns, causing
the top MOSFET to shut off, disconnecting the regulator
from its input voltage. The bottom MOSFET is then activat-
ed, resulting in a “crowbar” action to clamp the output
voltage and prevent damage to the load (see Figures 12 and
13). The regulator will remain in this state until the over-
voltage condition ceases or the input voltage is pulled low.
The bottom FET and board trace must be properly
designed to implement the OVP function.
Figure 12: OVP response to an input-to-output short circuit by immedi-
ately providing 0% duty cycle, crow-barring the input voltage to
ground.
Figure 13: OVP response to an input-to-output short circuit by pulling
the input voltage to ground.
External Output Enable Circuit
On/off control of the regulator can be implemented
through the addition of two additional discrete compo-
nents (see Figure 14). This circuit operates by pulling the
soft start pin high, and the VFFB pin low, emulating a short
circuit condition.
Trace 4 = 5V from PC Power Supply (2V/div.)
Trace 1 = Regulator Output Voltage (1V/div.)
Trace 4 = 5V from PC Power Supply (5V/div.)
Trace1 = Regulator Output Voltage (1V/div.)
Trace 2 = Inductor Switching Node (5V/div.)
Trace 4 = 5V from PC Power Supply (2V/div.)
Trace 2 = Inductor Switching Node (2V/div.)
Trace 4 - 5V Supply Voltage (2V/div.)
Trace 3 - Soft Start Timing Capacitor (1V/div.)
Trace 2 - Inductor Switching Node (2V/div.)


Similar Part No. - CS5150H

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS5150H ONSEMI-CS5150H Datasheet
623Kb / 17P
   CPU 4?묪it Synchronous Buck Controller
July, 2006 ??Rev. 4
CS5150HGD16 ONSEMI-CS5150HGD16 Datasheet
623Kb / 17P
   CPU 4?묪it Synchronous Buck Controller
July, 2006 ??Rev. 4
CS5150HGDR16 ONSEMI-CS5150HGDR16 Datasheet
623Kb / 17P
   CPU 4?묪it Synchronous Buck Controller
July, 2006 ??Rev. 4
More results

Similar Description - CS5150H

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS5150 CHERRY-CS5150 Datasheet
236Kb / 14P
   CPU 4-Bit Synchronous Buck Controller
CS5157 CHERRY-CS5157 Datasheet
316Kb / 14P
   CPU 5-Bit Synchronous Buck Controller
CS5155H CHERRY-CS5155H Datasheet
238Kb / 14P
   CPU 5-Bit Synchronous Buck Controller
CS5155 CHERRY-CS5155 Datasheet
279Kb / 14P
   CPU 5-Bit Synchronous Buck Controller
CS5157H CHERRY-CS5157H Datasheet
236Kb / 14P
   CPU 5-Bit Synchronous Buck Controller
CS5158 CHERRY-CS5158 Datasheet
231Kb / 14P
   CPU 5-Bit Synchronous Buck Controller
logo
ON Semiconductor
CS5150 ONSEMI-CS5150 Datasheet
631Kb / 18P
   CPU 4?묪it Synchronous Buck Controller
July, 2006 ??Rev. 5
CS5150H ONSEMI-CS5150H Datasheet
623Kb / 17P
   CPU 4?묪it Synchronous Buck Controller
July, 2006 ??Rev. 4
ADP3207 ONSEMI-ADP3207 Datasheet
398Kb / 29P
   CPU Synchronous Buck Controller
February 2008 ??Rev. 1
ADP3207A ONSEMI-ADP3207A Datasheet
396Kb / 28P
   CPU Synchronous Buck Controller
February 2008 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com