Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS5150GD16 Datasheet(PDF) 11 Page - Cherry Semiconductor Corporation

Part # CS5150GD16
Description  CPU 4-Bit Synchronous Buck Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS5150GD16 Datasheet(HTML) 11 Page - Cherry Semiconductor Corporation

Back Button CS5150GD16 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS5150GD16 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS5150GD16 Datasheet HTML 8Page - Cherry Semiconductor Corporation CS5150GD16 Datasheet HTML 9Page - Cherry Semiconductor Corporation CS5150GD16 Datasheet HTML 10Page - Cherry Semiconductor Corporation CS5150GD16 Datasheet HTML 11Page - Cherry Semiconductor Corporation CS5150GD16 Datasheet HTML 12Page - Cherry Semiconductor Corporation CS5150GD16 Datasheet HTML 13Page - Cherry Semiconductor Corporation CS5150GD16 Datasheet HTML 14Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Applications Information: continued
11
Figure 17: CS5150 gate drive waveforms depicting rail to rail swing.
The most important aspect of MOSFET performance is
RDSON, which effects regulator efficiency and MOSFET
thermal management requirements.
The power dissipated by the MOSFETs may be estimated
as follows;
Switching MOSFET:
Power = ILOAD2 × RDSON × duty cycle
Synchronous MOSFET:
Power = ILOAD2 × RDSON × (1 - duty cycle)
Duty Cycle =
Off Time Capacitor (COFF)
The COFF timing capacitor sets the regulator off time:
TOFF = COFF × 4848.5
When the VFFB pin is less than 1V, the current charging the
COFF capacitor is reduced. The extended off time can be cal-
culated as follows:
TOFF = COFF × 24,242.5.
Off time will be determined by either the TOFF time, or the
time out timer, whichever is longer.
The preceding equations for duty cycle can also be used to
calculate the regulator switching frequency and select the
COFF timing capacitor:
COFF =
,
where:
Period =
Schottky Diode for Synchronous MOSFET
A Schottky diode may be placed in parallel with the syn-
chronous MOSFET to conduct the inductor current upon
turn off of the switching MOSFET to improve efficiency.
The CS5150 reference circuit does not use this device due to
its excellent design. Instead, the body diode of the syn-
chronous MOSFET is utilized to reduce cost and conducts
the inductor current. For a design operating at 200kHz or so,
the low non-overlap time combined with Schottky forward
recovery time may make the benefits of this device not
worth the additional expense (see Figure 6, channel 2). The
power dissipation in the synchronous MOSFET due to body
diode conduction can be estimated by the following equation:
Power = Vbd × ILOAD × conduction time × switching frequency
Where Vbd = the forward drop of the MOSFET body diode.
For the CS5150 demonstration board as shown in Figure 6;
Power = 1.6V × 13A × 100ns × 233kHz = 0.48W
This is only 1.3% of the 36.4W being delivered to the load.
“Droop” Resistor for Adaptive Voltage Positioning
Adaptive voltage positioning is used to reduce output volt-
age excursions during abrupt changes in load current.
Regulator output voltage is offset +40mV when the regula-
tor is unloaded, and -40mV at full load. This results in
increased margin before encountering minimum and maxi-
mum transient voltage limits, allowing use of less capaci-
tance on the regulator output (see Figure 7).
To implement adaptive voltage positioning, a “droop”
resistor must be connected between the output inductor
and output capacitors and load. This is normally imple-
mented by a PC board trace of the following value:
RDROOP =
Adaptive voltage positioning can be disabled for improved
DC regulation by connecting the VFB pin directly to the load
using a separate, non-load current carrying circuit trace.
80mV
IMAX
1
switching frequency
Period × (1 - duty cycle)
4848.5
VOUT + (ILOAD × RDSON OF SYNCH FET)
VIN + (ILOAD × RDSON OF SYNCH FET) - (ILOAD × RDSON OF SWITCH FET)
Trace 3 = VGATE(H) (10V/div.)
Math 1= VGATE(H) - 5VIN
Trace 4 = VGATE(L) (10V/div.)
Trace 2 = Inductor Switching Node (5V/div.)


Similar Part No. - CS5150GD16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS5150GD16 ONSEMI-CS5150GD16 Datasheet
631Kb / 18P
   CPU 4?묪it Synchronous Buck Controller
July, 2006 ??Rev. 5
More results

Similar Description - CS5150GD16

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS5150H CHERRY-CS5150H Datasheet
322Kb / 14P
   CPU 4-Bit Synchronous Buck Controller
CS5157 CHERRY-CS5157 Datasheet
316Kb / 14P
   CPU 5-Bit Synchronous Buck Controller
CS5155H CHERRY-CS5155H Datasheet
238Kb / 14P
   CPU 5-Bit Synchronous Buck Controller
CS5155 CHERRY-CS5155 Datasheet
279Kb / 14P
   CPU 5-Bit Synchronous Buck Controller
CS5157H CHERRY-CS5157H Datasheet
236Kb / 14P
   CPU 5-Bit Synchronous Buck Controller
CS5158 CHERRY-CS5158 Datasheet
231Kb / 14P
   CPU 5-Bit Synchronous Buck Controller
logo
ON Semiconductor
CS5150 ONSEMI-CS5150 Datasheet
631Kb / 18P
   CPU 4?묪it Synchronous Buck Controller
July, 2006 ??Rev. 5
CS5150H ONSEMI-CS5150H Datasheet
623Kb / 17P
   CPU 4?묪it Synchronous Buck Controller
July, 2006 ??Rev. 4
ADP3207 ONSEMI-ADP3207 Datasheet
398Kb / 29P
   CPU Synchronous Buck Controller
February 2008 ??Rev. 1
ADP3207A ONSEMI-ADP3207A Datasheet
396Kb / 28P
   CPU Synchronous Buck Controller
February 2008 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com