Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PL16E-WCB13Z Datasheet(PDF) 1 Page - P-tec Corporation

Part # PL16E-WCB13Z
Description  Ultra Bright Blue LED
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-TEC [P-tec Corporation]
Direct Link  http://www.p-tec.net
Logo P-TEC - P-tec Corporation

PL16E-WCB13Z Datasheet(HTML) 1 Page - P-tec Corporation

  PL16E-WCB13Z Datasheet HTML 1Page - P-tec Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Absolute Maximum Ratings at TA = 25°C
Power Dissipation……………………………….……………………….…………………… 120mW
Reverse Voltage (<50µA) …….……………...…………………………….……………………. 5.0V
Max Forward Current …………..………………..…………………………………………… 30mA
Peak Forward Current (1/10 Duty Cycle, 0.1ms Pulse Width) ....………………...……………….…. 100mA
Operating Temperature Range ……………………………………………………..... -25°C to +85°C
Storage Temperature Range ………….……………………………………….……. -40°C to +100°C
Soldering Temperature (1.6mm below body) ……………………...……………..… 260°C for 5 seconds
Electric Static Discharge ……………………………………………………………….…..…. 2000V
PL16 Series 5mm T1¾ Ultra Bright Blue LED
Features
*Popular 5mm Lens Style with
Flange
*High Light Output
*Good Viewing Angle
*Low Current Requirements
*Integrated Zener Diode
for ESD protection
*RoHS Compliant
All dimensions are in Millimeters. Tolerance is ± 0.25mm unless otherwise specified. An epoxy meniscus may extend about 1mm down the leads.
01-30-07 Rev 0 RS
8.7
24.0Min.
1.5typ.
2.54 ±0.1
1.0
0.5 Square
5.9
Anode
5.0
Tel:(800)688-0613
Tel:(719) 589 3122
Fax:(719) 589 3592
www.p-tec.net
sales@p-tec.net
P-tec Corp.
2405 Commerce Circle
Alamosa Co. 81101
Electrical & Optical Characteristics at TA = 25°C
Part Number
Emitting
Color
Chip
Material
Peak
Wave
Length
Viewing
Angle
2
θ ½
Forward Voltage
@20mA (V)
Luminous Intensity
@20mA (mcd)
Water Clear Lens
nm
Deg
Typ
Max
Min
Typ
PL16E-WCB13Z
Blue
InGaN
25°
3.2
4.0
1400
2550
Dominant
Wave
Length
nm
465


Similar Part No. - PL16E-WCB13Z

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PL16E-WCB13Z P-TEC-PL16E-WCB13Z Datasheet
29Kb / 1P
   5mm T1쩐 Ultra Bright Blue LED
PL16E-WCB13Z P-TEC-PL16E-WCB13Z_14 Datasheet
449Kb / 1P
   Popular 5mm Lens Style with
More results

Similar Description - PL16E-WCB13Z

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PL16E-WCB20Z P-TEC-PL16E-WCB20Z Datasheet
29Kb / 1P
   Ultra Bright Blue LED
PL16F-WCB13Z P-TEC-PL16F-WCB13Z Datasheet
29Kb / 1P
   Ultra Bright Blue LED
PL16F-WCB20Z P-TEC-PL16F-WCB20Z Datasheet
29Kb / 1P
   Ultra Bright Blue LED
logo
Marktech Corporate
LC503TSB1-15H-A MARKTECH-LC503TSB1-15H-A Datasheet
58Kb / 2P
   Ultra Bright Blue 5mm LED
LC503QBL1-30G-A MARKTECH-LC503QBL1-30G-A Datasheet
346Kb / 2P
   Ultra Bright Blue 5mm LED
LO5SMTBL4-B0G-A1 MARKTECH-LO5SMTBL4-B0G-A1 Datasheet
57Kb / 2P
   Ultra Bright Blue Elliptical LED
LO566PBL4-70G-A MARKTECH-LO566PBL4-70G-A Datasheet
358Kb / 2P
   Ultra Bright Blue Elliptical LED
MT0363-BL MARKTECH-MT0363-BL Datasheet
375Kb / 2P
   Ultra Bright Blue 2.9mm LED
LC503QSB1-15H-A MARKTECH-LC503QSB1-15H-A Datasheet
352Kb / 2P
   Ultra Bright Blue 5mm LED
MT0303-BL MARKTECH-MT0303-BL Datasheet
372Kb / 2P
   Ultra Bright Blue 3mm LED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com