Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3-1376389-4 Datasheet(PDF) 40 Page - Tyco Electronics

Part # 3-1376389-4
Description  5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

3-1376389-4 Datasheet(HTML) 40 Page - Tyco Electronics

Back Button 3-1376389-4 Datasheet HTML 36Page - Tyco Electronics 3-1376389-4 Datasheet HTML 37Page - Tyco Electronics 3-1376389-4 Datasheet HTML 38Page - Tyco Electronics 3-1376389-4 Datasheet HTML 39Page - Tyco Electronics 3-1376389-4 Datasheet HTML 40Page - Tyco Electronics 3-1376389-4 Datasheet HTML 41Page - Tyco Electronics 3-1376389-4 Datasheet HTML 42Page - Tyco Electronics 3-1376389-4 Datasheet HTML 43Page - Tyco Electronics 3-1376389-4 Datasheet HTML 44Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 98 page
background image
174
Catalog 82181
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 4-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Universal MATE-N-LOK Connectors (Continued)
AMP
Soft Shell
Pin and Socket Connectors
Housings
Free-Hanging or Panel Mount
.250 [6.35] Centerline spacing
2, 3, 4, 5, 6, 8 and 10
Circuit, In-Line
6 Circuit, Matrix
9, 12 and 15 Circuit,
Matrix
Number of
A
Housing Part Numbers
UL94V-2 Nylon, Natural Color2
UL94V-0 Nylon3
Circuits
Dim.
Plug
Cap
Plug
Cap
1—
1-350867-0
770421-1
350865-1
350866-1
2
.550
1-480698-01
1-480699-01
350777-11
350778-11
13.97
3
.800
1-480700-01
1-480701-01
350766-11
350767-11
20.32
4
1.050
1-480702-01
1-480703-01
350779-11
350780-11
26.67
5
1.300
1-480763-01
1-480764-01
350809-11
350810-11
33.02
1.550
640585-11
926307-11
640581-11
926307-31
39.37
6
1-480704-0
1-480705-0
350715-1
350781-1
794096-14
8
2.050
640586-11
926308-11
640582-11
926308-31
52.07
9
.800
1-480706-0
1-480707-0
350720-1
350782-1
20.32
10
2.550
926302-11
926309-11
926302-31
926309-31
64.77
12
1.050
1-480708-0
1-480709-0
350735-1
350783-1
26.67
15
1.300
1-480710-0
1-480711-0
350736-1
350784-1
33.02
1
In-Line style.
2
Housing material has 125°C temperature rating.
3
Housing material has 120°C temperature rating.
4
Tool Removable.
Related Product Data
Product Specification
108-1031 Universal MATE-N-LOK
Connectors
Performance Characteristics—
pages 169-170
Contacts—pages 172-173
Panel Cutout
Recommendations— page 175
Keying Plug— page 175
Strain Reliefs— pages 175-176
Technical Documents— pages 169
and 205-206
Mating Headers—pages 182-183
and 185
Other Mating Connectors
Universal MATE-N-LOK II Housings—
pages 193-194
Note: See charts on page 182 to
order Plug and Cap Housings in
colors.
.580
[14.73]
.300
[7.62]
1.080
[27.43]
.460
[11.68]
1.080
[27.43]
.300
[7.62]
.620
[15.75]
1.080
[27.43]
1.080
[27.43]
.550
[13.97]
.550
[13.97]
.460
[11.68]
1.080
[27.43]
.800
[20.32]
1.120
[28.45]
.290
[7.37]
.290
[7.37]
1.080
[27.43]
.460
[11.68]
1.080
[27.43]
.380
[9.65]
.380
[9.65]
.800
[20.32]
1.080
[27.43]
1.080
[27.43]
.460
[11.68]
1.080
[27.43]
.800
[20.32]
1.120
[28.45]
Plug
Cap
Plug
Plug
Plug
Cap
Cap
Cap
1 Circuit, Free-Hanging
Note: All part numbers are RoHS Compliant.


Similar Part No. - 3-1376389-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
3-1376389-4 MACOM-3-1376389-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
3-1376389-4 MACOM-3-1376389-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
3-1376389-4 MACOM-3-1376389-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
More results

Similar Description - 3-1376389-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1604254-1 MACOM-1604254-1 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
List of Unclassifed Man...
1-480318-0 ETC2-1-480318-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
Tyco Electronics
3-1376390-4 MACOM-3-1376390-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
350714-1 MACOM-350714-1 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
1-380999-0 MACOM-1-380999-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
Lumberg
3602 LUMBERG-3602_18 Datasheet
466Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3614 LUMBERG-3614 Datasheet
569Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3618-2 LUMBERG-3618-2 Datasheet
545Kb / 3P
   RAST 5 connectors, pitch 5.0 mm
3627 LUMBERG-3627 Datasheet
222Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3676 LUMBERG-3676_18 Datasheet
516Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com