Electronic Components Datasheet Search |
|
3-1376389-4 Datasheet(PDF) 73 Page - Tyco Electronics |
|
3-1376389-4 Datasheet(HTML) 73 Page - Tyco Electronics |
73 / 98 page 207 Catalog 82181 Dimensions are in inches and Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-2103-6000 Revised 4-08 millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in brackets Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com are metric equivalents. to change. C. America: 52-55-1106-0803 UK: 44-8706-080-208 Application Tooling AMP Soft Shell Pin and Socket Connectors Semiautomatic bench crimping machines that also strip the wire, and are therefore used for terminating jacketed cable. Feature manual precision adjustment of crimp height, keyed strip blades for faster, more accurate setups, and an efficient scrap removal system. All adjustments can be made from the front of the machines without special tools. Available with crimp quality monitoring. Specifications Width—14 [355] Depth—18 [457] Height—33 [838] without reel Weight—150 lb [68 kg] Electrical—120 VAC, 50 or 60 Hz, .5 A Air—80-100 psi [5.52-6.90 bar], 3.5 scfm [0.00165 m3/s] Wire Range—32-14 AWG [0.03-2 mm2] For more information, request Catalog 65004. AMP-O-LECTRIC Model “G” Terminating Machines, 354500-1, -9, -11 AMP-O-MATIC Stripper-Crimper Machine, 854040-3, -4 Semiautomatic Machines Semiautomatic bench machines for crimping reeled terminals and contacts, featuring a quiet and reliable direct motor drive, microprocessor controls for ease of setup and operation, and guarding and lighting designed for operator conven- ience and safety. All models are equipped with either manual or automatic precision adjustment of crimp height. Machine-mounted sensors are available for crimp quality monitoring using conventional miniature-style applicators. Specifications Width—18.7-25.3 [475-643] depend- ing on applicator type Depth—21.5-28.1 [546-713] depend- ing on applicator type Height—20 [508] Weight—240 lb [110 kg] Electrical—120 or 220 VAC, 50 or 60 Hz Air—90-110 psi [6.21-7.59 bar], 6 scfm [0.00282 m3/s] when required with air-feed applicators Wire Range—26-10 AWG [0.12-6 mm2] solid or stranded, depending on product applied For more information, request Catalog 65828, Catalog 82275 [Crimp Quality Monitor (CQM)]. Crimp Quality Monitor This system measures the crimp height of each termination as it is made. It also evaluates the quality of each crimp. If a crimp is questionable, the monitor alerts the operator with both visual and audible alarms. It also features ports for printing and networking. For use with AMP-O-LECTRIC Model “G” and AMP-O-MATIC Stripper- Crimper Machines, the monitor is mounted to the machine. For use with AMPOMATOR CLS IV+ Machines, it is integrated into the machine’s operating system, with the displays appearing on the machine’s touch screen. For more information, request Catalog 82275. Note: This listing is for reference purposes only. To obtain part numbers for specific applications call Technical Support. As value oriented terminators, the AMP 3K/40 and AMP 5K/40 are designed for customers that require the increased output and quality of a semi- automatic machine at a com- petitive price. By incorporating the most commonly requested features as standard and offering a long list of optional equipment, these terminators offer flexibility to meet the specific needs of various applications at the lowest possible cost. AMP 3K/40 and AMP 5K/40 Terminators The combination of the Stripping Module with the AMP-O-LECTRIC Model G Terminator or the AMP 3K/40, 5K/40 provides an economical, proficient method of stripping wire and crimping terminals on the same machine. Wires are stripped moments before crimping, meaning there is virtually no chance of damag- ing wire conductors during handling or storage. Once the wire is fed into the start sensor the Stripping Module does the rest, improving placement accuracy. For more information, request Catalog 1309085. Optional Stripping Module for the AMP 3K/40, AMP 5K/40 and AMP-O-LECTRIC Model G Terminators |
Similar Part No. - 3-1376389-4 |
|
Similar Description - 3-1376389-4 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |