Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBU8 Datasheet(PDF) 3 Page - Nell Semiconductor Co., Ltd

Part # GBU8
Description  Glass Passivated Single-Phase Bridge Rectifier, 8A
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

GBU8 Datasheet(HTML) 3 Page - Nell Semiconductor Co., Ltd

  GBU8 Datasheet HTML 1Page - Nell Semiconductor Co., Ltd GBU8 Datasheet HTML 2Page - Nell Semiconductor Co., Ltd GBU8 Datasheet HTML 3Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SEMICONDUCTOR
RoHS
RoHS
Nell High Power Products
Fig.1 Derating curve for output rectified current
Ambient temperature (°C)
Fig.2 Maximum non-repetitive peak forward
surge current per bridge element
Fig.3 Typical reverse characteristics per
bridge element
Percent of rated peak reverse voltage (%)
Fig.4 Typical forward characteristics per
bridge element
Forward voltage (V)
10
8
6
4
2
0
0
50
100
150
1000
100
10
1.0
0.1
0
20
40
60
80
100
120
140
T = 2
5°C
J
0.01
T = 1
25°C
J
100
10
1.0
0.1
0.6
0.7
0.9
1.1
1.3
T = 25°C
J
0.8
1.0
1.2
GBU8 Series
0
200
250
300
1
10
100
Number of cycles at 50Hz
T = 125°C
J
50
100
150
Page 3 of 3
www.nellsemi.com


Similar Part No. - GBU8

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
GBU8 ZSELEC-GBU8 Datasheet
122Kb / 2P
   4.0/6.0/8.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
GBU8 ZSELEC-GBU8 Datasheet
123Kb / 2P
   4.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Nell Semiconductor Co.,...
GBU8 NELLSEMI-GBU8 Datasheet
565Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier
logo
Frontier Electronics.
GBU8-005 FRONTIER-GBU8-005 Datasheet
124Kb / 2P
   8A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
GBU8-005-LFR FRONTIER-GBU8-005-LFR Datasheet
127Kb / 2P
   8A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
More results

Similar Description - GBU8

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
KBJ8 NELLSEMI-KBJ8 Datasheet
231Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier, 8A
logo
TAITRON Components Inco...
TU800G TAITRON-TU800G Datasheet
194Kb / 4P
   8A Glass Passivated Bridge Rectifier
logo
Chip Integration Techno...
GBJ8005 CITC-GBJ8005 Datasheet
94Kb / 3P
   8A Miniature Glass Passivated Single-Phase Bridge Rectifiers
GBU8005 CITC-GBU8005 Datasheet
103Kb / 3P
   8A Miniature Glass Passivated Single-Phase Bridge Rectifiers
logo
Shanghai Sunrise Electr...
GBPC35005 SSE-GBPC35005 Datasheet
18Kb / 1P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
General Semiconductor
G5SBA20 GE-G5SBA20 Datasheet
113Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
GBPC6 VISHAY-GBPC6 Datasheet
84Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier
10-Dec-04
G2SB60 VISHAY-G2SB60 Datasheet
32Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifier
21-Mar-02
logo
Pan Jit International I...
GPJ8A PANJIT-GPJ8A Datasheet
42Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
GBJ8A PANJIT-GBJ8A_04 Datasheet
39Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com