Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC3842BVD1 Datasheet(PDF) 1 Page - Motorola, Inc

Part # UC3842BVD1
Description  HIGH PERFORMANCE CURRENT MODE CONTROLLERS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

UC3842BVD1 Datasheet(HTML) 1 Page - Motorola, Inc

  UC3842BVD1 Datasheet HTML 1Page - Motorola, Inc UC3842BVD1 Datasheet HTML 2Page - Motorola, Inc UC3842BVD1 Datasheet HTML 3Page - Motorola, Inc UC3842BVD1 Datasheet HTML 4Page - Motorola, Inc UC3842BVD1 Datasheet HTML 5Page - Motorola, Inc UC3842BVD1 Datasheet HTML 6Page - Motorola, Inc UC3842BVD1 Datasheet HTML 7Page - Motorola, Inc UC3842BVD1 Datasheet HTML 8Page - Motorola, Inc UC3842BVD1 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
UC3842B, 43B
UC2842B, 43B
HIGH PERFORMANCE
CURRENT MODE
CONTROLLERS
Order this document by UC3842B/D
D SUFFIX
PLASTIC PACKAGE
CASE 751A
(SO–14)
N SUFFIX
PLASTIC PACKAGE
CASE 626
D1 SUFFIX
PLASTIC PACKAGE
CASE 751
(SO–8)
8
1
8
1
14
1
Device
Operating
Temperature Range
Package
ORDERING INFORMATION
UC384XBD
UC384XBD1
TA = 0° to +70°C
TA = – 25° to +85°C
SO–14
UC384XBN
UC284XBD
UC284XBD1
UC284XBN
UC384XBVD
UC384XBVD1
UC384XBVN
TA = – 40° to +105°C
SO–8
Plastic
SO–14
SO–8
Plastic
SO–14
SO–8
Plastic
PIN CONNECTIONS
Compensation
NC
Voltage Feedback
NC
Current Sense
NC
RT/CT
Compensation
Voltage Feedback
Current Sense
RT/CT
Vref
Vref
NC
VCC
VC
Output
Gnd
Power Ground
VCC
Output
Gnd
(Top View)
8
7
6
5
1
2
3
4
1
2
3
4
14
13
12
11
5
6
7
10
9
8
(Top View)
X indicates either a 2 or 3 to define specific device part
numbers.
1
MOTOROLA ANALOG IC DEVICE DATA
High Performance
Current Mode Controllers
The UC3842B, UC3843B series are high performance fixed frequency
current mode controllers. They are specifically designed for Off–Line and
dc–to–dc converter applications offering the designer a cost–effective
solution with minimal external components. These integrated circuits feature
a trimmed oscillator for precise duty cycle control, a temperature
compensated reference, high gain error amplifier, current sensing
comparator, and a high current totem pole output ideally suited for driving a
power MOSFET.
Also included are protective features consisting of input and reference
undervoltage lockouts each with hysteresis, cycle–by–cycle current limiting,
programmable output deadtime, and a latch for single pulse metering.
These devices are available in an 8–pin dual–in–line and surface mount
(SO–8) plastic package as well as the 14–pin plastic surface mount (SO–14).
The SO–14 package has separate power and ground pins for the totem pole
output stage.
The UCX842B has UVLO thresholds of 16 V (on) and 10 V (off), ideally
suited for off–line converters. The UCX843B is tailored for lower voltage
applications having UVLO thresholds of 8.5 V (on) and 7.6 V (off).
Trimmed Oscillator for Precise Frequency Control
Oscillator Frequency Guaranteed at 250 kHz
Current Mode Operation to 500 kHz
Automatic Feed Forward Compensation
Latching PWM for Cycle–By–Cycle Current Limiting
Internally Trimmed Reference with Undervoltage Lockout
High Current Totem Pole Output
Undervoltage Lockout with Hysteresis
Low Startup and Operating Current
Simplified Block Diagram
5.0V
Reference
Latching
PWM
VCC
Undervoltage
Lockout
Oscillator
Error
Amplifier
7(12)
VC
7(11)
Output
6(10)
Power
Ground
5(8)
3(5)
Current
Sense
Input
Vref
8(14)
4(7)
2(3)
1(1)
Gnd
5(9)
RT/CT
Voltage
Feedback
Input
R
R
+
Vref
Undervoltage
Lockout
Output
Compensation
Pin numbers in parenthesis are for the D suffix SO–14 package.
VCC
© Motorola, Inc. 1996
Rev 1


Similar Part No. - UC3842BVD1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
UC3842BVD1 ONSEMI-UC3842BVD1 Datasheet
370Kb / 21P
   High Performance Current Mode Controllers
February, 2007 ??Rev. 9
UC3842BVD1G ONSEMI-UC3842BVD1G Datasheet
370Kb / 21P
   High Performance Current Mode Controllers
February, 2007 ??Rev. 9
UC3842BVD1G ONSEMI-UC3842BVD1G Datasheet
414Kb / 22P
   High Performance Current Mode Controllers
September, 2013 ??Rev. 17
UC3842BVD1G ONSEMI-UC3842BVD1G Datasheet
743Kb / 25P
   High Performance Current Mode Controllers
August, 2021 - Rev. 18
UC3842BVD1R2 ONSEMI-UC3842BVD1R2 Datasheet
370Kb / 21P
   High Performance Current Mode Controllers
February, 2007 ??Rev. 9
More results

Similar Description - UC3842BVD1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC34129EF FREESCALE-MC34129EF Datasheet
444Kb / 16P
   high performance current mode controllers
logo
ON Semiconductor
UC3844BNG ONSEMI-UC3844BNG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3845BDR2G ONSEMI-UC3845BDR2G Datasheet
387Kb / 19P
   High Performance Current Mode Controllers
December, 2012 ??Rev. 11
UC3845BVDG ONSEMI-UC3845BVDG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3845BVDR2G ONSEMI-UC3845BVDR2G Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3844BVDG ONSEMI-UC3844BVDG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
logo
Unisonic Technologies
UC3842B UTC-UC3842B_08 Datasheet
518Kb / 11P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
Motorola, Inc
UC3844 MOTOROLA-UC3844 Datasheet
376Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
ON Semiconductor
UC3842A ONSEMI-UC3842A Datasheet
399Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
1996 REV 1
UC3844 ONSEMI-UC3844 Datasheet
376Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
1996 REV 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com