Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS5127GDW16 Datasheet(PDF) 3 Page - Cherry Semiconductor Corporation

Part # CS5127GDW16
Description  Dual Output Nonsynchronous Buck Controller with Sync Function and Second Channel Enable
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS5127GDW16 Datasheet(HTML) 3 Page - Cherry Semiconductor Corporation

  CS5127GDW16 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS5127GDW16 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS5127GDW16 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS5127GDW16 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS5127GDW16 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS5127GDW16 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS5127GDW16 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS5127GDW16 Datasheet HTML 8Page - Cherry Semiconductor Corporation CS5127GDW16 Datasheet HTML 9Page - Cherry Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
3
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Electrical Characteristics: 0¡C < TA < 70¡C; 0¡C < TJ < 125¡C; 9.4V < VIN < 20V; CT = 330 pF; RT = 27k½;
unless otherwise stated.
s Error Amplifiers
VFB Reference Voltage
VCOMP = VVFB
1.245
1.275
1.300
V
Input Bias Current
VFB = 1.275V
0.1
1.0
µA
Open Loop Gain
85
dB
Unity Gain Bandwidth
1.0
MHz
PSRR
f = 120Hz
80
dB
COMP Source Current
VCOMP = 3V, VVFB = 1.1V
0.9
1.3
2.0
mA
COMP Sink Current
VCOMP = 1.2V, VVFB = 1.45V
10
16
24
mA
COMP Output Low Voltage
VVFB = 1.45V, ICOMP = 0.3 mA
0.50
0.85
1.00
V
s PWM Comparators
VFFB Bias Current
VFFB = 0
2.0
20
µA
Propagation Delay
VFFB rising to VGATE falling
100
250
ns
Common Mode
2.9
3.3
V
Maximum Input Voltage
s ENABLE Lead
ENABLE High Threshold
channel 2 enabled
1.5
2.5
3.5
V
ENABLE Bias Current
VENABLE = 0
100
250
400
µA
s Gate Driver Outputs
Output Low Saturation Voltage
IGATE = 20 mA
0.1
0.4
V
IGATE = 100 mA
0.25
2.50
V
Output High Saturation Voltage
IGATE = 20 mA
1.5
2.0
V
IGATE = 100 mA
1.6
3.0
V
Output Voltage under Lockout
VIN = 6V, IGATE = 1 mA
0.1
0.2
V
Output Rise Time
no load
30
ns
Output Fall Time
no load
10
ns
s Undervoltage Lockout
Turn On Threshold
7.4
8.4
9.4
V
Turn Off Threshold
6.8
7.8
8.8
V
s Supply Current
Start Up Current
VIN = 6V
0.4
0.8
mA
Operating Current
VCT = 0V, no load
17.5
25
mA


Similar Part No. - CS5127GDW16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS51220 ONSEMI-CS51220 Datasheet
470Kb / 16P
   Feed Forward Voltage Mode PWM Controller with Programmable Synchronization
July, 2006??Rev. 7
CS51220ED16 ONSEMI-CS51220ED16 Datasheet
470Kb / 16P
   Feed Forward Voltage Mode PWM Controller with Programmable Synchronization
July, 2006??Rev. 7
CS51220EDR16 ONSEMI-CS51220EDR16 Datasheet
470Kb / 16P
   Feed Forward Voltage Mode PWM Controller with Programmable Synchronization
July, 2006??Rev. 7
logo
Cherry Semiconductor Co...
CS51221 CHERRY-CS51221 Datasheet
164Kb / 12P
   Enhanced Voltage Mode PWM Controller
logo
ON Semiconductor
CS51221 ONSEMI-CS51221 Datasheet
173Kb / 14P
   Enhanced Voltage Mode PWM Controller
September, 2005 ??Rev. 8
More results

Similar Description - CS5127GDW16

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLD5501-2QV INFINEON-TLD5501-2QV Datasheet
1Mb / 69P
   Dual SYNC Buck Controller with SPI Interface
Rev. 1.00 2017-07-11
logo
Anachip Corp
AP450 ANACHIP-AP450 Datasheet
183Kb / 6P
   2 Channel Linear Controller with Enable Function
logo
Unisonic Technologies
LR6401 UTC-LR6401_12 Datasheet
421Kb / 8P
   DUAL CHANNEL LDO REGULATORS WITH ENABLE FUNCTION
logo
Anachip Corp
AP451 ANACHIP-AP451 Datasheet
183Kb / 6P
   2 Channel Linear Controller with Independent Enable Function
logo
Analog Devices
LTC7840 AD-LTC7840 Datasheet
1Mb / 38P
   2-Phase Dual Output Nonsynchronous Boost Controller with Hiccup Mode
Rev 0
logo
Cherry Semiconductor Co...
CS5151 CHERRY-CS5151 Datasheet
307Kb / 14P
   CPU 4-Bit Nonsynchronous Buck Controller
logo
Unisonic Technologies
LR6401 UTC-LR6401_17 Datasheet
448Kb / 8P
   DUAL CHANNEL LDO REGULATORS WITH ENABLE FUNCTION
logo
AVAGO TECHNOLOGIES LIMI...
ACCL-9410 AVAGO-ACCL-9410 Datasheet
499Kb / 9P
   Output enable function
logo
ON Semiconductor
CS5156 ONSEMI-CS5156 Datasheet
576Kb / 17P
   CPU 5?묪it Nonsynchronous Buck Controller
July, 2006 ??Rev. 11
logo
Cherry Semiconductor Co...
CS5156 CHERRY-CS5156 Datasheet
308Kb / 14P
   CPU 5-Bit Nonsynchronous Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com