Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBJ25A Datasheet(PDF) 2 Page - Nell Semiconductor Co., Ltd

Part # GBJ25A
Description  Avalanche Glass Passivated Single-Phase Bridge Rectifier 25A/600V
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

GBJ25A Datasheet(HTML) 2 Page - Nell Semiconductor Co., Ltd

  GBJ25A Datasheet HTML 1Page - Nell Semiconductor Co., Ltd GBJ25A Datasheet HTML 2Page - Nell Semiconductor Co., Ltd GBJ25A Datasheet HTML 3Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SEMICONDUCTOR
RoHS
RoHS
Nell High Power Products
MAJOR RATINGS AND CHARACTERISTICS (T = 25°C unless otherwise noted)
A
PARAMETER
V
V
SYMBOL
GBJ2506A
UNIT
700
600
1100
V
Minimum repetitive peak reverse voltage
Peak reverse non-repetitive voltage
Maximum avalanche breakdown
at 10
voltage
µA
Maximum average forward rectified output current, T = 105°C
c
Peak forward surge current single sine-wave superimposed on
rated load
Rating (non-repetitive, for t greater than 1 ms and less than 8.3 ms)
for fusing
RMS isolation voltage from case to leads
Operating junction storage temperature range
VRRM
VRSM
IFSM
IF(AV)
VISO
2
I t
2500
800
25
-40 to 150
400
2
A s
A
A
V
ºC
ELECTRICAL CHARACTERISTICS (T = 25°C unless otherwise noted)
A
PARAMETER
V
µA
SYMBOL
GBJ2506A
UNIT
Instantaneous forward drop per diode
Maximum reverse DC current at rated DC blocking
VF
IR
150
0.89
0.2
voltage per diod
TEST
CONDITIONS
I
= 12.5A
F
T
= 25°C
A
T
= 125°C
A
THERMAL AND MECHANICAL (T = 25°C unless otherwise noted)
A
PARAMETER
°C/W
SYMBOL
GBJ2506A
UNIT
Typical thermal resistance
(1) With heatsink, single side heat dissipation, half sine wave.
(1)
RθJC
0.8
Notes
Storage temperature range
TSTG
-40 to 150
ºC
TJ
TEST CONDITIONS
junction to case
Single-side heat dissipation, sine
half wave
Mounting
± 10 %
to heatsink M3
A mounting compound is recommended
and the torque should be rechecked after
a
for the spread
period of 3 hours to allow
of the compound.
0.8
.
N m
Approximate weight
6.5
torque
g
-
Product type : “GBJ” Package,1
Ø Bridge
1
2
3
-
-
Voltage code : code x 100 = VRRM
I
rating : "25" for 25A
F(AV)
Ordering Information Tabel
Page 2 of 3
www.nellsemi.com
4
-
" " for avalanche type, Minimum avalanche breakdown voltage = V
+ 50V
RRM
A
Maximum avalanche breakdown voltage = V
+ 500V
RRM
Device code
GBJ
A
25
06
4
2
1
3
GBJ2506A
Minimum avalanche breakdown voltage at 10µA
VBR
VBR
650
V
TYP.
MAX.
0.92
2.0


Similar Part No. - GBJ25A

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
GBJ25A ZOWIE-GBJ25A Datasheet
269Kb / 2P
   SINTERED GLASS PASSIVATED BRIDGE RECTIFIER
logo
Won-Top Electronics
GBJ25A WTE-GBJ25A Datasheet
61Kb / 4P
   25A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
GOOD-ARK Electronics
GBJ25A GOOD-ARK-GBJ25A Datasheet
156Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 25.0 Amperes
logo
SeCoS Halbleitertechnol...
GBJ25A SECOS-GBJ25A Datasheet
187Kb / 2P
   25.0 AMP Glass Passivated Bridge Rectifiers
logo
SEMTECH ELECTRONICS LTD...
GBJ25A SEMTECH_ELEC-GBJ25A Datasheet
320Kb / 2P
   GLASS PASSIVATED SINGLE PHASE BRIDGE RECTIFIERS
More results

Similar Description - GBJ25A

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
GBPC25S WTE-GBPC25S Datasheet
73Kb / 4P
   25A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
TAITRON Components Inco...
MB2505GW TAITRON-MB2505GW Datasheet
144Kb / 4P
   25A Single-Phase Glass Passivated Bridge Rectifier
logo
Won-Top Electronics
GBJ25A WTE-GBJ25A Datasheet
61Kb / 4P
   25A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Nell Semiconductor Co.,...
GBU25 NELLSEMI-GBU25 Datasheet
160Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier, 25A
GBPC25 NELLSEMI-GBPC25 Datasheet
212Kb / 4P
   Glass Passivated Single-Phase Bridge Rectifier, 25A
logo
Zibo Seno Electronic En...
GBPC2500 ZSELEC-GBPC2500 Datasheet
89Kb / 2P
   25A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Nell Semiconductor Co.,...
GBJ25 NELLSEMI-GBJ25 Datasheet
224Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier, 25A
GBJ25H NELLSEMI-GBJ25H Datasheet
244Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier, 25A
GBPC25M NELLSEMI-GBPC25M Datasheet
391Kb / 4P
   Glass Passivated Single-Phase Bridge Rectifier, 25A
logo
Zibo Seno Electronic En...
KBPC2500 ZSELEC-KBPC2500 Datasheet
387Kb / 2P
   25A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com