Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

12PTxxG Datasheet(PDF) 3 Page - Nell Semiconductor Co., Ltd

Part # 12PTxxG
Description  Sensitive and Standard SCRs, 12A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

12PTxxG Datasheet(HTML) 3 Page - Nell Semiconductor Co., Ltd

  12PTxxG Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 12PTxxG Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 12PTxxG Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 12PTxxG Datasheet HTML 4Page - Nell Semiconductor Co., Ltd 12PTxxG Datasheet HTML 5Page - Nell Semiconductor Co., Ltd 12PTxxG Datasheet HTML 6Page - Nell Semiconductor Co., Ltd 12PTxxG Datasheet HTML 7Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Page 3 of 7
SEMICONDUCTOR
RoHS
RoHS
12PT Series
ORDERING INFORMATION SCHEME
SCR series
Package type
Current
Voltage Code
IGT Sensitivity
A = TO-220AB (non-insulated)
AI = TO-220AB ( insulated)
12 = 12A, IT(RMS)
T = 0.5~5 mA
12 PT 06
- S
06 = 600V
F = TO-251 (I-PAK)
G = TO-252 (D-PAK)
08 = 800V
www.nellsemi.com
ORDERING INFORMATION
12PTxxA-y
12PTxxA-y
ORDERING TYPE
MARKING
PACKAGE
WEIGHT
,
BASE Q TY
DELIVERY MODE
TO-220AB
2.0g
50
Tube
12PTxxAI-y
12PTxxAI-y
2.3g
50
Tube
12PTxxF-y
12PTxxF-y
TO-251(I-PAK)
0.40g
80
12PTxxG-y
12PTxxG-y
0.38g
80
Tube
TO-252(D-PAK)
TO-220AB (insulated)
Tube
Blank = 2~15 mA
Note: xx = voltage, y = sensitivity
10 = 1000V
PRODUCT SELECTOR
PART NUMBER
VOLTAGE (x x)
SENSITIVITY
600 V
200 µA
1000 V
12PTxxA-S/12PTxxAl-S
12PTxxF-S
12PTxxG-S
V
V
V
V
800 V
V
V
PACKAGE
TO-220AB
D-PAK
V
V
V
V
V
V
V
V
V
12PTxxA-T/12PTxxAl-T
V
V
V
V
V
V
V
V
V
V
V
V
12PTxxA/12PTxxAl
12PTxxF-T
12PTxxF
12PTxxG-T
12PTxxG
D-PAK
D-PAK
I-PAK
I-PAK
I-PAK
TO-220AB
TO-220AB
0.5~5 mA
2~15 mA
200 µA
0.5~5 mA
2~15 mA
200 µA
0.5~5 mA
2~15 mA
S = 70~200 µA
12PTxxH-S
20 µA
D²-PAK
D²-PAK
D²-PAK
0.5~5 mA
2~15 mA
V
V
V
V
V
V
V
V
V
12PTxxH-T
12PTxxH
H = TO-263 (D²PAK)
12PTxxH-y
12PTxxH-y
50
Tube
2.0g
TO-263(D²-PAK)


Similar Part No. - 12PTxxG

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
12PT NELLSEMI-12PT Datasheet
3Mb / 7P
   Sensitive and Standard SCRs, 12A
12PT NELLSEMI-12PT Datasheet
978Kb / 7P
   Sensitive and Standard SCRs
12PT06A-S NELLSEMI-12PT06A-S Datasheet
978Kb / 7P
   Sensitive and Standard SCRs
12PT06A-T NELLSEMI-12PT06A-T Datasheet
978Kb / 7P
   Sensitive and Standard SCRs
12PT06AI-S NELLSEMI-12PT06AI-S Datasheet
1Mb / 7P
   Sensitive and Standard SCRs, 12A
More results

Similar Description - 12PTxxG

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
12PT NELLSEMI-12PT Datasheet
3Mb / 7P
   Sensitive and Standard SCRs, 12A
12PT06AI-S NELLSEMI-12PT06AI-S Datasheet
1Mb / 7P
   Sensitive and Standard SCRs, 12A
logo
STMicroelectronics
TN12 STMICROELECTRONICS-TN12 Datasheet
122Kb / 11P
   SENSITIVE & STANDARD(12A SCRs)
logo
Thinki Semiconductor Co...
TYN612T THINKISEMI-TYN612T Datasheet
677Kb / 6P
   SENSITIVE & STANDARD(12A SCRs)
logo
Nell Semiconductor Co.,...
12PT NELLSEMI-12PT_18 Datasheet
978Kb / 7P
   Sensitive and Standard SCRs
8PT NELLSEMI-8PT Datasheet
413Kb / 7P
   Sensitive and Standard SCRs, 8A
8PT NELLSEMI-8PT_14 Datasheet
414Kb / 7P
   Sensitive and Standard SCRs, 8A
8PT06AI-S NELLSEMI-8PT06AI-S Datasheet
1Mb / 7P
   Sensitive and Standard SCRs, 8A
logo
STMicroelectronics
TN12 STMICROELECTRONICS-TN12_07 Datasheet
153Kb / 12P
   Sensitive and Standard 12 A SCRS
TN805 STMICROELECTRONICS-TN805_10 Datasheet
153Kb / 12P
   Sensitive and standard 8 A SCRs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com