Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8PTxxGS Datasheet(PDF) 2 Page - Nell Semiconductor Co., Ltd

Part # 8PTxxGS
Description  Sensitive and Standard SCRs, 8A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

8PTxxGS Datasheet(HTML) 2 Page - Nell Semiconductor Co., Ltd

  8PTxxGS Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 8PTxxGS Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 8PTxxGS Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 8PTxxGS Datasheet HTML 4Page - Nell Semiconductor Co., Ltd 8PTxxGS Datasheet HTML 5Page - Nell Semiconductor Co., Ltd 8PTxxGS Datasheet HTML 6Page - Nell Semiconductor Co., Ltd 8PTxxGS Datasheet HTML 7Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Page 2 of 7
SEMICONDUCTOR
8PT Series RoHS
RoHS
8PTxxxx
Unit
IGT
VGD
IH
mA
dV/dt
VTM
IDRM
IRRM
mA
IL
V = 12 V, R = 30Ω
D
L
V = V
, R = 3.3K
D
DRM
L
Ω
I = 100 mA, gate open
T
I = 1.2 I
G
GT
V = 67% V
gate open
D
DRM
,
0.2
25
150
0.85
mA
V
V
mA
V/µs
I
= 16A,
TM
t = 380 µs
P
T = 125°C
j
T = 25°C
j
T = 125°C
j
V
µA
STANDARD ELECTRICAL SPECIFICATIONS
(TJ = 25
unless otherwise specified)
ºC,
TEST CONDITIONS
SYMBOL
V
= V
DRM
RRM
1.6
5
1
Min.
Max.
Max.
Min.
Max.
Min.
Max.
Max.
Max.
THERMAL RESISTANCE
Rth(j-c)
Junction to case (DC)
Rth(j-a)
Junction to ambient (DC)
1.3
70
°C/W
°C/W
UNIT
VALUE
SYMBOL
Parameter
IPAK/DPAK/TO-220AB
D-PAK
I-PAK
TO-220AB, TO-220AB insulated
4.6
100
2
S = 0.5 cm
VGT
www.nellsemi.com
0.5
T
1.3
2
15
-
5
T = 125°C
j
Max.
30
30
70
50
Vto
Threshold voltage
V
Rd
T = 125°C
j
Max.
46
mΩ
mA
T = 25°C
j
T = 125°C
j
Dynamic resistance
8PTxxxx-S
Unit
IGT
VGD
mA
dV/dt
VTM
IDRM
IRRM
mA
IH
V = 12 V, R = 140Ω
D
L
V = V
, R = 3.3K
D
DRM
L
Ω, R
=220Ω
GK
I
= 10 µA
RG
I = 50 mA R
= 1 KΩ
T
,
GK
V = 67% V
R
= 220Ω
D
DRM
GK
,
0.1
6
0.85
µA
V
V
V/µs
I
= 16A,
TM
t = 380 µs
P
T = 125°C
j
T = 25°C
j
T = 125°C
j
V
µA
SENSITIVE ELECTRICAL CHARACTERISTICS
(Tj = 25
unless otherwise specified)
ºC,
TEST CONDITIONS
SYMBOL
V
= V
R
= 220Ω
DRM
RRM,
GK
1.6
5
1
Max.
Max.
Min.
Max.
Min.
Max.
Max.
Max.
VGT
0.8
200
T = 125°C
j
8
5
Vto
Threshold voltage
V
Rd
T = 125°C
j
Max.
46
mΩ
V
T = 25°C
j
T = 125°C
j
Dynamic resistance
VRG
Min.
IL
I = 1 mA R
= 1 KΩ
G
,
GK
Max.
5
mA
TO-220AB insulated
60
S=Copper surface under tab


Similar Part No. - 8PTxxGS

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
8PT NELLSEMI-8PT Datasheet
413Kb / 7P
   Sensitive and Standard SCRs, 8A
8PT06A-S NELLSEMI-8PT06A-S Datasheet
1Mb / 7P
   Sensitive and Standard SCRs, 8A
8PT06A-T NELLSEMI-8PT06A-T Datasheet
1Mb / 7P
   Sensitive and Standard SCRs, 8A
8PT06AI-S NELLSEMI-8PT06AI-S Datasheet
1Mb / 7P
   Sensitive and Standard SCRs, 8A
8PT06AI-T NELLSEMI-8PT06AI-T Datasheet
1Mb / 7P
   Sensitive and Standard SCRs, 8A
More results

Similar Description - 8PTxxGS

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
8PT NELLSEMI-8PT Datasheet
413Kb / 7P
   Sensitive and Standard SCRs, 8A
8PT06AI-S NELLSEMI-8PT06AI-S Datasheet
1Mb / 7P
   Sensitive and Standard SCRs, 8A
12PT NELLSEMI-12PT_18 Datasheet
978Kb / 7P
   Sensitive and Standard SCRs
12PT NELLSEMI-12PT_14 Datasheet
3Mb / 7P
   Sensitive and Standard SCRs, 12A
12PT NELLSEMI-12PT Datasheet
3Mb / 7P
   Sensitive and Standard SCRs, 12A
12PT06AI-S NELLSEMI-12PT06AI-S Datasheet
1Mb / 7P
   Sensitive and Standard SCRs, 12A
logo
STMicroelectronics
TN12 STMICROELECTRONICS-TN12_07 Datasheet
153Kb / 12P
   Sensitive and Standard 12 A SCRS
TN805 STMICROELECTRONICS-TN805_10 Datasheet
153Kb / 12P
   Sensitive and standard 8 A SCRs
TS1220-600T STMICROELECTRONICS-TS1220-600T Datasheet
156Kb / 13P
   Sensitive and standard 12 A SCRs
September 2011 Rev 7
TYN412RG STMICROELECTRONICS-TYN412RG Datasheet
156Kb / 13P
   Sensitive and standard 12 A SCRs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com