Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS5106LSW24 Datasheet(PDF) 11 Page - Cherry Semiconductor Corporation

Part # CS5106LSW24
Description  Multi-Feature, Synchronous plus Auxiliary PWM Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS5106LSW24 Datasheet(HTML) 11 Page - Cherry Semiconductor Corporation

Back Button CS5106LSW24 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS5106LSW24 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS5106LSW24 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS5106LSW24 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS5106LSW24 Datasheet HTML 8Page - Cherry Semiconductor Corporation CS5106LSW24 Datasheet HTML 9Page - Cherry Semiconductor Corporation CS5106LSW24 Datasheet HTML 10Page - Cherry Semiconductor Corporation CS5106LSW24 Datasheet HTML 11Page - Cherry Semiconductor Corporation CS5106LSW24 Datasheet HTML 12Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
The equivalent down slope at the current sense resistor for
this application circuit is:
Slope @ R12 = Inductor_Slope
´´´ R12
After choosing R9 and C9 to generate a ramp with a time
constant of about 5 times the oscillator period, R10 and R11
can be chosen for the voltage at RAMP2 to be 1.75 of the
voltage across R12.
Synchronous Rectification
Synchronous rectification was chosen to reduce losses in
the forward converter. Improvements in efficiency will be
most significant in low voltage, medium and high current
converters where improvement in conduction loss offsets
any added losses for gate drive.
In the application circuit Q4 is turned on and off by the for-
ward transformer. Q5 is turned on and off through pulse
transformer T4 and the gate driver formed by Q6 and Q7.
Because Q4 and Q5 are driven through different types of
components, differences in propagation delay must be con-
sidered. The DLYSET resistor should be chosen to avoid
shoot-through or excessive off time.
Gate Drive Capability
All GATE drive outputs have nominal peak currents of
0.5A. See Figures 6 and 7 for typical rise and fall times.
Figure 6: Typical GATE2, 2B switching times.
Figure 7: Typical GATE1 switching times.
Design Considerations
The circuit board should utilize high frequency layout
techniques to avoid pulse width jitter and false triggering
of high impedance inputs. Ground plane(s) should be
employed. Signal grounds and power grounds should be
run separately. Portions of the circuit with high slew rates
or current pulses should be segregated from sensitive
areas. Shields and decoupling capacitors should be used as
required.
Special care should be taken to prevent coupling between
the SYNC leads and the surrounding leads. Depending on
the circuit board layout and component values, decoupling
capacitors or reduction in resistor values might be required
to reduce noise pick-up on the FADJ and DLYSET resistors.
Decoupling capacitors or active pull-up/down might be
required to prevent false triggering of the ENABLE and
PROGRAM leads.
Load Capacitance (pF)
60
50
40
30
20
10
0
50
Rise Time
Fall Time
70
1500
500
1000
2000
200
Load Capacitance (pF)
70
60
50
40
30
20
10
0
Rise Time
Fall Time
50
100
500
1000
2000
200
)
V
µs
(
NPT3
NST3
NST2
NPT2
Theory of Application: continued


Similar Part No. - CS5106LSW24

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS5101 CHERRY-CS5101 Datasheet
153Kb / 7P
   Secondary Side Post Regulator for AC/DC and DC/DC Multiple Output Converters
logo
ON Semiconductor
CS5101 ONSEMI-CS5101 Datasheet
142Kb / 9P
   Secondary Side Post Regulator for AC/DC and DC/DC Multiple Output Converters
October, 2006 ??Rev. 6
logo
Cirrus Logic
CS5101A CIRRUS-CS5101A Datasheet
466Kb / 40P
   16-Bit, 100kHz/ 20kHz A/D Converters
CS5101A CIRRUS-CS5101A Datasheet
574Kb / 39P
   16-bit, 100 kSps / 20 kSps A/D Converters
CS5101A-AL8 CIRRUS-CS5101A-AL8 Datasheet
466Kb / 40P
   16-Bit, 100kHz/ 20kHz A/D Converters
More results

Similar Description - CS5106LSW24

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2014 DIODES-AP2014_09 Datasheet
270Kb / 14P
   SYNCHRONOUS PWM CONTROLLER
AP2014/A Rev. 5
logo
ON Semiconductor
NCP3011 ONSEMI-NCP3011_15 Datasheet
369Kb / 28P
   Synchronous PWM Controller
September, 2015 ??Rev. 4
NCV3011DTBR2G ONSEMI-NCV3011DTBR2G Datasheet
412Kb / 28P
   Synchronous PWM Controller
June, 2011 ??Rev. 3
logo
Anachip Corp
AP2002 ANACHIP-AP2002 Datasheet
180Kb / 7P
   Synchronous PWM Controller
AP2007 ANACHIP-AP2007 Datasheet
181Kb / 7P
   Synchronous PWM Controller
logo
ON Semiconductor
NCP3012 ONSEMI-NCP3012 Datasheet
354Kb / 26P
   Synchronous PWM Controller
May, 2010 ??Rev. 0
NCV3020ADR2G ONSEMI-NCV3020ADR2G Datasheet
778Kb / 23P
   Synchronous PWM Controller
January, 2013 ??Rev. 6
NCP3030A ONSEMI-NCP3030A Datasheet
375Kb / 23P
   Synchronous PWM Controller
April, 2011 ??Rev. 1
logo
Anachip Corp
AP2003 ANACHIP-AP2003 Datasheet
132Kb / 6P
   Synchronous PWM Controller
logo
ON Semiconductor
NCP3020A ONSEMI-NCP3020A_10 Datasheet
759Kb / 23P
   Synchronous PWM Controller
November, 2010 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com