Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HIP9011ABT Datasheet(PDF) 7 Page - Intersil Corporation

Part # HIP9011ABT
Description  Engine Knock Signal Processor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP9011ABT Datasheet(HTML) 7 Page - Intersil Corporation

Back Button HIP9011ABT Datasheet HTML 3Page - Intersil Corporation HIP9011ABT Datasheet HTML 4Page - Intersil Corporation HIP9011ABT Datasheet HTML 5Page - Intersil Corporation HIP9011ABT Datasheet HTML 6Page - Intersil Corporation HIP9011ABT Datasheet HTML 7Page - Intersil Corporation HIP9011ABT Datasheet HTML 8Page - Intersil Corporation HIP9011ABT Datasheet HTML 9Page - Intersil Corporation HIP9011ABT Datasheet HTML 10Page - Intersil Corporation HIP9011ABT Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
FN4367.2
January 6, 2006
Circuit Block Description
Input Amplifiers
Two amplifiers can be selected to interface to the engine
sensors. These amplifiers have a typical open loop gain of
100dB, with a typical bandwidth of 2.6MHz. The common
mode input voltage range extends to within 0.5V of either
supply rail. The amplifier output has a similar output range.
Sufficient gain, bandwidth and output swing capability is
provided to ensure that the amplifier can handle
attenuation gain settings of 20 to 1 or -26dB. This would be
needed when high peak output signals, in the range of
8VRMS are obtained from the transducer. Gain settings of
10 times can also be needed when the transducers have
output levels of 5mVRMS.
In a typical application the input signal frequency may vary
from 1kHz to 20kHz. External capacitors are used to
decouple the IC from the sensor (C1 and C2) refer to
Figure 4. A typical value of the capacitor would be 3.3nF.
Series input resistors, R1 and R2, are used to connect the
inverting inputs of the amplifiers, (pins 19 and 16.)
Feedback resistors, R3 and R4, in conjunction with R3 and
R4 are used to set the gain of the amplifiers.
A mid voltage level is generated internally within the IC. This
level is set to be half way between VDD and ground.
Throughout the IC this level is used as a quiet, DC reference
for the signal processing circuits within the IC. This point is
brought out for several reasons, it can be used as a
reference voltage, and it must be bypassed to insure that it
remains as a quiet reference for the internal circuitry.
The input amplifiers are designed with power down
capability, which, when activated disables their bias circuit
and their output goes into a three-state state condition. This
is utilized during the diagnostic mode, in which the output
terminals of the amplifiers are driven by the outside world
with various test signals.
Antialiasing Filter
The IC has a 3rd order Butterworth filter with a 3dB point at
70kHz. Double poly capacitors and implanted resistors are
used to set poles in the filter. This filter is required to have no
more than 1dB attenuation at 20kHz (highest frequency off
interest) and a minimum attenuation of 10dB at 180kHz. This
filter precedes the switch capacitor filter stages which run at
the system frequency of 200kHz.
Programmable Gain Stage
The gains for two identical programmable gain stages can
be adjusted, so that the knock energies can be
compensated if needed. This adjustment can be made with
64 different gain settings, ranging between 2 and 0.111.
The signals can swing between 20 to 80 percent of VDD.
Programming is discussed in the SPI Communications
Protocol section.
Programmable Bandpass Filter
Two identical programmable filters are used to detect the
frequencies of interest. The Band Pass Filter (BPF) is
programmed to pass the frequency component of the engine
knock. The filter frequency is established by the characteristics
of the particular engine and transducer. By integrating the
rectified outputs from these two filters at the INTEGRATOR
stage, a knock can be detected if it has occurred.
The filters have a nominal differential gain of 4. Their
frequency is set by a programmable word (discussed in the
SPI Communications Protocol section.) Center frequencies
can be programed from 1.22kHz to 19.98kHz, in 64 steps.
The filter Qs are typically 2.4.
Active Full Wave Rectifier
The output of the bandpass filters are unity gain buffered prior
to full wave rectification using switch capacitor techniques.
Each side of the rectifier circuit provides both negative and
positive values of the knock frequency bandpass frequency
filter outputs. The output is able to swing from 20 to 80 percent
of VDD. Care was taken to minimize the RMS variations from
input to output of this stage.
Programmable Integrator Stage
The signals from the rectifier stage are separated into 2 output
signal paths which are then integrated together. A differential
system is used to minimize noise. One side integrates the
positive energy value from the Knock Frequency Rectifier.
The second side does the integration of the negative energy
value. The positive and negative energy signals are opposite
phase signals. Using this technique reduces system noise
from affecting the actual signal.
The integrator time constant is software programmable by
the Integrator Time Constant discussed in the
Communications Protocol section. The time constant can be
programmed from 40
µs to 600µs, with a total of 32 steps. If
for example, we program a time constant to 200
µs, then with
one volt difference between each channel, the output of the
integrator will change by volt in 200
µs.
SENSOR
R1
C1
R3
19
20
VMID
18
FIGURE 4. INPUT AMPLIFIER CONNECTIONS
-
+
SENSOR
R2
C2
R4
16
15
VMID
17
-
+
HIP9011


Similar Part No. - HIP9011ABT

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP9011AB INTERSIL-HIP9011AB Datasheet
76Kb / 11P
   Engine Knock Signal Processor
HIP9011AB INTERSIL-HIP9011AB Datasheet
245Kb / 11P
   Engine Knock Signal Processor
HIP9011AB INTERSIL-HIP9011AB Datasheet
251Kb / 11P
   Engine Knock Signal Processor
January 6, 2006
logo
Renesas Technology Corp
HIP9011AB RENESAS-HIP9011AB Datasheet
537Kb / 11P
   Engine Knock Signal Processor
logo
Intersil Corporation
HIP9011ABZ INTERSIL-HIP9011ABZ Datasheet
245Kb / 11P
   Engine Knock Signal Processor
More results

Similar Description - HIP9011ABT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HIP9011 RENESAS-HIP9011 Datasheet
537Kb / 11P
   Engine Knock Signal Processor
logo
Intersil Corporation
HIP9011 INTERSIL-HIP9011 Datasheet
76Kb / 11P
   Engine Knock Signal Processor
HIP9011 INTERSIL-HIP9011_06 Datasheet
245Kb / 11P
   Engine Knock Signal Processor
HIP9011ABZT INTERSIL-HIP9011ABZT Datasheet
251Kb / 11P
   Engine Knock Signal Processor
January 6, 2006
HIP9010 INTERSIL-HIP9010 Datasheet
81Kb / 12P
   Engine Knock Signal Processor
logo
BOSER Technology Co., L...
HS-2607 BOSER-HS-2607_1 Datasheet
5Mb / 72P
   Eden processor Embedded Engine Board
logo
Texas Instruments
TMS320C6412 TI-TMS320C6412 Datasheet
1Mb / 159P
[Old version datasheet]   Signal Processor
logo
BOSER Technology Co., L...
HS-2608 BOSER-HS-2608_2 Datasheet
3Mb / 84P
   ULV Intel짰 Celeron짰 Processor Embedded Engine Board
HS-2606 BOSER-HS-2606_2 Datasheet
5Mb / 78P
   ULV Intel짰 Celeron짰 processor Embedded Engine Board
logo
Texas Instruments
MSP50C614 TI-MSP50C614 Datasheet
122Kb / 9P
[Old version datasheet]   MIXED-SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com