Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HEDL-9040 Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # HEDL-9040
Description  Available on Both Encoder Modules (HEDS-9000 Series) and Encoder Kit Housing (HEDS-5500 Series)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HEDL-9040 Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  HEDL-9040 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HEDL-9040 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HEDL-9040 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HEDL-9040 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Parameter
Characteristic
Notes
Termination
10 conductor ribbon cable with10 position IDC
connector
See pinout
Electrical Outputs
Complementary outputs: A, A, B, B, I, I
I and I available only on three
channel encoders
Line Driver Components
AM26C31Q line driver IC, decoupling
capacitor on PC board.
Operating Temperature Range
-40°C to 100° C
100° C Series
Storage Temperature
-40°C to 100° C
100° C Series
Description
Line Drivers are available for the HEDS-55xx/56xx series
and the HEDS-9000/9100/9200/9040/9140 series encod-
ers. The line driver offers enhanced performance when
the encoder is used in noisy environments, or when it is
required to drive long distances.
The encoder line driver utilizes an industry standard line
driver IC, AM26C31Q, which provides complementary
outputs for each encoder channel. Thus, the output
of the line driver encoder is A, A, B, B and I/I for three
channel versions. Suggested line receivers are 26LS32
and 26LS33.
For additional information, please refer to:
HEDS-5500/5540/5600/5640 data sheet,
HEDS-90x0/91x0/92x0 data sheets,
HEDS-9000 series extended resolution data sheet, and
AM26C31Q data sheet.
Features
• Available on Both Encoder Modules (HEDS-9000 Se-
ries) and Encoder Kit Housing (HEDS-5500 Series)
• Complementary Outputs
• Industry Standard Line Driver IC
• Single 5 V Supply
• Onboard Bypass Capacitor
Note: Avago Technologies encoders are not recommended for use in
safety critical applications. Eg. ABS braking systems, power steering,
life support systems and critical care medical equipment. Please con-
tact sales representative if more clarification is needed.
Device Characteristics
HEDL-550x/554x, HEDL-560x/564x,
HEDL-9000/9100, HEDL-9040/9140/ 92xx
Encoder Line Drivers
Data Sheet
ESD WARNING: NORMAL HANDLING PRECAUTIONS SHOULD BE TAKEN TO AVOID STATIC DISCHARGE.


Similar Part No. - HEDL-9040

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HEDL-9040 AVAGO-HEDL-9040 Datasheet
123Kb / 4P
   Encoder Line Drivers
logo
Agilent(Hewlett-Packard...
HEDL-9040 HP-HEDL-9040 Datasheet
73Kb / 4P
   Encoder Line Drivers
HEDL-9040-B00 HP-HEDL-9040-B00 Datasheet
79Kb / 4P
   Encoder Line Drivers
More results

Similar Description - HEDL-9040

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HEDS-974 HP-HEDS-974 Datasheet
224Kb / 7P
   Agilent HEDS-974x Series for 180, 300, 360 LPI Small Optical Encoder Modules
logo
Integrated Device Techn...
R11F IDT-R11F Datasheet
104Kb / 2P
   Encoder on FPGA
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-973X AVAGO-HEDS-973X Datasheet
634Kb / 11P
   Small Optical Encoder Modules
HEDS-978X AVAGO-HEDS-978X Datasheet
551Kb / 7P
   Small Optical Encoder Modules
logo
CML Microcircuits
DB1065 CMLMICRO-DB1065 Datasheet
552Kb / 23P
   CTCSS Encoder / Decoder Development Kit
logo
Broadcom Corporation.
HEDS-8988 BOARDCOM-HEDS-8988 Datasheet
1Mb / 15P
   Magnetic Encoder IC Programming Kit
logo
Vishay Siliconix
RAMK033 VISHAY-RAMK033 Datasheet
180Kb / 7P
   Rotational Absolute Magnetic Kit Encoder Version 33 LP and HP Displacement Sensor
Revision: 15-Dec-17
logo
List of Unclassifed Man...
TXE-315-KH2 ETC2-TXE-315-KH2 Datasheet
445Kb / 11P
   KH2 SERIES TRANSMITTER / ENCODER
logo
AVAGO TECHNOLOGIES LIMI...
HEDL-5500 AVAGO-HEDL-5500 Datasheet
93Kb / 2P
   Motion Sensing Products, Optical Encoder Modules
logo
List of Unclassifed Man...
BX-5-ICV-ICV-P25-P25 ETC2-BX-5-ICV-ICV-P25-P25 Datasheet
207Kb / 4P
   BEI ELECTRONIC MODULES Encoder Signal Broadcaster
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com