Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELJRF43NFB Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ELJRF43NFB
Description  Chip Inductors High Frequency Use (Non Magnetic Core)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELJRF43NFB Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ELJRF43NFB Datasheet HTML 1Page - Panasonic Semiconductor ELJRF43NFB Datasheet HTML 2Page - Panasonic Semiconductor ELJRF43NFB Datasheet HTML 3Page - Panasonic Semiconductor ELJRF43NFB Datasheet HTML 4Page - Panasonic Semiconductor ELJRF43NFB Datasheet HTML 5Page - Panasonic Semiconductor ELJRF43NFB Datasheet HTML 6Page - Panasonic Semiconductor ELJRF43NFB Datasheet HTML 7Page - Panasonic Semiconductor ELJRF43NFB Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Fixed Inductors (Chip Inductors)
123456789
10
11
Shape
Size : mm (inch)
Product code
Inductance
Packaging Design No.
Taping
Inductance tolerance
F
Chip Inductors
RF
RE
1005 (0402)
1608 (0603)
1.5 nH
10 nH
220 nH
1N5
10N
R22
±0.2 nH
±0.3 nH
±2 %
±5 %
Z
D
G
J
123456789
10
11
Chip Inductors
High Frequency Use (Non Magnetic Core)
Type:
ELJRF
ELJRE
Features
● High frequency capability due to its non magnetic core.
● Capable of being Re-flow or flow soldered.
● Unique Ceramic Core/Laser-cut Technology.
● Non polarity product.
● Good for mounting.
● RoHS compliant
Recommended Applications
● RF circuitry for cellular phones and wireless communication equipment.
Explanation of Part Numbers
■Storage Conditions
● Package
: Normal temperature (–5 to 35 °C), normal humidity (85 %RH max.), shall not be exposed to
direct sunlight and harmful gases and care should be taken so as not to cause dew.
● Operating Temperature : –40 to +85 °C
■Storage Period
● Solderability may be reduced due to the conditions of high temperature and high humidity which causes the oxidation
of tin-plated terminals. Even if storage conditions are within specified limits, solderability may be reduced with the
passage of time. Therefore, please control the storage conditions and try to use the product within 6 months of receipt.
■Packaging Methods, Soldering Conditions and Safety Precautions
Please see Data Files.
Nov. 2013
02
2


Similar Part No. - ELJRF43NFB

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELJRF43NFB PANASONIC-ELJRF43NFB Datasheet
162Kb / 8P
   High Frequency Use Non Magnetic Core RF RE ND NC NA
ELJRF43NFB PANASONIC-ELJRF43NFB Datasheet
203Kb / 8P
   Chip Inductors High Frequency Use (Non Magnetic Core)
ELJRF43NFB PANASONIC-ELJRF43NFB Datasheet
162Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJRF43NFB PANASONIC-ELJRF43NFB Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJRF43NFB PANASONIC-ELJRF43NFB Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
More results

Similar Description - ELJRF43NFB

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELJ-RE33NJFA PANASONIC-ELJ-RE33NJFA Datasheet
203Kb / 8P
   Chip Inductors High Frequency Use (Non Magnetic Core)
ELJ-FA3R9KF PANASONIC-ELJ-FA3R9KF Datasheet
203Kb / 8P
   Chip Inductors High Frequency Use (Non Magnetic Core)
ELJ-RF5N6DFB PANASONIC-ELJ-RF5N6DFB Datasheet
203Kb / 8P
   Chip Inductors High Frequency Use (Non Magnetic Core)
ELJ-EA331KF PANASONIC-ELJ-EA331KF Datasheet
203Kb / 8P
   Chip Inductors High Frequency Use (Non Magnetic Core)
ELJ-NCR18JF PANASONIC-ELJ-NCR18JF Datasheet
162Kb / 8P
   High Frequency Use (Non Magnetic Core)
ELJRF1N0FB PANASONIC-ELJRF1N0FB Datasheet
162Kb / 8P
   High Frequency Use Non Magnetic Core RF RE ND NC NA
ELJNDR10JF PANASONIC-ELJNDR10JF Datasheet
92Kb / 5P
   1. High Frequency Use (Non Magnetic Core) RF, ND, NC, NA
ELJRF10NJFB PANASONIC-ELJRF10NJFB Datasheet
162Kb / 8P
   High Frequency Use (Non Magnetic Core) RF, RE, ND, NC, NA RoHS compliant
logo
TRIAD MAGNETICS
RC-2 TRIAD-RC-2_13 Datasheet
104Kb / 1P
   Switchmode/ High Frequency Rod Core Inductors
RC-3 TRIAD-RC-3_13 Datasheet
104Kb / 1P
   Switchmode/ High Frequency Rod Core Inductors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com