Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H11G2SM Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # H11G2SM
Description  High Voltage Photodarlington Optocouplers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

H11G2SM Datasheet(HTML) 2 Page - Fairchild Semiconductor

  H11G2SM Datasheet HTML 1Page - Fairchild Semiconductor H11G2SM Datasheet HTML 2Page - Fairchild Semiconductor H11G2SM Datasheet HTML 3Page - Fairchild Semiconductor H11G2SM Datasheet HTML 4Page - Fairchild Semiconductor H11G2SM Datasheet HTML 5Page - Fairchild Semiconductor H11G2SM Datasheet HTML 6Page - Fairchild Semiconductor H11G2SM Datasheet HTML 7Page - Fairchild Semiconductor H11G2SM Datasheet HTML 8Page - Fairchild Semiconductor H11G2SM Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
©2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
H11G1M, H11G2M, H11G3M Rev. 1.0.4
2
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability.
The absolute maximum ratings are stress ratings only.
Symbol
Parameter
Value
Units
TOTAL DEVICE
TSTG
Storage Temperature
-40 to +150
°C
TOPR
Operating Temperature
-40 to +100
°C
TSOL
Lead Solder Temperature (Wave Solder)
260 for 10 sec
°C
PD
Total Device Power Dissipation @ TA = 25°C
260
mW
Derate Above 25°C
3.5
mW/°C
EMITTER
IF
Forward Input Current
60
mA
VR
Reverse Input Voltage
6.0
V
IF(pk)
Forward Current – Peak (1µs pulse, 300pps)
3.0
A
PD
LED Power Dissipation @ TA = 25°C
100
mW
Derate Above 25°C
1.8
mW/°C
DETECTOR
VCEO
Collector-Emitter Voltage
V
H11G1M
100
H11G2M
80
H11G3M
55
PD
Photodetector Power Dissipation @ TA = 25°C
200
mW
Derate Above 25°C
2.67
mW/°C


Similar Part No. - H11G2SM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
H11G2S FAIRCHILD-H11G2S Datasheet
402Kb / 7P
   HIGH VOLTAGE PHOTODARLINGTON OPTOCOUPLERS
H11G2SD FAIRCHILD-H11G2SD Datasheet
402Kb / 7P
   HIGH VOLTAGE PHOTODARLINGTON OPTOCOUPLERS
H11G2SR2M FAIRCHILD-H11G2SR2M Datasheet
248Kb / 9P
   High Voltage Photodarlington Optocouplers
More results

Similar Description - H11G2SM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MCA11G1 ETC1-MCA11G1 Datasheet
139Kb / 4P
   HIGH VOLTAGE PHOTODARLINGTON OPTOCOUPLERS
logo
Fairchild Semiconductor
H11G1M FAIRCHILD-H11G1M Datasheet
139Kb / 8P
   High Voltage Photodarlington Optocouplers
H11G1 FAIRCHILD-H11G1 Datasheet
402Kb / 7P
   HIGH VOLTAGE PHOTODARLINGTON OPTOCOUPLERS
H11G2SR2M FAIRCHILD-H11G2SR2M Datasheet
248Kb / 9P
   High Voltage Photodarlington Optocouplers
H11B1S FAIRCHILD-H11B1S Datasheet
164Kb / 8P
   PHOTODARLINGTON OPTOCOUPLERS
CNX48U FAIRCHILD-CNX48U Datasheet
158Kb / 8P
   PHOTODARLINGTON OPTOCOUPLERS
logo
QT Optoelectronics
CNX48U QT-CNX48U Datasheet
140Kb / 7P
   PHOTODARLINGTON OPTOCOUPLERS
logo
ON Semiconductor
H11G1M ONSEMI-H11G1M Datasheet
397Kb / 10P
   6-Pin DIP High Voltage Photodarlington Optocouplers
July, 2020 ??Rev. 2
logo
QT Optoelectronics
MOC8030 QT-MOC8030 Datasheet
53Kb / 4P
   PHOTODARLINGTON OPTOCOUPLERS Preliminary
H11B815 QT-H11B815 Datasheet
53Kb / 4P
   4-PIN PHOTODARLINGTON OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com