Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N4100 Datasheet(PDF) 2 Page - Digitron Semiconductors

Part # 1N4100
Description  SILICON 500mW
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

1N4100 Datasheet(HTML) 2 Page - Digitron Semiconductors

  1N4100 Datasheet HTML 1Page - Digitron Semiconductors 1N4100 Datasheet HTML 2Page - Digitron Semiconductors 1N4100 Datasheet HTML 3Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
D I G I T R O N S E M I C O N D U C T O R S
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
fax +1.908.245-0555
sales@digitroncorp.com
www.digitroncorp.com
Rev.20120911
1N4099-1N4135 & 1N4614-1N4627
SILICON 500mW
LOW NOISE ZENER DIODES
ELECTRICAL CHARACTERISTICS @ 25°C
Nominal
Zener
Voltage
VZ @ lZT
(Note 1)
Zener
Test
Current
lZT
Maximum
Zener
Impedance
ZZT
(Note 2)
Maximum
Reverse
Current
lZ @ VR
Maximum
Noise
Density
ND @ lZT
Maximum
Zener
Current
lZM
(Note 3)
Maximum
Temp. Coeff.
Of Zener
Voltage
αVZ
Jedec Type
No.
Volts
μA
Ohms
μA
Volts
μV/√HZ
mA
%/°C
1N4128
60
250
400
.01
45.60
40
6.4
0.100
1N4129
62
250
500
.01
47.10
40
6.1
0.100
1N4130
68
250
700
.01
51.68
40
5.6
0.100
1N4131
75
250
700
.01
57.00
40
5.1
0.100
1N4132
82
250
800
.01
62.32
40
4.6
0.100
1N4133
87
250
1000
.01
66.12
40
4.4
0.100
1N4134
91
250
1200
.01
69.16
40
4.2
0.100
1N4135
100
250
1500
.01
76.00
40
3.8
0.100
Note 1:
No suffix shows a standard tolerance of +/- 5% on the nominal zener voltage. Also available in 2% and 1% tolerance, suffix C and D
respectively. VZ is measured with the diode in thermal equilibrium in 25°C still air.
Note 2:
Zener impedance is derived by superimposing on lZT, a 60Hz rms a.c. current equal to 10% of lZT (25μA a.c.)
Note 3:
Based upon 400mW maximum power dissipation at 75°Clead temperature, allowance has been made for the higher voltage associated with
operation at higher currents.
MECHANICAL CHARACTERISTICS
Case:
Glass DO-35
Thermal Resistance:
200°C/W junction to lead at 0.375” from body in DO-35.
Metallurgically bonded DO-35’s exhibit less than 100°C/W
at zero distance from body
Polarity:
Cathode band
Available Non-RoHS (standard) or RoHS compliant (add PBF suffix)
Available as “HR” (high reliability) screened per MIL-PRF-19500, JANTX level. Add “HR” suffix to base part number
Dimensions
1N4099-1N4135
1N4614-1N4627 DO-35
Inches
Millimeters
Ltr.
Min
Max
Min
Max
BD
0.055
0.090
1.400
2.290
BL
0.120
0.200
3.050
5.080
LD
0.018
0.022
0.460
0.560
LL
1.000
1.500
25.400
38.100


Similar Part No. - 1N4100

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
1N4100 CDI-DIODE-1N4100 Datasheet
98Kb / 2P
   LOW CURRENT OPERATION AT 250 uA
logo
Micro Commercial Compon...
1N4100 MCC-1N4100 Datasheet
201Kb / 5P
   500mW Silicon Zener Diodes
logo
Knox Semiconductor, Inc
1N4100 KNOX-1N4100 Datasheet
37Kb / 1P
   LOW LEVEL ZENER DIODES LOW CURRENT: 250關A - LOW NOISE
logo
Microsemi Corporation
1N4100 MICROSEMI-1N4100 Datasheet
86Kb / 2P
   SILICON 500mA LOW NOISE ZENER DIODES
1N4100 MICROSEMI-1N4100 Datasheet
109Kb / 2P
   SILICON 400mA LOW NOISE ZENER DIODES
More results

Similar Description - 1N4100

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
1N746 JGD-1N746 Datasheet
199Kb / 2P
   500mW SILICON ZENER DIODES
logo
Shanghai Lunsure Electr...
BZX79C2V4 CHENYI-BZX79C2V4 Datasheet
97Kb / 4P
   500mW Silicon Zener Diodes
logo
Micro Commercial Compon...
1N4614 MCC-1N4614 Datasheet
265Kb / 5P
   500mW Silicon Zener Diodes
1N4614 MCC-1N4614_12 Datasheet
201Kb / 5P
   500mW Silicon Zener Diodes
1N4151 MCC-1N4151_13 Datasheet
313Kb / 4P
   500mW Silicon Switching Diode
logo
Microsemi Corporation
1N753A MICROSEMI-1N753A Datasheet
75Kb / 2P
   SILICON 500MW ZENER DIODES
logo
Micro Commercial Compon...
MMSZ4678-TP MCC-MMSZ4678-TP Datasheet
346Kb / 5P
   500mW Silicon Zener Diodes
LLZ2V4 MCC-LLZ2V4 Datasheet
630Kb / 6P
   500mW Silicon Zener Diodes
DL4678 MCC-DL4678 Datasheet
432Kb / 5P
   500mW Silicon Zener Diodes
logo
Digitron Semiconductors
1N957B DIGITRON-1N957B Datasheet
196Kb / 3P
   500mW SILICON ZENER DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com