Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N5280 Datasheet(PDF) 2 Page - Digitron Semiconductors

Part # 1N5280
Description  SILICON ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

1N5280 Datasheet(HTML) 2 Page - Digitron Semiconductors

  1N5280 Datasheet HTML 1Page - Digitron Semiconductors 1N5280 Datasheet HTML 2Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
1N5221 - 1N5281
SILICON ZENER DIODES
ELECTRICAL CHARACTERISTICS @ 25°C
Max Reverse Leakage Current
Max Zener Impedance
A&B Suffix Only(2)
A, B, & D Suffix
Only
Non Suffix
IR
VR
µA
@
Volts
Part Number
(1)
Nominal
Zener
Voltage
VZ @ IZT
Volts
Test
Current
IZT
mA
ZZT @ IZT
Ohms
ZZT @
IZK=0.25mA
Ohms
A
B,C&D
IR @ VR Used For
Suffix A
µA
Max Zener Voltage
Temp. Coeff.
(A&B Suffix Only)
αVZ (%/°C)(3)
1N5271
1N5272
1N5273
1N5274
1N5275
100
110
120
130
140
1.3
1.1
1.0
0.95
0.90
500
750
900
1100
1300
2600
3000
4000
4500
4500
0.1
0.1
0.1
0.1
0.1
72
80
86
94
101
76
84
91
99
106
10
10
10
10
10
+0.110
+0.110
+0.110
+0.110
+0.110
1N5276
1N5277
1N5278
1N5279
1N5280
1N5281
150
160
170
180
190
200
0.85
0.80
0.74
0.68
0.66
0.65
150
170
190
2200
2400
2500
5000
5500
5500
6000
6500
7000
0.1
0.1
0.1
0.1
0.1
0.1
108
116
123
130
137
144
114
122
129
137
144
152
10
10
10
10
10
10
+0.110
+0.110
+0.110
+0.110
+0.110
+0.110
NOTE 1: The electrical characteristics are measured after allowing the device to stabilize for 20 seconds when mounted with a 3/8” minimum lead length from the case.
NOTE 2: The zener impedance is derived from the 60HZ ac voltage, which results when an ac current having an r.m.s. value equal to 10% of the DC zener current
(IZT or I ZK) is superimposed on IZT or I ZK. Zener impedance is measured at two points to insure a sharp knee on the breakdown curve, thereby eliminating unstable units.
NOTE 3: Temperature coefficient (αVZ). Test conditions for temperature coefficient are a follows:
a.
IZT = 7.5 mA, T1 = 25°C,
T2 = 125°C (1N5221A, thru 1N5242A, B.)
b.
IZT = Rated IZT, T1 = 25°C,
T2 = 125°C (1N5243A, B thru 1N5281A, B.)
Device to be temperature stabilized with current applied prior to reading breakdown voltage at the specified ambient temperature.
MECHANICAL CHARACTERISTICS
CASE:
Glass
MARKING:
Body painted, alpha-numeric
POLARITY:
Cathode band
Dimensions
1N5221-1N5281 DO-35
Inches
Millimeters
Min
Max
Min
Max
BD
-
0.080
-
2.030
BL
-
0.175
-
4.440
LD
0.018
0.022
0.457
0.559
LL
1.000
-
25.400
-
Available Non-RoHS (standard) or RoHS compliant (add PBF suffix).
Available as “HR” (high reliability) screened per MIL-PRF-19500, JANTX level. Add “HR” suffix to base part number.
Part numbers listed indicate a tolerance of ±20% with guaranteed limits on only, VZ, IR and VF.
Devices with guaranteed limits on all six parameters are indicated by suffix A for ±10% tolerance, suffix B for a ±5%
tolerance, suffix C for a 2% tolerance and suffix D for a 1% tolerance.
sales@digitroncorp.com
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20120712


Similar Part No. - 1N5280

ManufacturerPart #DatasheetDescription
logo
Seme LAB
1N5280 SEME-LAB-1N5280 Datasheet
15Kb / 2P
   ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
logo
New Jersey Semi-Conduct...
1N5280 NJSEMI-1N5280 Datasheet
89Kb / 1P
   SILICON 500mW ZENER DIODES
logo
Semtech Corporation
1N5280 SEMTECH-1N5280 Datasheet
296Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Microsemi Corporation
1N5280 MICROSEMI-1N5280 Datasheet
199Kb / 3P
   500 mW GLASS AXIAL-LEAD ZENER DIODES
logo
Shanghai Lunsure Electr...
1N5280 CHENYI-1N5280 Datasheet
66Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
More results

Similar Description - 1N5280

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
BZX55C2V4 EIC-BZX55C2V4 Datasheet
28Kb / 2P
   SILICON ZENER DIODES
logo
Central Semiconductor C...
CMPZDC2V4 CENTRAL-CMPZDC2V4_15 Datasheet
395Kb / 2P
   SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
2EZ100D10 EIC-2EZ100D10_07 Datasheet
96Kb / 3P
   SILICON ZENER DIODES
logo
Pan Jit International I...
1SMB3EZ6.8 PANJIT-1SMB3EZ6.8 Datasheet
305Kb / 4P
   SILICON ZENER DIODES
logo
Semikron International
Z3SMC1 SEMIKRON-Z3SMC1_07 Datasheet
57Kb / 3P
   Zener silicon diodes
SZ3C1 SEMIKRON-SZ3C1_07 Datasheet
54Kb / 3P
   Zener silicon diodes
logo
EIC discrete Semiconduc...
2EZ2.7D10 EIC-2EZ2.7D10 Datasheet
53Kb / 3P
   SILICON ZENER DIODES
3EZ3.9D10 EIC-3EZ3.9D10 Datasheet
41Kb / 3P
   SILICON ZENER DIODES
Z043B EIC-Z043B Datasheet
111Kb / 2P
   SILICON ZENER DIODES
logo
Semikron International
3EZ1 SEMIKRON-3EZ1 Datasheet
42Kb / 1P
   Zener silicon diodes
logo
Continental Device Indi...
CLL957A CDIL-CLL957A Datasheet
287Kb / 3P
   SILICON ZENER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com