Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E69-FCA Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # E69-FCA
Description  Slim Incremental 50-mm-dia. Rotary Encoder
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E69-FCA Datasheet(HTML) 4 Page - Omron Electronics LLC

  E69-FCA Datasheet HTML 1Page - Omron Electronics LLC E69-FCA Datasheet HTML 2Page - Omron Electronics LLC E69-FCA Datasheet HTML 3Page - Omron Electronics LLC E69-FCA Datasheet HTML 4Page - Omron Electronics LLC E69-FCA Datasheet HTML 5Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
E6C2-C
4
Safety Precautions
Refer to Warranty and Limitations of Liability.
This product is not designed or rated for ensuring
safety of persons either directly or indirectly.
Do not use it for such purposes.
Do not use the Encoder under ambient conditions that exceed the
ratings.
● Wiring
Cable Extension Characteristics
• When the cable length is extended, the output waveform startup
time is lengthened and it affects the phase difference
characteristics of phases A and B. Conditions will change
according to frequency, noise, and other factors. As a guideline,
use a cable length of 10 m* or less. If the cable must be more than
2 m, use a Model with a Line-driver Output (max. length for line-
driver output: 100 m).
* Recommended Cable
Conductor cross section: 0.2 mm2
Spiral shield
Conductor resistance: 92
Ω/km max. (20°C)
Insulation resistance: 5
Ω/km min. (20°C)
• The output waveform startup time changes not only according to
the length of the cable, but also according to the load resistance
and the cable type.
• Extending the cable length not only changes the startup time, but
also increases the output residual voltage.
● Connection
Spurious pulses may be generated when power is turned ON and
OFF. Wait at least 0.1 s after turning ON the power to the Encoder
before using the connected device, and stop using the connected
device at least 0.1 s before turning OFF the power to the Encoder.
Also, turn ON the power to the load only after turning ON the power
to the Encoder.
(Unit: mm)
Dimensions
Tolerance class IT16 applies to dimensions in this datasheet unless otherwise specified.
Encoder
Accessories (Order Separately)
Servo Mounting Bracket
E69-2 (Three brackets in a set.)
Refer to Accessories for details.
WARNING
Precautions for Correct Use
E6C2-CWZ
@@
6 0
-0.021 dia.
25 0
-0.021
50 dia.
1
1.6
10
5
15
40
(6.59)
(60)
38 dia.
120˚
120˚
dia.
Three, M4
holes; Depth:
7 mm
Origin of Phase Z
5-dia. oil-resistant PVC-insulated shielded cable with 5 conductors
(line driver: 8 conductors)
(Conductor cross section: 0.2 mm
2, Insulator diameter: 1.0 mm),
Standard length: 2 m
Couplings
E69-C06B
E69-C68B
E69-C610B
E69-C06M
Flanges
E69-FCA
E69-FCA02


Similar Part No. - E69-FCA

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E69-FCA-02 OMRON-E69-FCA-02 Datasheet
70Kb / 4P
   Absolute Rotary Encoder
E69-FCA03 OMRON-E69-FCA03 Datasheet
215Kb / 16P
   Absolute Rotary Encoder
E69-FCA04 OMRON-E69-FCA04 Datasheet
215Kb / 16P
   Absolute Rotary Encoder
More results

Similar Description - E69-FCA

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E6C2CWZ3E-100PR2M OMRON-E6C2CWZ3E-100PR2M Datasheet
322Kb / 5P
   Slim Incremental 50-mm-dia. Rotary Encoder
E6B2-C OMRON-E6B2-C Datasheet
505Kb / 5P
   Incremental 40-mm-dia. Rotary Encoder
logo
Pepperl+Fuchs Inc.
TSI40N PF-TSI40N Datasheet
278Kb / 3P
   Incremental rotary encoder
TVI58N PF-TVI58N Datasheet
214Kb / 3P
   Incremental rotary encoder
20-2952 PF-20-2952 Datasheet
179Kb / 3P
   Incremental rotary encoder
ENI58IL-H PF-ENI58IL-H Datasheet
1Mb / 7P
   Incremental rotary encoder
THI40P-1CAK2R6TN-01024 PF-THI40P-1CAK2R6TN-01024 Datasheet
230Kb / 3P
   Incremental rotary encoder
TVI58N-01NKYR6TN-01000 PF-TVI58N-01NKYR6TN-01000 Datasheet
275Kb / 4P
   Incremental rotary encoder
MNI20N PF-MNI20N Datasheet
680Kb / 5P
   Incremental rotary encoder
MNI40N PF-MNI40N Datasheet
748Kb / 5P
   Incremental rotary encoder
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com