Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N5369B Datasheet(PDF) 2 Page - Digitron Semiconductors

Part # 1N5369B
Description  5 WATT ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

1N5369B Datasheet(HTML) 2 Page - Digitron Semiconductors

  1N5369B Datasheet HTML 1Page - Digitron Semiconductors 1N5369B Datasheet HTML 2Page - Digitron Semiconductors 1N5369B Datasheet HTML 3Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
1N5333B-1N5388B
5 WATT ZENER DIODES
ELECTRICAL CHARACTERISTICS
Type
Nominal
Zener
Voltage
VZ @ IZT
Volts
Zener
Test
Current
IZT
mA
Maximum
Zener
Impedance
ZZT @ IZT
Ohms
A,B,C
Maximum
Knee
Impedance
ZZK @ 1.0
mA
Ohms
Maximum
Reverse
Leakage
Current
IR @ VR
µA
Maximum
Reverse
Leakage
Current
Non & A
Suffix
Volts VR
Maximum
Reverse
Leakage
Current
B,C,D
Suffix
Volts VR
Maximum
Regulation
Voltage
rVZ
Volts
B,C,D
Maximum
Zener
Current
IZM
mA
Maximum
Surge
Current
IZSM
mA
1N5364B
33
40
10
150
0.5
23.8
25.1
0.60
144
3.5
1N5365B
36
30
11
160
0.5
25.9
27.4
0.65
132
3.3
1N5366B
39
30
14
170
0.5
28.1
29.7
0.65
122
3.1
1N5367B
43
30
20
180
0.5
31.0
32.7
0.70
110
2.8
1N5368B
47
25
25
210
0.5
33.8
35.8
0.80
100
2.7
1N5369B
51
25
27
230
0.5
36.7
38.8
0.90
93
2.5
1N5370B
56
20
35
280
0.5
40.3
42.6
1.00
86
2.3
1N5371B
60
20
40
350
0.5
43.0
45.5
1.20
79
2.2
1N5372B
62
20
42
400
0.5
44.6
47.1
1.35
76
2.1
1N5373B
68
20
44
500
0.5
49.0
51.7
1.50
70
2.0
1N5374B
75
20
45
620
0.5
54.0
56.0
1.60
63
1.9
1N5375B
82
15
65
720
0.5
59.0
62.2
1.80
58
1.8
1N5376B
87
15
75
760
0.5
63.0
66.0
2.00
54.5
1.7
1N5377B
91
15
75
760
0.5
63.5
69.2
2.20
52.5
1.6
1N5378B
100
12
90
800
0.5
72.0
76.0
2.30
47.5
1.5
1N5379B
110
12
125
1000
0.5
79.2
83.6
2.50
43.0
1.4
1N5380B
120
10
170
1150
0.5
84.6
91.2
2.50
39.5
1.3
1N5381B
130
10
190
1250
0.5
93.6
98.8
2.50
36.6
1.2
1N5382B
140
8
230
1500
0.5
101
106
2.50
34.0
1.2
1N5383B
150
8
330
1500
0.5
108
114
3.00
31.6
1.1
1N5384B
160
8
350
1650
0.5
115
122
3.00
29.4
1.1
1N5385B
170
8
380
1750
0.5
122
129
3.00
28.0
1.0
1N5386B
180
5
430
1750
0.5
130
137
4.00
26.4
1.0
1N5387B
190
5
450
1850
0.5
137
144
5.00
25.0
0.9
1N5388B
200
5
480
1850
0.5
144
152
5.00
23.6
0.8
Tolerance designation – non suffix = ±20%, A = ±10%, B = ±5%, C = ±2%, D = ±1%
MECHANICAL CHARACTERISTICS
Case:
Plastic
Marking:
Alpha-Numeric, Body Painted
Polarity:
Cathode Band
Dimensions
Inches
Millimeters
Min
Max
Min
Max
BD
0.130
0.145
3.31
3.68
BL
0.330
0.350
8.390
8.890
LD
0.038
0.042
0.970
1.060
LL
1.000
-
25.400
-
sales@digitroncorp.com
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20121010


Similar Part No. - 1N5369B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
1N5369B MOTOROLA-1N5369B Datasheet
87Kb / 6P
   5 WATT ZENER REGULATOR DIODES 3.3-200 VOLTS
logo
Microsemi Corporation
1N5369B MICROSEMI-1N5369B Datasheet
157Kb / 3P
   Silicon 5 Watt Zener Diodes
logo
Semikron International
1N5369B SEMIKRON-1N5369B Datasheet
51Kb / 2P
   Zener silicon diodes
logo
Yangzhou yangjie electr...
1N5369B YANGJIE-1N5369B Datasheet
447Kb / 5P
   Zener Diodes
logo
Pan Jit International I...
1N5369B PANJIT-1N5369B Datasheet
53Kb / 3P
   SILICON ZENER DIODES
More results

Similar Description - 1N5369B

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
1N5333 FCI-1N5333 Datasheet
100Kb / 3P
   5 Watt ZENER DIODES
logo
Compensated Deuices Inc...
1N6632US CDI-DIODE-1N6632US Datasheet
59Kb / 2P
   5 WATT ZENER DIODES
1N6632 CDI-DIODE-1N6632 Datasheet
27Kb / 2P
   5 WATT ZENER DIODES
logo
Microsemi Corporation
1N6632 MICROSEMI-1N6632 Datasheet
41Kb / 2P
   5 WATT ZENER DIODES
logo
Digitron Semiconductors
1N4954 DIGITRON-1N4954 Datasheet
200Kb / 3P
   5 WATT GLASS ZENER DIODES
logo
Microsemi Corporation
JAN1N4958 MICROSEMI-JAN1N4958 Datasheet
95Kb / 2P
   5 WATT GLASS ZENER DIODES
1N4954 MICROSEMI-1N4954 Datasheet
83Kb / 4P
   5 WATT GLASS ZENER DIODES
1N5342D MICROSEMI-1N5342D Datasheet
157Kb / 3P
   Silicon 5 Watt Zener Diodes
logo
Digitron Semiconductors
1N5968 DIGITRON-1N5968 Datasheet
132Kb / 2P
   5 WATT GLASS ZENER DIODES
logo
Microsemi Corporation
JANTX1N4965 MICROSEMI-JANTX1N4965 Datasheet
95Kb / 2P
   5 WATT GLASS ZENER DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com