Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E3SR31 Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # E3SR31
Description  Ideal for Detecting Glass Wafers and Other Transparent Objects
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3SR31 Datasheet(HTML) 1 Page - Omron Electronics LLC

  E3SR31 Datasheet HTML 1Page - Omron Electronics LLC E3SR31 Datasheet HTML 2Page - Omron Electronics LLC E3SR31 Datasheet HTML 3Page - Omron Electronics LLC E3SR31 Datasheet HTML 4Page - Omron Electronics LLC E3SR31 Datasheet HTML 5Page - Omron Electronics LLC E3SR31 Datasheet HTML 6Page - Omron Electronics LLC E3SR31 Datasheet HTML 7Page - Omron Electronics LLC E3SR31 Datasheet HTML 8Page - Omron Electronics LLC E3SR31 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
CSM_E3S-R_DS_E_5_1
Transparent Object Detection Sensor
E3S-R
Ideal for Detecting Glass
Wafers and Other Transparent
Objects
• Detects glass wafers and LCD glass circuit boards.
Be sure to read Safety Precautions on
page 7.
(Compact models with plastic housing only)
Ordering Information
Sensors
Compact Models with Plastic Housing (Refer to Dimensions on page 8.)
*1. Values in parentheses indicate the minimum required distance between the Sensor and Reflector.
*2. The E3S-R may not detect some glass wafer materials or plastic bottle shapes. Before using the E3S-R, be sure to test it on samples to make sure it can detect the
items reliably.
Sensing
method
Appear-
ance
Connec-
tion
method
Sensing distance
Model
Recommended application *2
Flat object
Cylindrical object
NPN
PNP
Detecting glass wafers
and LCD glass circuit
boards
Detecting plastic
bottles and other
transparent con-
tainers
Retro-
reflective
Pre-wired
(2 m)
E3S-R12 2M
---
Ideal
Ideal
Åñ1
E3S-R11 2M
E3S-R31 2M
Ideal
---
Standard
M12 Con-
nector
E3S-R17
---
Ideal
Ideal
Åñ1
E3S-R16
E3S-R36
Ideal
---
Pre-wired
(2 m)
E3S-R62 2M
---
Ideal
Ideal
Åñ1
E3S-R61 2M
E3S-R81 2M
Ideal
---
Standard
M12 Con-
nector
E3S-R67
---
Ideal
Ideal
E3S-R66
E3S-R86
Ideal
---
Red light
Infrared light
Horizontal
300 mm *1
[100 mm]
1 m *1
[100 mm]
300 mm *1
[100 mm]
1 m *1
[100 mm]
Vertical
300 mm *1
[100 mm]
1 m *1
[100 mm]
300 mm *1
[100 mm]
1 m *1
[100 mm]


Similar Part No. - E3SR31

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3S OMRON-E3S Datasheet
1Mb / 15P
   Photoelectric Sensor with Built-in Amplifier
E3S OMRON-E3S Datasheet
1Mb / 15P
   Photoelectric Sensor with Built-in Amplifier
E3S-2B4 OMRON-E3S-2B4 Datasheet
256Kb / 12P
   Photoelectric Sensor
E3S-2B4 OMRON-E3S-2B4 Datasheet
256Kb / 12P
   Photoelectric Sensor
E3S-2B41 OMRON-E3S-2B41 Datasheet
1Mb / 15P
   Photoelectric Sensor with Built-in Amplifier
More results

Similar Description - E3SR31

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3S-RS30B42-30 OMRON-E3S-RS30B42-30 Datasheet
841Kb / 11P
   Ideal for Detecting Glass Wafers and Other Transparent Objects
E3SCR62C OMRON-E3SCR62C Datasheet
349Kb / 7P
   Ideal for Detecting Transparent Glass and Plastic Containers
EE-SPX613 OMRON-EE-SPX613 Datasheet
110Kb / 5P
   An Ideal Photomicrosensor for Detecting Liquid Levels in Transparent Pipes
logo
Lumileds Lighting Compa...
PB173 LUMILEDS-PB173 Datasheet
1Mb / 2P
   Creating the ideal ambiance for restaurants and other hospitality venues
logo
Omron Electronics LLC
D5B5013 OMRON-D5B5013 Datasheet
436Kb / 5P
   Detects Objects in Multiple Directions with High Sensitivity, Ideal for Robotics
logo
Kingbright Corporation
APHBM2012LVBDZGKC KINGBRIGHT-APHBM2012LVBDZGKC Datasheet
316Kb / 6P
   Ideal for backlight and indicator
APB3025SYKQWDF-AMT KINGBRIGHT-APB3025SYKQWDF-AMT Datasheet
377Kb / 9P
   Ideal for backlight and indicator
APGA1602SEC KINGBRIGHT-APGA1602SEC Datasheet
229Kb / 5P
   Ideal for backlight and indicator
APGA1602SYC KINGBRIGHT-APGA1602SYC Datasheet
229Kb / 5P
   Ideal for backlight and indicator
APTB1612CGKQWDF-AMT KINGBRIGHT-APTB1612CGKQWDF-AMT Datasheet
373Kb / 9P
   Ideal for backlight and indicator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com