Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E2EC-X4D22M Datasheet(PDF) 8 Page - Omron Electronics LLC

Part # E2EC-X4D22M
Description  Subminiature Sensors with Long-distance Detection
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E2EC-X4D22M Datasheet(HTML) 8 Page - Omron Electronics LLC

  E2EC-X4D22M Datasheet HTML 1Page - Omron Electronics LLC E2EC-X4D22M Datasheet HTML 2Page - Omron Electronics LLC E2EC-X4D22M Datasheet HTML 3Page - Omron Electronics LLC E2EC-X4D22M Datasheet HTML 4Page - Omron Electronics LLC E2EC-X4D22M Datasheet HTML 5Page - Omron Electronics LLC E2EC-X4D22M Datasheet HTML 6Page - Omron Electronics LLC E2EC-X4D22M Datasheet HTML 7Page - Omron Electronics LLC E2EC-X4D22M Datasheet HTML 8Page - Omron Electronics LLC E2EC-X4D22M Datasheet HTML 9Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
E2EC
Accessories (Order Separately)
E2EC-CR5C1
5
*3
3
20
2.5
10
Two, 3.2 dia.
20
±0.2
*2
*1
35
400
12
3
±0.1 dia.
Detection indicator (red)
Two, 3.5-dia. mounting holes
*1. 4-dia. vinyl-insulated round cable with 3
conductors (Conductor cross section:
0.2 mm
2, Insulator diameter: 1.2 mm),
Standard length: 2 m
*2. The cable can be extended up to 50 m
(separate metal conduit).
*3. 1.2-dia shielded cable, Standard length:
400 mm
Mounting Hole Dimensions
E2EC-C2R5C1
20
3
2.5
10
Two, 3.2 dia.
*2
*1
35
400
18
8 dia.
20
±0.2
*3
5
Detection indicator (red)
*1. 4-dia. vinyl-insulated round cable with 3
conductors (Conductor cross section:
0.2 mm
2, Insulator diameter: 1.2 mm),
Standard length: 2 m
*2. The cable can be extended up to 50 m
(separate metal conduit).
*3. 2.5-dia shielded cable, Standard length:
400 mm
Two, 3.5-dia. mounting holes
Mounting Hole Dimensions
Model
F (mm)
E2EC-CR5C1
3.3
dia.
E2EC-C2R5C1
8.5
dia.
+0.3
0
+0.5
0
Mounting Hole Dimensions
F
Material: Stainless steel (SUS301)
Note: Provided with DC 2-Wire Models.
Mounting Bracket
Two, R1.6
3.2 dia.
6
8
3.3
3
1.3
5.5
5.5
1
2.5
3.5
5
5.4
±0.1
34.5±0.2
24.2
±0.1
Material: Stainless steel (SUS304)
Note: Used for E2EC-C1R5D
@ Head.
Mounting Bracket (for 5.4 dia.)
Y92E-F5R4
R2.6
5.3
0.4
5.6
14
10
3.2
4.2
22


Similar Part No. - E2EC-X4D22M

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2EC-X4D2 OMRON-E2EC-X4D2 Datasheet
719Kb / 9P
   Subminiature Sensors with Long-distance Detection
More results

Similar Description - E2EC-X4D22M

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2EC-CR5B1 OMRON-E2EC-CR5B1 Datasheet
719Kb / 9P
   Subminiature Sensors with Long-distance Detection
logo
Sharp Corporation
GP2S40 SHARP-GP2S40 Datasheet
48Kb / 4P
   Long Focal Distance, Subminiature Photointerrupter
logo
SICK AG
DL100-22AA2102 SICK-DL100-22AA2102 Datasheet
1Mb / 8P
   LONG RANGE DISTANCE SENSORS
DME4000-119 SICK-DME4000-119 Datasheet
1Mb / 6P
   LONG RANGE DISTANCE SENSORS
DME4000-314 SICK-DME4000-314 Datasheet
1Mb / 7P
   LONG RANGE DISTANCE SENSORS
DME4000-327 SICK-DME4000-327 Datasheet
1Mb / 7P
   LONG RANGE DISTANCE SENSORS
DME5000-123 SICK-DME5000-123 Datasheet
1Mb / 7P
   LONG RANGE DISTANCE SENSORS
DME5000-212 SICK-DME5000-212 Datasheet
1Mb / 7P
   LONG RANGE DISTANCE SENSORS
DL100-11AA2110 SICK-DL100-11AA2110 Datasheet
1Mb / 7P
   LONG RANGE DISTANCE SENSORS
DL100-12AA2101 SICK-DL100-12AA2101 Datasheet
1Mb / 6P
   LONG RANGE DISTANCE SENSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com