Electronic Components Datasheet Search |
|
3-1376386-4 Datasheet(PDF) 38 Page - Tyco Electronics |
|
3-1376386-4 Datasheet(HTML) 38 Page - Tyco Electronics |
38 / 98 page 172 Catalog 82181 Dimensions are in inches and Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-2103-6000 Revised 4-08 millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in brackets Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com are metric equivalents. to change. C. America: 52-55-1106-0803 UK: 44-8706-080-208 Universal MATE-N-LOK Connectors (Continued) AMP Soft Shell Pin and Socket Connectors Contacts Solid pin diameter .084 [2.13] Stock thickness .012 [.305] unless otherwise noted. These contacts can be used in either Universal MATE-N-LOK Plug or Cap housings only. Wire Size Ins. Dia. L Dim. Contact Part Numbers HDM Hand Tool Range Range Pin Socket Material & Finish Pin Socket Applicator Part No. AWG [mm2] Strip Form Loose Piece Strip Form Loose Piece Part No. 30-26 .032-.057 .790 .760 Brass, Pre-tin 350924-1 770672-1 350925-1 770673-1 466616-26 58439-1 [.05-.12] .813-1.45 20.06 19.30 Phos. Brz., Gold2 350924-6 770672-6 350925-6 — 466616-36 Brass, Pre-tin 350561-1 350690-1 350851-1 350689-11 350570-11 Brass, Gold2 350561-2 350690-2 350851-2 640347-2 466320-16 24-18 .040-.100 .790 .760 350570-21 350689-21 466320-26 91510-1 [.2-.8] 1.02-2.54 20.06 19.30 Brass, Select Gold3 350561-7 350690-7 350851-7 350689-71 466320-46 350570-71 Phos. Brz., Pre-tin 350561-3 350690-3 350570-31 350689-31 Phos. Brz., Select Gold3 —— 350570-61 — Brass, Pre-tin 350218-1 350547-1 350536-1 350550-1 20-14 .060-.130 .790 .760 Brass, Gold2 350218-2 350547-2 350536-2 350550-2 687763-16 [.5-2.0] 1.52-3.30 20.06 19.30 Brass, Select Gold3 350218-7 350547-7 350536-7 350550-7 687763-26 91500-1 Phos. Brz., Pre-tin 350218-3 350547-3 350536-3 350550-3 687763-66 Phos. Brz., Select Gold3 350218-6 350547-6 350536-6 350550-6 20-14 Brass, Pre-tin 350538-1 350552-1 350537-1 350551-1 [.5-2.0] .130-.200 .810 .780 Brass, Gold2 350538-2 350552-2 350537-2 350551-2 687926-16 91508-17 or 3.30-5.08 20.57 19.81 Brass, Select Gold3 350538-7 350552-7 350537-7 350551-7 687926-26 91506-17 2@18 Phos. Brz., Pre-tin 350538-3 350552-3 350537-3 350551-3 687926-66 [.8] Phos. Brz., Select Gold3 350538-6 350552-6 350537-6 350551-6 18-144 .130-.200 .810 .780 Brass, Pre-tin 350873-1 — 350874-1 — 466588-16 91508-17 466588-26 [.8-2.0] 3.30-5.08 20.57 19.81 Phos. Brz., Pre-tin 350873-3 350918-3 350874-3 350919-3 466588-36 91506-17 12-10 .200 max.5 .810 .780 Phos. Brz., Pre-tin 350922-3 640309-3 350923-3 640310-3 466597-16 [3.0-5.0] 5.08 20.57 19.81 Phos. Brz., Select Gold3 350922-6 640309-6 350923-6 640310-6 466597-26 69710-17 466597-36 1 Socket Contact — .010 [.254] stock thickness 2 Gold Finish — Plated with .000030 [.000762] min. gold in mating area and inside wire barrel over .000050 [.00127] min. nickel underplate on entire contact. 3 Select Gold Finish — Plated with .000030 [.000762] min. gold in mating area over .000050 [.00127] min. nickel underplate on entire contact. 4 Recommended for predominant use of 14 AWG wire. 5 There is no insulation barrel on this contact. Insulation maximum diameter is limited by the housing. 6 HDM Applicator part number ending in -1 is used on AMPOMATOR CLS Machine with T or G Terminators, -2 is used on AMP-O-LECTRIC Model K Machine, -3, -4 & -6 are used on AMP-O-LECTRIC Model G Machine. See pages 207-210 for further information. 7 Hand Tool No. 91508-1 is for wire size 20-18 AWG. Hand Tool No. 91506-1 is for wire size 16-14 AWG. Hand Tool No. 69710-1 use die set No. 58380-1 for 12 AWG and No. 58380-2 for 10 AWG. Note: Phosphor bronze material contacts should be used in high temperature/humidity cycling applications. Note: All part numbers are RoHS Compliant. Related Product Data Product Specification 108-1031 Universal MATE-N-LOK Connectors Application Specification 114-1010 Universal MATE-N-LOK Contacts Performance Characteristics— pages 169-170 Technical Documents— pages 169 and 205-206 Application Tooling— pages 207-210 Housings—page 174 Contact Insertion Tool (For inserting contacts applied to small diameter wire) Part No. 91002-1 IS 408-7347 Solid Pin Socket Contact Extraction Tool Part No. 318851-1 IS 408-4371 Contact Retention Test Tool Part No. 1586701-1 IS 408-10003 |
Similar Part No. - 3-1376386-4 |
|
Similar Description - 3-1376386-4 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |